Part Name
         Description
74VCX162245

 Low Voltage 16-Bit Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs and 26ohm Series Resistors in A Port Outputs ( 9 Page)


FAIRCHILD
100% 
Zoom Out Zoom In
   
 6 page
background image
www.fairchildsemi.com
6
Dynamic Switching Characteristics
Capacitance
Symbol
Parameter
Conditions
VCC
TA 25qC
Units
(V)
Typical
VOLP
Quiet Output Dynamic
CL 30 pF, VIH VCC, VIL 0V
1.8
0.25
V
Peak VOL, A to B
2.5
0.6
3.3
0.8
VOLP
Quiet Output Dynamic
CL 30 pF, VIH VCC, VIL 0V
1.8
0.15
V
Peak VOL, B to A
2.5
0.25
3.3
0.35
VOLV
Quiet Output Dynamic
CL 30 pF, VIH VCC, VIL 0V
1.8
0.25
V
Valley VOL, A to B
2.5
0.6
3.3
0.8
VOLV
Quiet Output Dynamic
CL 30 pF, VIH VCC, VIL 0V
1.8
0.15
V
Valley VOL, B to A
2.5
0.25
3.3
0.35
VOHV
Quiet Output Dynamic
CL 30 pF, VIH VCC, VIL 0V
1.8
1.5
V
Valley VOH, A to B
2.5
1.9
3.3
2.2
VOHV
Quiet Output Dynamic
CL 30 pF, VIH VCC, VIL 0V
1.8
1.55
V
Valley VOH, B to A
2.5
2.05
3.3
2.65
Symbol
Parameter
Conditions
TA 25qCUnits
CIN
Input Capacitance
VCC 1.8V, 2.5V, or 3.3V, VI 0V or VCC
6pF
CI/O
Output Capacitance
VI 0V, or VCC, VCC 1.8V, 2.5V or 3.3V
7
pF
CPD
Power Dissipation Capacitance
VI 0V or VCC, f 10 MHz
20
pF
VCC 1.8V, 2.5V or 3.3V
1  2  3  4  5  6  7  8  9 



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
F74ALVC16245Low Voltage 16-Bit Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74VCX16374Low Voltage 16-Bit D-Type Flip-Flop with 3.6V Tolerant Inputs and Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74ALVC16240Low Voltage 16-Bit Inverting Buffer/Line Driver with 3.6V Tolerant Inputs and Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74LCX16543Low Voltage 16-Bit Registered Transceiver with 5V Tolerant Inputs and Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74VCX32Low Voltage Quad 2-Input OR Gate with 3.6V Tolerant Inputs and Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74LCX16646Low Voltage 16-Bit Transceiver/Register with 5V Tolerant Inputs and Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74LCXZ16244Low Voltage 16-Bit Buffer/Line Driver with 5V Tolerant Inputs and Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74LCXH162244Low Voltage 16-Bit Buffer/Line Driver with Bushold and 26Ω Series Resistors in Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74LCX162244Low Voltage 16-Bit Buffer/Line Driver with 26ohm Series Resistors in Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74VCX16839Low Voltage 20-Bit Selectable Register/Buffer with 3.6V Tolerant Inputs and Outputs 1 2 3 4 5 MoreFairchild Semiconductor

Link URL

Sponsor of Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl