Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN26011A Datasheet(PDF) 7 Page - Panasonic Battery Group

Part # AN26011A
Description  LNA-IC for 800MHz / 450MHz Band Applications
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONICBATTERY [Panasonic Battery Group]
Direct Link  http://www.panasonic.com/industrial/batteries-oem/
Logo PANASONICBATTERY - Panasonic Battery Group

AN26011A Datasheet(HTML) 7 Page - Panasonic Battery Group

Back Button AN26011A_13 Datasheet HTML 3Page - Panasonic Battery Group AN26011A_13 Datasheet HTML 4Page - Panasonic Battery Group AN26011A_13 Datasheet HTML 5Page - Panasonic Battery Group AN26011A_13 Datasheet HTML 6Page - Panasonic Battery Group AN26011A_13 Datasheet HTML 7Page - Panasonic Battery Group AN26011A_13 Datasheet HTML 8Page - Panasonic Battery Group AN26011A_13 Datasheet HTML 9Page - Panasonic Battery Group AN26011A_13 Datasheet HTML 10Page - Panasonic Battery Group AN26011A_13 Datasheet HTML 11Page - Panasonic Battery Group Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
AN26011A
7
Ver. CEB
*1
μA
45
5
Current at CNT Pin
Voltage at CNT Pin = 2.80 V
IcntHT
CNT current
(High Gain mode)
*1
mA
15.5
11.5
Vcc current at High Gain mode
No input signal
IccHT
Supply current
(High Gain mode)
*1
μA
20
0
Vcc current at Low Gain mode
No input signal
IccLT
Supply current
(Low Gain mode)
*1
μA
20
0
Current at CNT Pin
Voltage at CNT Pin = 0 V
IcntLT
CNT current
(Low Gain mode)
DC electrical characteristics
Reference values
Typ
Unit
Max
Note
Min
Conditions
Symbol
Parameter
Note) *1 : Checked by design, not production tested.
APPLICATION INFORMATION (continued)
REFERENCE VALUES FOR DESIGN (continued)
Note) Vcc = 2.65 V to 2.95 V
Ta = -20
°C to 70°C, CW unless otherwise specified.
Performance based on application circuit 1 on page 11.


Similar Part No. - AN26011A_13

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN26011A PANASONIC-AN26011A Datasheet
395Kb / 16P
   LNA-IC for 800 MHz / 450 MHz Band Applications
More results

Similar Description - AN26011A_13

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJG1104KB2 NJRC-NJG1104KB2 Datasheet
273Kb / 12P
   800MHz BAND LNA GaAs MMIC
logo
Panasonic Battery Group
AN26031A PANASONICBATTERY-AN26031A Datasheet
393Kb / 16P
   Single Band LNA-IC for 2.5 GHz Band Applications
logo
Panasonic Semiconductor
AN26027A PANASONIC-AN26027A Datasheet
285Kb / 12P
   Single band LNA-IC for 600 MHz band applications
logo
New Japan Radio
NJG1106KB2 NJRC-NJG1106KB2 Datasheet
171Kb / 11P
   800MHz BAND LNA GaAs MMIC
logo
Panasonic Semiconductor
AN26011A PANASONIC-AN26011A Datasheet
395Kb / 16P
   LNA-IC for 800 MHz / 450 MHz Band Applications
logo
Panasonic Battery Group
AN26025A PANASONICBATTERY-AN26025A Datasheet
335Kb / 11P
   Ultra small, Single Band LNA-IC for 5 GHz Band Applications
AN26024A PANASONICBATTERY-AN26024A Datasheet
337Kb / 11P
   Ultra small, Single Band LNA-IC for 2.4 GHz Band Applications
AN26027A PANASONICBATTERY-AN26027A_13 Datasheet
337Kb / 12P
   Ultra small, Low NF, Single Band LNA-IC for 600 MHz Band Applications
logo
Panasonic Semiconductor
AN26018A PANASONIC-AN26018A Datasheet
335Kb / 14P
   LNA IC for UHF Band (400 MHz to 800 MHz) Applications
logo
Panasonic Battery Group
AN26032A PANASONICBATTERY-AN26032A Datasheet
348Kb / 11P
   Ultra small , Single Band LNA-IC with Band-limiting filter for 600 MHz Band Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com