Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LQP03TN4N7H04 Datasheet(PDF) 6 Page - Panasonic Battery Group

Part # LQP03TN4N7H04
Description  Ultra small, Single Band LNA-IC for 2.4 GHz Band Applications
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONICBATTERY [Panasonic Battery Group]
Direct Link  http://www.panasonic.com/industrial/batteries-oem/
Logo PANASONICBATTERY - Panasonic Battery Group

LQP03TN4N7H04 Datasheet(HTML) 6 Page - Panasonic Battery Group

Back Button LQP03TN4N7H04 Datasheet HTML 2Page - Panasonic Battery Group LQP03TN4N7H04 Datasheet HTML 3Page - Panasonic Battery Group LQP03TN4N7H04 Datasheet HTML 4Page - Panasonic Battery Group LQP03TN4N7H04 Datasheet HTML 5Page - Panasonic Battery Group LQP03TN4N7H04 Datasheet HTML 6Page - Panasonic Battery Group LQP03TN4N7H04 Datasheet HTML 7Page - Panasonic Battery Group LQP03TN4N7H04 Datasheet HTML 8Page - Panasonic Battery Group LQP03TN4N7H04 Datasheet HTML 9Page - Panasonic Battery Group LQP03TN4N7H04 Datasheet HTML 10Page - Panasonic Battery Group Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
AN26024A
6
Ver. CEB
AC electrical characteristics
*1
dB
–4.5
–7
–9.8
Low-Gain mode
PRX = –20 dBm
GLTa
Power Gain LG
*1,*2
dB
2.0
1.0
High-Gain mode
NFHTa
Noise Figure HG
*1,*2
dB
10.2
7
Low-Gain mode
NFLTa
Noise Figure LG
*1
dBm
4
–2.3
High-Gain mode
f1 = fRX – 10 MHz
f2 = fRX – 20 MHz
Input 2 signals (f1, f2)
IIP3H1Ta
IIP3
–10 MHz offset HG
*1
dB
19.8
17
14.3
High-Gain mode
GHTa
Power Gain HG
*1
dBm
4
–2.3
High-Gain mode
f1 = fRX + 10 MHz
f2 = fRX + 20 MHz
Input 2 signals (f1, f2)
IIP3H2Ta
IIP3
+10 MHz offset HG
*1
dBm
–13
–23.6
High-Gain mode
P1dBHTa
Input P1dB HG
Reference values
Typ
Unit
Max
Note
Min
Condition
Symbol
Parameter
APPLICATION INFORMATION (continued)
REFERENCE VALUES FOR DESIGN (continued)
Note). Ta = -40°C to 85°C,
VCC = 3.0 to 3.6 V ,
fRX = 2.4 GHz, 2.442 GHz, 2.484 GHz, PRX = –30 dBm, CW unless otherwise specified
Note) *1 : Checked by design, not production tested.
*2 : RF input Connector & substrate loss (0.09 dB) included.


Similar Part No. - LQP03TN4N7H04

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LQP03TN4N7H00 MURATA-LQP03TN4N7H00 Datasheet
1,015Kb / 39P
   DESIGN ENGINEERING KITS
LQP03TN4N7H02 MURATA-LQP03TN4N7H02 Datasheet
94Kb / 4P
   Chip Inductor (Chip Coil) for High Frequency Film Type
LQP03TN4N7H02D MURATA-LQP03TN4N7H02D Datasheet
94Kb / 4P
   Chip Inductor (Chip Coil) for High Frequency Film Type
More results

Similar Description - LQP03TN4N7H04

ManufacturerPart #DatasheetDescription
logo
Panasonic Battery Group
AN26025A PANASONICBATTERY-AN26025A Datasheet
335Kb / 11P
   Ultra small, Single Band LNA-IC for 5 GHz Band Applications
AN26031A PANASONICBATTERY-AN26031A Datasheet
393Kb / 16P
   Single Band LNA-IC for 2.5 GHz Band Applications
AN26027A PANASONICBATTERY-AN26027A_13 Datasheet
337Kb / 12P
   Ultra small, Low NF, Single Band LNA-IC for 600 MHz Band Applications
AN26032A PANASONICBATTERY-AN26032A Datasheet
348Kb / 11P
   Ultra small , Single Band LNA-IC with Band-limiting filter for 600 MHz Band Applications
logo
Panasonic Semiconductor
AN26027A PANASONIC-AN26027A Datasheet
285Kb / 12P
   Single band LNA-IC for 600 MHz band applications
logo
Panasonic Battery Group
AN26011A PANASONICBATTERY-AN26011A_13 Datasheet
325Kb / 17P
   LNA-IC for 800MHz / 450MHz Band Applications
logo
WALSIN TECHNOLOGY CORPO...
RFBPF2012080AC2T00 WALSIN-RFBPF2012080AC2T00 Datasheet
561Kb / 7P
   2.4 GHz ISM Band RF Applications
RFBPB2012090ART WALSIN-RFBPB2012090ART Datasheet
588Kb / 7P
   2.4 GHz ISM Band RF applications
RFBPB2012090AM8T62 WALSIN-RFBPB2012090AM8T62 Datasheet
596Kb / 7P
   2.4 GHz ISM Band RF Applications
logo
Panasonic Semiconductor
AN26011A PANASONIC-AN26011A Datasheet
395Kb / 16P
   LNA-IC for 800 MHz / 450 MHz Band Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com