Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GRM033B11C102KD01 Datasheet(PDF) 4 Page - Panasonic Battery Group

Part # GRM033B11C102KD01
Description  Ultra small, Single Band LNA-IC for 5 GHz Band Applications
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONICBATTERY [Panasonic Battery Group]
Direct Link  http://www.panasonic.com/industrial/batteries-oem/
Logo PANASONICBATTERY - Panasonic Battery Group

GRM033B11C102KD01 Datasheet(HTML) 4 Page - Panasonic Battery Group

  GRM033B11C102KD01 Datasheet HTML 1Page - Panasonic Battery Group GRM033B11C102KD01 Datasheet HTML 2Page - Panasonic Battery Group GRM033B11C102KD01 Datasheet HTML 3Page - Panasonic Battery Group GRM033B11C102KD01 Datasheet HTML 4Page - Panasonic Battery Group GRM033B11C102KD01 Datasheet HTML 5Page - Panasonic Battery Group GRM033B11C102KD01 Datasheet HTML 6Page - Panasonic Battery Group GRM033B11C102KD01 Datasheet HTML 7Page - Panasonic Battery Group GRM033B11C102KD01 Datasheet HTML 8Page - Panasonic Battery Group GRM033B11C102KD01 Datasheet HTML 9Page - Panasonic Battery Group Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
AN26025A
4
Ver. CEB
Notes) Vcc = 3.3 V, Ta = 25
°C±2°C,
fRX = 5.15 GHz, 5.5 GHz, 5.85 GHz, PRX = –30 dBm, CW unless otherwise specified.
*1
dB
6.5
5
Low-Gain mode
S22La
Output Return Loss LG
*1
dB
12
6.5
High-Gain mode
S11Ha
Input Return Loss HG
*1
dB
5
3.5
Low-Gain mode
S11La
Input Return Loss LG
*1
dB
10.5
8
Low-Gain mode
ISOLa
Reverse Isolation LG
*1
dBm
25
10
Low-Gain mode
f1 = fRX
f2 = fRX + 100 kHz
Input 2 signals (f1, f2)
IIP3La
IIP3
+100 kHz offset LG
*1
dBm
9
0
Low-Gain mode
IP1dBLa
Input P1dB LG
*1
dB
16
9
High-Gain mode
S22Ha
Output Return Loss HG
*1
dB
26
21
High-Gain mode
ISOHa
Reverse Isolation HG
*1
dBm
-9
–13.5
High-Gain mode
IP1dBHa
Input P1dB HG
High-Gain mode
f1 = fRX + 10 MHz
f2 = fRX + 20 MHz
Input 2 signals (f1, f2)
Low-Gain mode
Low-Gain mode
*1,*2
dB
2.25
1.9
High-Gain mode
NFHa
Noise Figure HG
*1,*2
dB
13.5
10.5
NFLa
Noise Figure LG
*1
dBm
5
–1
High-Gain mode
f1 = fRX – 10 MHz
f2 = fRX – 20 MHz
Input 2 signals (f1, f2)
IIP3H1a
IIP3
–10 MHz offset HG
AC electrical characteristics
*1
dB
16.5
14
11.5
High-Gain mode
GHa
Power Gain HG
*1
dB
–8
–10.5
–13
GLa
Power Gain LG
*1
dBm
4
–1
IIP3H2a
IIP3
+10 MHz offset HG
Reference values
Typ
Unit
Max
Note
Min
Conditions
Symbol
Parameter
APPLICATION INFORMATION
REFERENCE VALUES FOR DESIGN
Note) *1 : Checked by design, not production tested.
*2 : RF input Connector & substrate loss (0.26 dB) included.


Similar Part No. - GRM033B11C102KD01

ManufacturerPart #DatasheetDescription
logo
Panasonic Battery Group
GRM033B11C102KD01 PANASONICBATTERY-GRM033B11C102KD01 Datasheet
325Kb / 17P
   LNA-IC for 800MHz / 450MHz Band Applications
GRM033B11C102KD01 PANASONICBATTERY-GRM033B11C102KD01 Datasheet
337Kb / 11P
   Ultra small, Single Band LNA-IC for 2.4 GHz Band Applications
GRM033B11C102KD01 PANASONICBATTERY-GRM033B11C102KD01 Datasheet
337Kb / 12P
   Ultra small, Low NF, Single Band LNA-IC for 600 MHz Band Applications
GRM033B11C102KD01 PANASONICBATTERY-GRM033B11C102KD01 Datasheet
348Kb / 11P
   Ultra small , Single Band LNA-IC with Band-limiting filter for 600 MHz Band Applications
More results

Similar Description - GRM033B11C102KD01

ManufacturerPart #DatasheetDescription
logo
Panasonic Battery Group
AN26024A PANASONICBATTERY-AN26024A Datasheet
337Kb / 11P
   Ultra small, Single Band LNA-IC for 2.4 GHz Band Applications
AN26031A PANASONICBATTERY-AN26031A Datasheet
393Kb / 16P
   Single Band LNA-IC for 2.5 GHz Band Applications
AN26027A PANASONICBATTERY-AN26027A_13 Datasheet
337Kb / 12P
   Ultra small, Low NF, Single Band LNA-IC for 600 MHz Band Applications
AN26032A PANASONICBATTERY-AN26032A Datasheet
348Kb / 11P
   Ultra small , Single Band LNA-IC with Band-limiting filter for 600 MHz Band Applications
logo
Panasonic Semiconductor
AN26027A PANASONIC-AN26027A Datasheet
285Kb / 12P
   Single band LNA-IC for 600 MHz band applications
logo
Panasonic Battery Group
AN26011A PANASONICBATTERY-AN26011A_13 Datasheet
325Kb / 17P
   LNA-IC for 800MHz / 450MHz Band Applications
logo
Panasonic Semiconductor
AN26011A PANASONIC-AN26011A Datasheet
395Kb / 16P
   LNA-IC for 800 MHz / 450 MHz Band Applications
logo
Panasonic Battery Group
AN26218A PANASONICBATTERY-AN26218A Datasheet
443Kb / 23P
   UMTS triple band LNA-IC
logo
Panasonic Semiconductor
AN26018A PANASONIC-AN26018A Datasheet
335Kb / 14P
   LNA IC for UHF Band (400 MHz to 800 MHz) Applications
logo
TriQuint Semiconductor
TQ3M31 TRIQUINT-TQ3M31 Datasheet
381Kb / 18P
   Dual Band LNA: 2.8V, Cellular and PCS Band CDMA/AMPS LNA IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com