Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN26031A Datasheet(PDF) 2 Page - Panasonic Battery Group

Part # AN26031A
Description  Single Band LNA-IC for 2.5 GHz Band Applications
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONICBATTERY [Panasonic Battery Group]
Direct Link  http://www.panasonic.com/industrial/batteries-oem/
Logo PANASONICBATTERY - Panasonic Battery Group

AN26031A Datasheet(HTML) 2 Page - Panasonic Battery Group

  AN26031A Datasheet HTML 1Page - Panasonic Battery Group AN26031A Datasheet HTML 2Page - Panasonic Battery Group AN26031A Datasheet HTML 3Page - Panasonic Battery Group AN26031A Datasheet HTML 4Page - Panasonic Battery Group AN26031A Datasheet HTML 5Page - Panasonic Battery Group AN26031A Datasheet HTML 6Page - Panasonic Battery Group AN26031A Datasheet HTML 7Page - Panasonic Battery Group AN26031A Datasheet HTML 8Page - Panasonic Battery Group AN26031A Datasheet HTML 9Page - Panasonic Battery Group Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
AN26031A
2
Ver. EB
Contents
Overview …………………………………………………………………………………………………………… 3
Features …………………………………………………….……………………………………………………… 3
Applications ……………………………………………….………………………………….……………………… 3
Package ………………………………………………….………………………………………………………… 3
Type …………………………………………………….…………………………………………………………… 3
Application Circuit Example (Block Diagram) …………………………………………………………………… 4
2.5 GHz Band Application ………………………………………………………………………………………… 4
3.5 GHz Band Application ………………………………………………………………………………………… 5
Pin Descriptions …………………………………….……………………………………………………………… 6
Absolute Maximum Ratings ……………………………………………………………………………………… 7
Operating Supply Voltage Range ………………………………………………………………………………… 7
Allowable Voltage Range ………………………………………………………………………………………… 8
Electrical Characteristics
………………………………………………………………………………………… 9
Electrical Characteristics (Reference values for design) ………………………………………………………. 11
Control Pin Mode Table …………………………………………………………………………………………… 12
Truth Table ………………………………………………………………………………………………………… 12
Technical Data ……………………………………………………………………………………………………… 13
I/O block circuit diagrams and pin function descriptions ……………………………………………………… 13
P
D ⎯ Ta diagram
………………………………………………………………………………………………… 14
Usage Note ……………………………….…………………………………………………………………………… 15


Similar Part No. - AN26031A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN2603 STMICROELECTRONICS-AN2603 Datasheet
721Kb / 23P
   ST1S09 high efficiency synchronous buck converter
logo
Panasonic Battery Group
AN26032A PANASONICBATTERY-AN26032A Datasheet
348Kb / 11P
   Ultra small , Single Band LNA-IC with Band-limiting filter for 600 MHz Band Applications
More results

Similar Description - AN26031A

ManufacturerPart #DatasheetDescription
logo
Panasonic Battery Group
AN26025A PANASONICBATTERY-AN26025A Datasheet
335Kb / 11P
   Ultra small, Single Band LNA-IC for 5 GHz Band Applications
AN26024A PANASONICBATTERY-AN26024A Datasheet
337Kb / 11P
   Ultra small, Single Band LNA-IC for 2.4 GHz Band Applications
logo
Panasonic Semiconductor
AN26027A PANASONIC-AN26027A Datasheet
285Kb / 12P
   Single band LNA-IC for 600 MHz band applications
logo
Panasonic Battery Group
AN26011A PANASONICBATTERY-AN26011A_13 Datasheet
325Kb / 17P
   LNA-IC for 800MHz / 450MHz Band Applications
AN26032A PANASONICBATTERY-AN26032A Datasheet
348Kb / 11P
   Ultra small , Single Band LNA-IC with Band-limiting filter for 600 MHz Band Applications
AN26027A PANASONICBATTERY-AN26027A_13 Datasheet
337Kb / 12P
   Ultra small, Low NF, Single Band LNA-IC for 600 MHz Band Applications
logo
Panasonic Semiconductor
AN26011A PANASONIC-AN26011A Datasheet
395Kb / 16P
   LNA-IC for 800 MHz / 450 MHz Band Applications
logo
Panasonic Battery Group
AN26218A PANASONICBATTERY-AN26218A Datasheet
443Kb / 23P
   UMTS triple band LNA-IC
logo
Panasonic Semiconductor
AN26018A PANASONIC-AN26018A Datasheet
335Kb / 14P
   LNA IC for UHF Band (400 MHz to 800 MHz) Applications
logo
TriQuint Semiconductor
TQ3M31 TRIQUINT-TQ3M31 Datasheet
381Kb / 18P
   Dual Band LNA: 2.8V, Cellular and PCS Band CDMA/AMPS LNA IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com