Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LQP03TN8N2H04 Datasheet(PDF) 7 Page - Panasonic Battery Group

Part # LQP03TN8N2H04
Description  Ultra small , Single Band LNA-IC with Band-limiting filter for 600 MHz Band Applications
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONICBATTERY [Panasonic Battery Group]
Direct Link  http://www.panasonic.com/industrial/batteries-oem/
Logo PANASONICBATTERY - Panasonic Battery Group

LQP03TN8N2H04 Datasheet(HTML) 7 Page - Panasonic Battery Group

Back Button LQP03TN8N2H04 Datasheet HTML 3Page - Panasonic Battery Group LQP03TN8N2H04 Datasheet HTML 4Page - Panasonic Battery Group LQP03TN8N2H04 Datasheet HTML 5Page - Panasonic Battery Group LQP03TN8N2H04 Datasheet HTML 6Page - Panasonic Battery Group LQP03TN8N2H04 Datasheet HTML 7Page - Panasonic Battery Group LQP03TN8N2H04 Datasheet HTML 8Page - Panasonic Battery Group LQP03TN8N2H04 Datasheet HTML 9Page - Panasonic Battery Group LQP03TN8N2H04 Datasheet HTML 10Page - Panasonic Battery Group LQP03TN8N2H04 Datasheet HTML 11Page - Panasonic Battery Group  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
AN26032A
7
Ver. CEB
PIN FUNCTIONS
VCC
Power Supply
VCC
B2
RF output
Output
OUT2
B3
High-Gain / Low-Gain switch
L: Low-Gain Mode
H: High-Gain Mode
Input
CNT
B1
GND
Ground
GND
A2
RF Input
Input
IN
A1
RF Output
Output
OUT1
A3
Description
Type
Pin name
Pin No.
PIN CONFIGURATION
Top View
FUNCTIONAL BLOCK DIAGRAM
VCC
Matching
Circuit
OUT1
IN
GND
A3
B1
B3
A2
A1
OUT1
GND
IN
OUT2
VCC
CNT
B2
Notes) This circuit and these circuit constants show an example and do not guarantee the design as a mass-production set.
This block diagram is for explaining functions. The part of the block diagram may be omitted, or it may be simplified.
OUT2
CNT
(Gain cnt)
A3
A2
A1
B1
B3
B2
Top View


Similar Part No. - LQP03TN8N2H04

ManufacturerPart #DatasheetDescription
logo
Panasonic Battery Group
LQP03TN8N2H04 PANASONICBATTERY-LQP03TN8N2H04 Datasheet
337Kb / 12P
   Ultra small, Low NF, Single Band LNA-IC for 600 MHz Band Applications
More results

Similar Description - LQP03TN8N2H04

ManufacturerPart #DatasheetDescription
logo
Panasonic Battery Group
AN26027A PANASONICBATTERY-AN26027A_13 Datasheet
337Kb / 12P
   Ultra small, Low NF, Single Band LNA-IC for 600 MHz Band Applications
logo
Panasonic Semiconductor
AN26027A PANASONIC-AN26027A Datasheet
285Kb / 12P
   Single band LNA-IC for 600 MHz band applications
logo
Panasonic Battery Group
AN26025A PANASONICBATTERY-AN26025A Datasheet
335Kb / 11P
   Ultra small, Single Band LNA-IC for 5 GHz Band Applications
AN26024A PANASONICBATTERY-AN26024A Datasheet
337Kb / 11P
   Ultra small, Single Band LNA-IC for 2.4 GHz Band Applications
AN26031A PANASONICBATTERY-AN26031A Datasheet
393Kb / 16P
   Single Band LNA-IC for 2.5 GHz Band Applications
logo
Panasonic Semiconductor
AN26011A PANASONIC-AN26011A Datasheet
395Kb / 16P
   LNA-IC for 800 MHz / 450 MHz Band Applications
logo
Panasonic Battery Group
AN26011A PANASONICBATTERY-AN26011A_13 Datasheet
325Kb / 17P
   LNA-IC for 800MHz / 450MHz Band Applications
logo
Panasonic Semiconductor
AN26018A PANASONIC-AN26018A Datasheet
335Kb / 14P
   LNA IC for UHF Band (400 MHz to 800 MHz) Applications
logo
Panasonic Battery Group
AN26218A PANASONICBATTERY-AN26218A Datasheet
443Kb / 23P
   UMTS triple band LNA-IC
logo
Infineon Technologies A...
BGA777L7 INFINEON-BGA777L7 Datasheet
729Kb / 24P
   Single-Band UMTS LNA (2300 - 2700 MHz)
V3.0, July 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com