Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

130NS Datasheet(PDF) 2 Page - Naina Semiconductor ltd.

Part # 130NS
Description  Standard Recovery Diodes, 130A
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAINA [Naina Semiconductor ltd.]
Direct Link  http://www.nainasemi.com
Logo NAINA - Naina Semiconductor ltd.

130NS Datasheet(HTML) 2 Page - Naina Semiconductor ltd.

  130NS Datasheet HTML 1Page - Naina Semiconductor ltd. 130NS Datasheet HTML 2Page - Naina Semiconductor ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Naina Semiconductor Ltd.
130NS(R)
2
D-95, Sector 63, Noida – 201301, India
Tel: 0120-4205450
Fax: 0120-4273653
sales@nainasemi.com
www.nainasemi.com
Package Outline
ALL DIMENSIONS IN MM
Ordering Table
130
NS
R
120
1
2
3
4
1 – Current Rating =
IF (AV)
2 – Rectifier Diode
3 – Polarity:
>
None = Normal (Cathode to Stud)
>
R = Reverse (Anode to Stud)
4 – Voltage Code x 10 = VRRM (See Voltage Ratings Table)


Similar Part No. - 130NS

ManufacturerPart #DatasheetDescription
logo
Naina Semiconductor ltd...
130NS NAINA-130NS_17 Datasheet
629Kb / 2P
   Standard Recovery Diodes, 130A
More results

Similar Description - 130NS

ManufacturerPart #DatasheetDescription
logo
Naina Semiconductor ltd...
130-NSR NAINA-130-NSR Datasheet
116Kb / 2P
   Standard Recovery Diodes, 130A
130NS NAINA-130NS_17 Datasheet
629Kb / 2P
   Standard Recovery Diodes, 130A
logo
Vishay Siliconix
VS-25FR VISHAY-VS-25FR_V01 Datasheet
162Kb / 6P
   Standard Recovery Diodes, Standard Recovery Diodes,
01-Jan-2022
VS-50PFR40 VISHAY-VS-50PFR40 Datasheet
186Kb / 8P
   Standard Recovery Diodes, Standard Recovery Diodes,
Revision: 07-Apr-14
logo
International Rectifier
IRK166 IRF-IRK166 Datasheet
328Kb / 12P
   STANDARD RECOVERY DIODES
SD500N30P IRF-SD500N30P Datasheet
58Kb / 6P
   STANDARD RECOVERY DIODES
16F IRF-16F Datasheet
71Kb / 6P
   STANDARD RECOVERY DIODES
SD150N12PV IRF-SD150N12PV Datasheet
196Kb / 8P
   STANDARD RECOVERY DIODES
SD600N16PC IRF-SD600N16PC Datasheet
126Kb / 8P
   STANDARD RECOVERY DIODES
logo
Vishay Siliconix
SD600R20PC VISHAY-SD600R20PC Datasheet
187Kb / 9P
   Standard Recovery Diodes
Revision: 17-Apr-08
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com