Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74VCX162374 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # 74VCX162374
Description  Low Voltage 16-Bit D-Type Flip-Flop with 3.6V Tolerant Inputs and Outputs and 26廓 Series Resistors in Outputs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74VCX162374 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  74VCX162374 Datasheet HTML 1Page - Fairchild Semiconductor 74VCX162374 Datasheet HTML 2Page - Fairchild Semiconductor 74VCX162374 Datasheet HTML 3Page - Fairchild Semiconductor 74VCX162374 Datasheet HTML 4Page - Fairchild Semiconductor 74VCX162374 Datasheet HTML 5Page - Fairchild Semiconductor 74VCX162374 Datasheet HTML 6Page - Fairchild Semiconductor 74VCX162374 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© 2000 Fairchild Semiconductor Corporation
DS500235
www.fairchildsemi.com
January 2000
Revised January 2000
74VCX162374
Low Voltage 16-Bit D-Type Flip-Flop
with 3.6V Tolerant Inputs and Outputs
and 26
Ω Series Resistors in Outputs
General Description
The VCX162374 contains sixteen non-inverting D-type flip-
flops with 3-STATE outputs and is intended for bus oriented
applications. The device is byte controlled. A buffered clock
(CP) and output enable (OE) are common to each byte and
can be shorted together for full 16-bit operation.
The VCX162374 is also designed with 26
Ω series resistors
in the outputs. This design reduces line noise in applica-
tions such as memory address drivers, clock drivers and
bus transceivers/transmitters.
The 74VCX162374 is designed for low voltage (1.65V to
3.6V) VCC applications with I/O compatibility up to 3.6V.
The 74VCX162374 is fabricated with an advanced CMOS
technology to achieve high speed operation while maintain-
ing low CMOS power dissipation.
Features
s 1.65V–3.6V VCC supply operation
s 3.6V tolerant inputs and outputs
s 26
Ω series resistors in outputs
s tPD (CLK to On)
3.4 ns max for 3.0V to 3.6V VCC
4.8 ns max for 2.3V to 2.7V VCC
9.6 ns max for 1.65V to 1.95V VCC
s Power-off high impedance inputs and outputs
s Supports live insertion and withdrawal (Note 1)
s Static Drive (IOH/IOL)
±12 mA @ 3.0V V
CC
±8 mA @ 2.3V V
CC
±3 mA @ 1.65V V
CC
s Uses patented noise/EMI reduction circuitry
s Latch-up performance exceeds 300 mA
s ESD performance:
Human body model
> 2000V
Machine model
> 200V
Note 1: To ensure the high-impedance state during power up or power
down, OE should be tied to VCC through a pull-up resistor; the minimum
value of the resistor is determined by the current-sourcing capability of the
driver.
Ordering Code:
Devices also available in Tape and Reel. Specify by appending suffix letter “X” to the ordering code.
Logic Symbol
Pin Descriptions
Order Number
Package
Package Descriptions
Number
74VCX162374MTD
MTD48
48-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 6.1mm Wide
Pin Names
Description
OEn
Output Enable Input (Active LOW)
CPn
Clock Pulse Input
I0–I15
Inputs
O0–O15
Outputs


Similar Part No. - 74VCX162374

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74VCX162374 FAIRCHILD-74VCX162374 Datasheet
153Kb / 8P
   Low Voltage 16-Bit D-Type Flip-Flop with 3.6V Tolerant Inputs and Outputs and 26ohm Series Resistors in Outputs
74VCX162374MTD FAIRCHILD-74VCX162374MTD Datasheet
153Kb / 8P
   Low Voltage 16-Bit D-Type Flip-Flop with 3.6V Tolerant Inputs and Outputs and 26ohm Series Resistors in Outputs
74VCX162374 FAIRCHILD-74VCX162374_05 Datasheet
153Kb / 8P
   Low Voltage 16-Bit D-Type Flip-Flop with 3.6V Tolerant Inputs and Outputs and 26ohm Series Resistors in Outputs
More results

Similar Description - 74VCX162374

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74ALVC162374 FAIRCHILD-74ALVC162374 Datasheet
95Kb / 6P
   Low Voltage 16-Bit D-Type Flip-Flop with 3.6V Tolerant Inputs and Outputs and 26??Series Resistors in Outputs
74VCX162374 FAIRCHILD-74VCX162374_05 Datasheet
153Kb / 8P
   Low Voltage 16-Bit D-Type Flip-Flop with 3.6V Tolerant Inputs and Outputs and 26ohm Series Resistors in Outputs
logo
Toshiba Semiconductor
TC74VCX162374FT TOSHIBA-TC74VCX162374FT Datasheet
372Kb / 10P
   LOW VOLTAGE 16-BIT D-TYPE FLIP-FLOP WITH 3.6V TOLERANT INPUTS AND OUTPUTS
logo
Fairchild Semiconductor
74VCX16374 FAIRCHILD-74VCX16374 Datasheet
130Kb / 10P
   Low Voltage 16-Bit D-Type Flip-Flop with 3.6V Tolerant Inputs and Outputs
logo
Toshiba Semiconductor
TC74VCX16374FT TOSHIBA-TC74VCX16374FT Datasheet
380Kb / 11P
   LOW VOLTAGE 16-BIT D-TYPE FLIP-FLOP WITH 3.6V TOLERANT INPUTS AND OUTPUTS
logo
Fairchild Semiconductor
74ALVC16374 FAIRCHILD-74ALVC16374 Datasheet
122Kb / 8P
   Low Voltage 16-Bit D-Type Flip-Flop with 3.6V Tolerant Inputs and Outputs
74VCX162373 FAIRCHILD-74VCX162373 Datasheet
82Kb / 7P
   Low Voltage 16-Bit Transparent Latch with 3.6V Tolerant Inputs and Outputs and 26廓 Series Resistors in Outputs
74LCX162374 FAIRCHILD-74LCX162374 Datasheet
218Kb / 10P
   Low Voltage 16-Bit D-Type Flip-Flop with 5V Tolerant Inputs and Outputs and 26??Series Resistors
74ALVC162373 FAIRCHILD-74ALVC162373 Datasheet
95Kb / 6P
   Low Voltage 16-Bit Transparent Latch with 3.6V Tolerant Inputs and Outputs and 26??Series Resistors in Outputs
74VCX162240 FAIRCHILD-74VCX162240 Datasheet
53Kb / 7P
   Low Voltage 16-Bit Inverting Buffer/Line Driver with 3.6V Tolerant Inputs and Outputs and 26廓 Series Resistors in Outputs
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com