Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

125NS120 Datasheet(PDF) 1 Page - Naina Semiconductor ltd.

Part # 125NS120
Description  Standard Recovery Diodes (Stud and Flat Base Type), 125A
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAINA [Naina Semiconductor ltd.]
Direct Link  http://www.nainasemi.com
Logo NAINA - Naina Semiconductor ltd.

125NS120 Datasheet(HTML) 1 Page - Naina Semiconductor ltd.

  125NS120 Datasheet HTML 1Page - Naina Semiconductor ltd. 125NS120 Datasheet HTML 2Page - Naina Semiconductor ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Naina Semiconductor Ltd.
125NS(R)
1
D-95, Sector 63, Noida – 201301, India
Tel: 0120-4205450
Fax: 0120-4273653
sales@nainasemi.com
www.nainasemi.com
Standard Recovery Diodes (Stud and Flat Base Type), 125A
Features
Diffused Series
High Current Surge Capability
Available in Normal and Reverse polarity
Metric and UNF thread type
DO-205AA (DO-8)
Electrical Specifications (TA = 25
oC, unless otherwise noted)
Symbol
Parameters
Values
Units
IF(AV)
Maximum avg. forward current @ TA = 150
oC
125
A
VFM
Maximum peak forward voltage drop @
rated IF(AV)
1.3
V
IFSM
Maximum peak one cycle (non-rep) surge
current @ 10 msec
2600
A
I
2t
Maximum I
2t rating (non-rep) for 5 to 10
msec
30000
A
2sec
Voltage Ratings (TA = 25
oC, unless otherwise noted)
Type
number
Voltage
Code
VRRM, Maximum
repetitive peak
reverse voltage
(V)
VR(RMS), Maximum
RMS reverse
voltage
(V)
VR, Maximum
DC blocking
voltage
(V)
Recommended RMS
working voltage
(V)
IR(AV), Maximum
avg. reverse
leakage current
(µA)
10
100
70
100
40
20
200
140
200
80
40
400
280
400
160
60
600
420
600
240
125NS(R)
80
800
560
800
320
200
100
1000
700
1000
400
120
1200
840
1200
480
140
1400
980
1400
560
160
1600
1120
1600
640
Thermal & Mechanical Specifications (TA = 25
oC, unless otherwise noted)
Symbol
Parameters
Values
Units
Rth(JC)
Maximum thermal resistance, junction to case
0.3
oC/W
TJ
Operating junction temperature range
-65 to 150
oC
Tstg
Storage temperature
-65 to 200
oC
F
Mounting torque (non-lubricated threads)
2.0 (min) – 3.0 (max)
W
Approximate allowable weight
150
G


Similar Part No. - 125NS120

ManufacturerPart #DatasheetDescription
logo
Naina Semiconductor ltd...
125NS NAINA-125NS_17 Datasheet
654Kb / 2P
   Standard Recovery Diodes (Stud and Flat Base Type), 125A
More results

Similar Description - 125NS120

ManufacturerPart #DatasheetDescription
logo
Naina Semiconductor ltd...
125NS NAINA-125NS_17 Datasheet
654Kb / 2P
   Standard Recovery Diodes (Stud and Flat Base Type), 125A
125-NSR NAINA-125-NSR Datasheet
137Kb / 2P
   Standard Recovery Diodes (Stud and Flat Base Type), 125A
200NS NAINA-200NS_11 Datasheet
107Kb / 2P
   Standard Recovery Diodes (Stud and Flat Base Type)
320NS NAINA-320NS_11 Datasheet
108Kb / 2P
   Standard Recovery Diodes (Stud and Flat Base Type)
150NS NAINA-150NS_1 Datasheet
108Kb / 2P
   Standard Recovery Diodes (Stud and Flat Base Type)
300NS NAINA-300NS_11 Datasheet
108Kb / 2P
   Standard Recovery Diodes (Stud and Flat Base Type)
300NS NAINA-300NS Datasheet
109Kb / 2P
   Standard Recovery Diodes (Stud and Flat Base Type)
250NS NAINA-250NS Datasheet
109Kb / 2P
   Standard Recovery Diodes (Stud and Flat Base Type)
100NS NAINA-100NS Datasheet
108Kb / 2P
   Standard Recovery Diodes (Stud and Flat Base Type)
320NS NAINA-320NS Datasheet
109Kb / 2P
   Standard Recovery Diodes (Stud and Flat Base Type)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com