Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBR6020R Datasheet(PDF) 2 Page - Naina Semiconductor ltd.

Part # MBR6020R
Description  Schottky Power Diode, 60A
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAINA [Naina Semiconductor ltd.]
Direct Link  http://www.nainasemi.com
Logo NAINA - Naina Semiconductor ltd.

MBR6020R Datasheet(HTML) 2 Page - Naina Semiconductor ltd.

  MBR6020R Datasheet HTML 1Page - Naina Semiconductor ltd. MBR6020R Datasheet HTML 2Page - Naina Semiconductor ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Naina Semiconductor Ltd.
MBR6020 thru
MBR6040R
2
D-95, Sector 63, Noida – 201301, India
Tel: 0120-4205450
Fax: 0120-4273653
sales@nainasemi.com
www.nainasemi.com
Package Outline
ALL DIMENSIONS IN MM


Similar Part No. - MBR6020R

ManufacturerPart #DatasheetDescription
logo
TRANSYS Electronics Lim...
MBR6020R TEL-MBR6020R Datasheet
122Kb / 2P
   SCHOTTKY DIODES STUD TYPE 60 A
logo
New Jersey Semi-Conduct...
MBR6020R NJSEMI-MBR6020R Datasheet
81Kb / 1P
   SCHOTTKY DIODES STUD TYPE 60A
logo
GeneSiC Semiconductor, ...
MBR6020R GENESIC-MBR6020R Datasheet
807Kb / 3P
   Silicon Power Schottky Diode
More results

Similar Description - MBR6020R

ManufacturerPart #DatasheetDescription
logo
Naina Semiconductor ltd...
MBR6045 NAINA-MBR6045 Datasheet
123Kb / 2P
   Schottky Power Diode, 60A
SD51 NAINA-SD51_13 Datasheet
112Kb / 2P
   Schottky Rectifier Diode, 60A
logo
GeneSiC Semiconductor, ...
GD2X30MPS06N GENESIC-GD2X30MPS06N Datasheet
557Kb / 7P
   650V 60A SiC Schottky MPS??Diode
GD2X30MPS12N GENESIC-GD2X30MPS12N Datasheet
572Kb / 7P
   1200V 60A SiC Schottky MPS??Diode
logo
UnitedSiC.
UJ3D06560KSD UNITEDSIC-UJ3D06560KSD Datasheet
466Kb / 6P
   650V 60A SiC Merged PiN-Schottky Diode
Revision C, January 2019
logo
Digitron Semiconductors
MBR6035 DIGITRON-MBR6035 Datasheet
851Kb / 4P
   60A SCHOTTKY RECTIFIER
MBR6045WT DIGITRON-MBR6045WT Datasheet
158Kb / 2P
   60A SCHOTTKY RECTIFIER
MBR6045PT DIGITRON-MBR6045PT Datasheet
146Kb / 2P
   60A SCHOTTKY RECTIFIER
logo
Frontier Electronics.
SR60-03-LFR FRONTIER-SR60-03-LFR Datasheet
124Kb / 2P
   60A SCHOTTKY BARRIER RECTIFIERS
logo
Diodes Incorporated
SBL6030PT DIODES-SBL6030PT_1 Datasheet
74Kb / 3P
   60A SCHOTTKY BARRIER RECTIFIER
DS30050 Rev. 5 - 2
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com