Part Name
         Description
74VCX16374

 Low Voltage 16-Bit D-Type Flip-Flop with 3.6V Tolerant Inputs and Outputs ( 10 Page)


FAIRCHILD
100% 
Zoom Out Zoom In
 
 6 page
background image
www.fairchildsemi.com
6
AC Electrical Characteristics (Continued)
Note 8: For CL 50PF, add approximately 300 ps to the AC maximum specification.
Note 9: Skew is defined as the absolute value of the difference between the actual propagation delay for any two separate outputs of the same device. The
specification applies to any outputs switching in the same direction, either HIGH-to-LOW (tOSHL) or LOW-to-HIGH (tOSLH).
Dynamic Switching Characteristics
Capacitance
Symbol
Parameter
Conditions
VCC
TA 40qC to 85qC
Units
Figure
(V)
Min
Max
Number
tH
Hold Time
CL 30 pF, RL 500:
3.3
r 1.0
1.0
ns
Figures
1, 6
2.5
r 0.2
1.0
1.8
r 0.15
1.0
CL 15 pF, RL 2k:
1.5
r 0.1
2.0
Figures
6, 7
1.2
6
tW
Pulse Width
CL 30 pF, RL 500:
3.3
r 0.3
1.5
ns
Figures
1, 4
2.5
r 0.2
1.5
1.8
r 0.15
4.0
CL 15 pF, RL 2k:
1.5
r 0.1
4.0
Figures
4, 7
1.2
8
tOSHL
Output to Output Skew
CL 30 pF, RL 500:
3.3
r 0.3
0.5
ns
tOSLH
(Note 9)
2.5
r 0.2
0.5
1.8
r 0.15
0.75
CL 15 pF, RL 2k:
1.5
r 0.1
1.5
1.2
1.2
Symbol
Parameter
Conditions
V CC
(V)
TA 25qC
Units
Typical
VOLP
Quiet Output Dynamic Peak VOL
CL 30 pF, VIH VCC, VIL 0V
1.8
0.25
V
2.5
0.6
3.3
0.8
VOLV
Quiet Output Dynamic Valley VOL
CL 30 pF, VIH VCC, VIL 0V
1.8
0.25
V
2.5
0.6
3.3
0.8
VOHV
Quiet Output Dynamic Valley VOH
CL 30 pF, VIH VCC, VIL 0V
1.8
1.5
V
2.5
1.9
3.3
2.2
Symbol
Parameter
Conditions
TA 25qC
Units
Typical
CIN
Input Capacitance
VCC 1.8V, 2.5V or 3.3V, VI 0V or VCC
6pF
COUT
Output Capacitance
VI 0V or VCC, VCC 1.8V, 2.5V or 3.3V
7
pF
CPD
Power Dissipation Capacitance
VI 0V or VCC, f 10 MHz,
20
pF
VCC 1.8V, 2.5V or 3.3V
1  2  3  4  5  6  7  8  9  10 



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
74VCX16839Low Voltage 20-Bit Selectable Register/Buffer with 3.6V Tolerant Inputs and Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74LCXZ16244Low Voltage 16-Bit Buffer/Line Driver with 5V Tolerant Inputs and Outputs 1 2 3 4 5 MoreFairchild Semiconductor
TC7MA157FKLow Voltage Quad 2-Channel Multiplexer with 3.6 V Tolerant Inputs and Outputs 1 2 3 4 5 MoreToshiba Semiconductor
74LCX373Low Voltage Octal Transparent Latch with 5V Tolerant Inputs and Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74VCXH16374Low Voltage 16-Bit D-Type Flip-Flop with Bushold 1 2 3 4 5 MoreFairchild Semiconductor
74LVXU04LOW VOLTAGE CMOS HEX INVERTER SINGLE STAGE WITH 5V TOLERANT INPUTS 1 2 3 4 5 MoreSTMicroelectronics
74LVT16646Low Voltage 16-Bit Transceiver/Register with 3-STATE Outputs 1 2 3 4 5 MoreFairchild Semiconductor
IDT74ALVCH3743.3V CMOS OCTAL POSITIVE EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS AND BUS-HOLD 1 2 3 4 5 MoreIntegrated Device Technology
FXL2TD245Low Voltage Dual Supply 2-Bit Signal Translator with Configurable Voltage Supplies and Signal Levels 3-STATE Outputs and Independent 1 2 3 4 5 MoreFairchild Semiconductor
IDT74LVC573A3.3V CMOS OCTAL TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS AND 5 VOLT TOLERANT I/O 1 2 3 4 5 MoreIntegrated Device Technology

Link URL

Sponsor of Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl