Part Name
         Description
74VCX16374

 Low Voltage 16-Bit D-Type Flip-Flop with 3.6V Tolerant Inputs and Outputs ( 10 Page)


FAIRCHILD
100% 
Zoom Out Zoom In
 
 2 page
background image
www.fairchildsemi.com
2
Connection Diagrams
Pin Assignment for TSSOP
Pin Assignment for FBGA
(Top Thru View)
Pin Descriptions
FBGA Pin Assignments
Truth Tables
H
HIGH Voltage Level
L
LOW Voltage Level
X
Immaterial (HIGH or LOW, inputs may not float)
Z
High Impedance
O0 Previous O0 before HIGH-to-LOW of CP
Pin Names
Description
OEn
Output Enable Input (Active LOW)
CPn
Clock Pulse Input
I0–I15
Inputs
O0–O15
Outputs
NC
No Connect
1
234
56
A
O0
NC
OE1
CP1
NC
I0
B
O2
O1
NC
NC
I1
I2
C
O4
O3
VCC
VCC
I3
I4
D
O6
O5
GND
GND
I5
I6
E
O8
O7
GND
GND
I7
I8
F
O10
O9
GND
GND
I9
I10
G
O12
O11
VCC
VCC
I11
I12
H
O14
O13
NC
NC
I13
I14
J
O15
NC
OE2
CP2
NC
I15
Inputs
Outputs
CP1
OE1
I0–I7
O0–O7

LH
H

LL
L
LL
X
O0
XHX
Z
Inputs
Outputs
CP2
OE2
I8–I15
O8–O15

LH
H

LL
L
LL
X
O0
XHX
Z
1  2  3  4  5  6  7  8  9  10 



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
74VCX16839Low Voltage 20-Bit Selectable Register/Buffer with 3.6V Tolerant Inputs and Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74LCXZ16244Low Voltage 16-Bit Buffer/Line Driver with 5V Tolerant Inputs and Outputs 1 2 3 4 5 MoreFairchild Semiconductor
TC7MA157FKLow Voltage Quad 2-Channel Multiplexer with 3.6 V Tolerant Inputs and Outputs 1 2 3 4 5 MoreToshiba Semiconductor
74LCX373Low Voltage Octal Transparent Latch with 5V Tolerant Inputs and Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74VCXH16374Low Voltage 16-Bit D-Type Flip-Flop with Bushold 1 2 3 4 5 MoreFairchild Semiconductor
74LVXU04LOW VOLTAGE CMOS HEX INVERTER SINGLE STAGE WITH 5V TOLERANT INPUTS 1 2 3 4 5 MoreSTMicroelectronics
74LVT16646Low Voltage 16-Bit Transceiver/Register with 3-STATE Outputs 1 2 3 4 5 MoreFairchild Semiconductor
IDT74ALVCH3743.3V CMOS OCTAL POSITIVE EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS AND BUS-HOLD 1 2 3 4 5 MoreIntegrated Device Technology
FXL2TD245Low Voltage Dual Supply 2-Bit Signal Translator with Configurable Voltage Supplies and Signal Levels 3-STATE Outputs and Independent 1 2 3 4 5 MoreFairchild Semiconductor
IDT74LVC573A3.3V CMOS OCTAL TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS AND 5 VOLT TOLERANT I/O 1 2 3 4 5 MoreIntegrated Device Technology

Link URL

Sponsor of Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl