Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP1686K6TR-G1 Datasheet(PDF) 10 Page - BCD Semiconductor Manufacturing Limited

Part # AP1686K6TR-G1
Description  Low-Power Off-line PSR LED Controller Short Circuit Protection
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP1686K6TR-G1 Datasheet(HTML) 10 Page - BCD Semiconductor Manufacturing Limited

Back Button AP1686K6TR-G1 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP1686K6TR-G1 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP1686K6TR-G1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP1686K6TR-G1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP1686K6TR-G1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP1686K6TR-G1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP1686K6TR-G1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AP1686K6TR-G1 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AP1686K6TR-G1 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
Preliminary Datasheet
Low-Power Off-line PSR LED Controller
AP1686
Nov. 2012
Rev. 1.1
BCD Semiconductor Manufacturing Limited
10
Mechanical Dimensions
SOT-23-6
Unit: mm(inch)
2.820(0.111)
3.020(0.119)
0.950(0.037)TYP
1.800(0.071)
2.000(0.079)
0.300(0.012)
0.400(0.016)
0.700(0.028)REF
0.100(0.004)
0.200(0.008)
0.200(0.008)
0.300(0.012)
0.600(0.024)
0.000(0.000)
0.150(0.006)
0.900(0.035)
1.300(0.051)
1.450(0.057)
MAX
12
3
4
5
6
Pin 1 Mark


Similar Part No. - AP1686K6TR-G1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP1680 BCDSEMI-AP1680 Datasheet
327Kb / 9P
   LOW-POWER OFF-LINE PRIMARY SIDE REGULATION CONTROLLER
logo
Diodes Incorporated
AP1680 DIODES-AP1680 Datasheet
327Kb / 9P
   LOW-POWER OFF-LINE PRIMARY SIDE REGULATION CONTROLLER
Rev. 1 - 0 Apr 2011
AP1680K6TR-G1 DIODES-AP1680K6TR-G1 Datasheet
327Kb / 9P
   LOW-POWER OFF-LINE PRIMARY SIDE REGULATION CONTROLLER
Rev. 1 - 0 Apr 2011
logo
BCD Semiconductor Manuf...
AP1681 BCDSEMI-AP1681 Datasheet
346Kb / 13P
   Off-line Primary Side Regulation Controller for Dimmable LED Driver
AP1681M-G1 BCDSEMI-AP1681M-G1 Datasheet
346Kb / 13P
   Off-line Primary Side Regulation Controller for Dimmable LED Driver
More results

Similar Description - AP1686K6TR-G1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP3766B BCDSEMI-AP3766B Datasheet
484Kb / 11P
   Low-Power Off-line PSR LED Controller
logo
Shenzhen Xinmao Microel...
LP3773 LANDP-LP3773 Datasheet
665Kb / 9P
   Low-Power off-line / PSR controller
logo
ON Semiconductor
NCP1203 ONSEMI-NCP1203_15 Datasheet
257Kb / 15P
   PWM Current-Mode Controller for Universal Off-Line Supplies Featuring Standby and Short Circuit Protection
April, 2015 ??Rev. 12
NCP1203 ONSEMI-NCP1203_10 Datasheet
374Kb / 15P
   PWM Current--Mode Controller for Universal Off--Line Supplies Featuring Standby and Short Circuit Protection
December, 2010-- Rev. 10
logo
Dialog Semiconductor
IW1690 DIALOG-IW1690 Datasheet
879Kb / 13P
   Low-Power Off-line Digital PWM Controller
IW1692 DIALOG-IW1692 Datasheet
1Mb / 18P
   Low-Power Off-line Digital PWM Controller
IW1689 DIALOG-IW1689 Datasheet
973Kb / 17P
   Low-Power Off-line Digital PWM Controller
logo
Renesas Technology Corp
IW1690 RENESAS-IW1690 Datasheet
847Kb / 13P
   Low-Power Off-line Digital PWM Controller
JANUARY 22, 2022
logo
Dialog Semiconductor
IW3625 DIALOG-IW3625 Datasheet
407Kb / 5P
   Off-Line Digital Power Controller for LED Driver
IW3626 DIALOG-IW3626 Datasheet
378Kb / 6P
   Off-Line Digital Power Controller for LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com