Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP3202 Datasheet(PDF) 4 Page - BCD Semiconductor Manufacturing Limited

Part # AP3202
Description  380kHz, 2A Asynchronous DC-DC Buck Converter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP3202 Datasheet(HTML) 4 Page - BCD Semiconductor Manufacturing Limited

  AP3202 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AP3202 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AP3202 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP3202 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP3202 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP3202 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP3202 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP3202 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP3202 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Preliminary Datasheet
380kHz, 2A Asynchronous DC-DC Buck Converter
AP3202
Mar. 2011 Rev. 1. 2
BCD Semiconductor Manufacturing Limited
4
Absolute Maximum Ratings (Note 1)
Parameter
Symbol
Value
Unit
IN Pin Voltage
VIN
-0.3 to 20
V
EN Pin Voltage
VEN
-0.3 to VIN
V
SW Pin Voltage
VSW
20
V
BS Pin Voltage
VBS
-0.3 to VSW+6
V
FB Pin Voltage
VFB
-0.3 to 6
V
COMP Pin Voltage
VCOMP
-0.3 to 6
V
Thermal Resistance
θJA
105
ºC/W
Operating Junction Temperature
TJ
150
ºC
Storage Temperature
TSTG
-65 to 150
ºC
Lead Temperature (Soldering, 10sec)
TLEAD
260
ºC
ESD (Machine Model)
200
V
ESD (Human Body Model)
2000
V
Note 1: Stresses greater than those listed under “Absolute Maximum Ratings” may cause permanent damage to
the device. These are stress ratings only, and functional operation of the device at these or any other conditions
beyond those indicated under “Recommended Operating Conditions” is not implied. Exposure to “Absolute
Maximum Ratings” for extended periods may affect device reliability.
Recommended Operating Conditions
Parameter
Symbol
Min
Max
Unit
Input Voltage
VIN
4.75
18
V
Maximum Output Current
IOUT(Max)
2
A
Operating Ambient Temperature
TA
-40
85
ºC


Similar Part No. - AP3202

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP3201A BCDSEMI-AP3201A Datasheet
448Kb / 11P
   380kHz, 2A Asynchronous DC-DC Buck Converter
AP3201AMHTR-G1 BCDSEMI-AP3201AMHTR-G1 Datasheet
448Kb / 11P
   380kHz, 2A Asynchronous DC-DC Buck Converter
AP3203 BCDSEMI-AP3203 Datasheet
542Kb / 11P
   380kHz, 3A Asynchronous DC - DC Buck Converter
AP3203MP-G1 BCDSEMI-AP3203MP-G1 Datasheet
542Kb / 11P
   380kHz, 3A Asynchronous DC - DC Buck Converter
AP3203MPTR-G1 BCDSEMI-AP3203MPTR-G1 Datasheet
542Kb / 11P
   380kHz, 3A Asynchronous DC - DC Buck Converter
More results

Similar Description - AP3202

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP3201A BCDSEMI-AP3201A Datasheet
448Kb / 11P
   380kHz, 2A Asynchronous DC-DC Buck Converter
AP3203 BCDSEMI-AP3203 Datasheet
542Kb / 11P
   380kHz, 3A Asynchronous DC - DC Buck Converter
logo
Fitipower Integrated Te...
FR9710 FITIPOWER-FR9710 Datasheet
959Kb / 12P
   23V, 2A, 380KHz Asynchronous Step-Down DC/DC Converter
logo
YOBON TECHNOLOGIES,INC.
YB1685 YOBON-YB1685 Datasheet
226Kb / 9P
   2A 380KHz 32V PWM Buck DC/DC Converter
logo
TECHCODE SEMICONDUCTOR,...
TD1591 TECHCODE-TD1591 Datasheet
635Kb / 16P
   2A 380KHz 32V PWM Buck DC/DC Converter
logo
XLSEMI
XL1410 XLSEMI-XL1410 Datasheet
210Kb / 9P
   2A 380KHz 18V Buck DC to DC Converter
logo
Shenzhen Huazhimei Semi...
HM1410 HMSEMI-HM1410 Datasheet
749Kb / 9P
   2A 380KHz 18V Buck DC to DC Converter
logo
First Silicon Co., Ltd
FAC1410 FS-FAC1410 Datasheet
313Kb / 10P
   2A 380KHZ 20V PWM Buck DC/DC Converter
logo
YOBON TECHNOLOGIES,INC.
YB1682 YOBON-YB1682 Datasheet
212Kb / 9P
   2A 380KHz 20V PWM Buck DC/DC Converter
logo
Shenzhen Huazhimei Semi...
HM1513 HMSEMI-HM1513 Datasheet
325Kb / 9P
   2A 380KHz 18V Buck DC to DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com