Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP3968MTR-G1 Datasheet(PDF) 6 Page - BCD Semiconductor Manufacturing Limited

Part # AP3968MTR-G1
Description  Primary Side Power Switcher for Off-line SMPS Low Total Cost Solution
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP3968MTR-G1 Datasheet(HTML) 6 Page - BCD Semiconductor Manufacturing Limited

Back Button AP3968MTR-G1 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AP3968MTR-G1 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP3968MTR-G1 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP3968MTR-G1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP3968MTR-G1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP3968MTR-G1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP3968MTR-G1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP3968MTR-G1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AP3968MTR-G1 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Preliminary Datasheet
Primary Side Power Switcher for Off-line SMPS
AP3968/69/70/70S
Dec. 2011 Rev. 1. 4
BCD Semiconductor Manufacturing Limited
6
Absolute Maximum Ratings (Note 2)
Parameter
Symbol
Value
Unit
Supply Voltage
VCC
-0.3 to 22
V
FB Input Voltage
VFB
-1 to 10
V
Collector-emitter Voltage
VCBO
700
V
AP3968/69
1.5
AP3970
4
Collector DC Current
AP3970S
3.2
A
Operating Junction Temperature
TJ
150
ºC
Storage Temperature
TSTG
-65 to 150
ºC
Lead Temperature (Soldering, 10
sec)
TLEAD
300
ºC
ESD (Machine Model)
200
V
ESD (Human Body Model)
2000
V
Note 2: Stresses greater than those listed under “Absolute Maximum Ratings” may cause permanent damage to
the device. These are stress ratings only, and functional operation of the device at these or any other conditions
beyond those indicated under “Recommended Operating Conditions” is not implied. Exposure to “Absolute
Maximum Ratings” for extended periods may affect device reliability.
Recommended Operating Conditions
Parameter
Symbol
Min
Max
Unit
Supply Voltage
VCC
22
V
Operating Temperature Range
TOP
-40
85
°C
Maximum Operating Frequency
fMAX
60
kHz


Similar Part No. - AP3968MTR-G1

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP3968MTR-G1 DIODES-AP3968MTR-G1 Datasheet
482Kb / 15P
   PRIMARY SIDE POWER SWITCHER FOR OFF-LINE SMPS
More results

Similar Description - AP3968MTR-G1

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP3988 DIODES-AP3988 Datasheet
395Kb / 12P
   PRIMARY SIDE POWER SWITCHER FOR OFF-LINE SMPS
AP3984 DIODES-AP3984 Datasheet
758Kb / 15P
   PRIMARY SIDE POWER SWITCHER FOR OFF-LINE SMPS
AP3968 DIODES-AP3968 Datasheet
482Kb / 15P
   PRIMARY SIDE POWER SWITCHER FOR OFF-LINE SMPS
logo
Holtek Semiconductor In...
HT7A6312 HOLTEK-HT7A6312 Datasheet
1Mb / 10P
   Low Power Primary Switcher for Off Line SMPS
HT7A6312 HOLTEK-HT7A6312_15 Datasheet
1Mb / 10P
   Low Power Primary Switcher for Off Line SMPS
HT7A6322 HOLTEK-HT7A6322 Datasheet
1Mb / 10P
   Low Power Primary Switcher for Off Line SMPS
logo
STMicroelectronics
VIPER22A-E STMICROELECTRONICS-VIPER22A-E Datasheet
409Kb / 21P
   Low power OFF-line SMPS primary switcher
November 2010 Rev 2
VIPER12ADIP-E STMICROELECTRONICS-VIPER12ADIP-E Datasheet
452Kb / 21P
   Low Power OFF-Line SMPS Primary Switcher
logo
Orister Corporation
RS2022P ORISTER-RS2022P Datasheet
455Kb / 7P
   Low Power OFF-Line SMPS Primary Switcher
logo
Sanken electric
STR-A6100 SANKEN-STR-A6100 Datasheet
139Kb / 2P
   LOW POWER OFF-LINE SMPS PRIMARY SWITCHER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com