Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP3969P7-G1 Datasheet(PDF) 1 Page - BCD Semiconductor Manufacturing Limited

Part # AP3969P7-G1
Description  Primary Side Power Switcher for Off-line SMPS Low Total Cost Solution
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP3969P7-G1 Datasheet(HTML) 1 Page - BCD Semiconductor Manufacturing Limited

  AP3969P7-G1 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AP3969P7-G1 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AP3969P7-G1 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP3969P7-G1 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP3969P7-G1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP3969P7-G1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP3969P7-G1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP3969P7-G1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP3969P7-G1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Preliminary Datasheet
Primary Side Power Switcher for Off-line SMPS
AP3968/69/70/70S
Dec. 2011 Rev. 1. 4
BCD Semiconductor Manufacturing Limited
1
General Description
The AP3968/69/70/70S consists of a primary side
regulation controller and a high voltage transistor,
and is specially designed for off-line power supplies
within 12W output power. Typical applications
include adapter for ADSL and auxiliary supplies.
The AP3968/69/70/70S operates at pulse frequency
modulation (PFM), and provides accurate constant
voltage, constant current (CV/CC) regulation without
requiring an opto-coupler and secondary control
circuitry. It has internal cable compensation function
for tight constant voltage regulation.
The
AP3968/69/70/70S
solution
has
fewer
component numbers, smaller size, and lower total
cost.
The AP3968 is packaged in
SOIC-7. The
AP3969/70/70S is packaged in DIP-7 and DIP-8.
Features
Primary
Side
Control
for
Eliminating
Opto-coupler and Secondary CV/CC Control
Circuitry
Built-in NPN Transistor with 700VCBO
Low Start-up Current: 0.2
µA (Typ.)
Internal
Output
Cable
Voltage
Drop
Compensation
Random Frequency Modulation for Low EMI
Short Circuit Protection
Low Total Cost Solution
Output Power Range (Note 1):
AP3968 for 5W Adapter
AP3969 for 7.5W Adapter
AP3970 for 12W Adapter
AP3970S for 10W Adapter
Note 1: Typical continuous power in a non-ventilated
enclosed adapter measured at 50ºC ambient.
Applications
Chargers
Adapters
Set Top Boxes
Auxiliary Supplies
DVD
LED Driver
Figure 1. Package Types of AP3968/69/70/70S
SOIC-7
DIP-7
DIP-8


Similar Part No. - AP3969P7-G1

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP3969P7-G1 DIODES-AP3969P7-G1 Datasheet
482Kb / 15P
   PRIMARY SIDE POWER SWITCHER FOR OFF-LINE SMPS
More results

Similar Description - AP3969P7-G1

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP3988 DIODES-AP3988 Datasheet
395Kb / 12P
   PRIMARY SIDE POWER SWITCHER FOR OFF-LINE SMPS
AP3984 DIODES-AP3984 Datasheet
758Kb / 15P
   PRIMARY SIDE POWER SWITCHER FOR OFF-LINE SMPS
AP3968 DIODES-AP3968 Datasheet
482Kb / 15P
   PRIMARY SIDE POWER SWITCHER FOR OFF-LINE SMPS
logo
Holtek Semiconductor In...
HT7A6312 HOLTEK-HT7A6312 Datasheet
1Mb / 10P
   Low Power Primary Switcher for Off Line SMPS
HT7A6312 HOLTEK-HT7A6312_15 Datasheet
1Mb / 10P
   Low Power Primary Switcher for Off Line SMPS
HT7A6322 HOLTEK-HT7A6322 Datasheet
1Mb / 10P
   Low Power Primary Switcher for Off Line SMPS
logo
STMicroelectronics
VIPER22A-E STMICROELECTRONICS-VIPER22A-E Datasheet
409Kb / 21P
   Low power OFF-line SMPS primary switcher
November 2010 Rev 2
VIPER12ADIP-E STMICROELECTRONICS-VIPER12ADIP-E Datasheet
452Kb / 21P
   Low Power OFF-Line SMPS Primary Switcher
logo
Orister Corporation
RS2022P ORISTER-RS2022P Datasheet
455Kb / 7P
   Low Power OFF-Line SMPS Primary Switcher
logo
Sanken electric
STR-A6100 SANKEN-STR-A6100 Datasheet
139Kb / 2P
   LOW POWER OFF-LINE SMPS PRIMARY SWITCHER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com