Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AUR9703AGH Datasheet(PDF) 1 Page - BCD Semiconductor Manufacturing Limited

Part # AUR9703AGH
Description  1.5MHz, 800mA, STEP DOWN DC-DC CONVERTER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AUR9703AGH Datasheet(HTML) 1 Page - BCD Semiconductor Manufacturing Limited

  AUR9703AGH Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AUR9703AGH Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AUR9703AGH Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AUR9703AGH Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AUR9703AGH Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AUR9703AGH Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AUR9703AGH Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AUR9703AGH Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AUR9703AGH Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Data Sheet
1.5MHz, 800mA, STEP DOWN DC-DC CONVERTER
AUR9703
Nov. 2011 Rev. 1 .0
BCD Semiconductor Manufacturing Limited
1
General Description
The AUR9703 is a high efficiency step-down
DC-DC voltage converter. The chip operation is
optimized using constant frequency, peak-current
mode architecture with built-in synchronous power
MOSFET switchers and internal compensators to
reduce external part counts.
It is automatically
switching between the normal PWM mode and LDO
mode to offer improved system power efficiency
covering a wide range of loading conditions.
The oscillator and timing capacitors are all built-in
providing an internal switching frequency of 1.5MHz
that allows the use of small surface mount inductors
and capacitors for portable product implementations.
Additional features included Soft Start (SS), Under
Voltage Lock Out (UVLO), and Thermal Shutdown
Detection (TSD) to provide reliable product
applications.
The device is available in adjustable output voltage
versions ranging from 1V to 3.3V, and is able to
deliver up to 800mA.
The AUR9703 is available in TSOT-23-5 package.
Features
High Efficiency Buck Power Converter
Low Quiescent Current
Output Current: 800mA
Adjustable Output Voltage from 1V to 3.3V
Wide Operating Voltage Range: 2.5V to 5.5V
Built-in Power Switches for Synchronous
Rectification with High Efficiency
Feedback Voltage: 600mV
1.5MHz Constant Frequency Operation
Automatic PWM/LDO Mode Switching Control
Thermal Shutdown Protection
Low Drop-out Operation at 100% Duty Cycle
No Schottky Diode Required
Applications
Mobile Phone, Digital Camera and MP3 Player
Headset, Radio and Other Hand-held Instrument
Post DC-DC Voltage Regulation
PDA and Notebook Computer
Figure 1. Package Type of AUR9703
TSOT-23-5


Similar Part No. - AUR9703AGH

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AUR9705 BCDSEMI-AUR9705 Datasheet
580Kb / 14P
   1.5MHz, 1A, STEP DOWN DC-DC CONVERTER
AUR9705AGD BCDSEMI-AUR9705AGD Datasheet
580Kb / 14P
   1.5MHz, 1A, STEP DOWN DC-DC CONVERTER
AUR9705AGH BCDSEMI-AUR9705AGH Datasheet
580Kb / 14P
   1.5MHz, 1A, STEP DOWN DC-DC CONVERTER
AUR9707 BCDSEMI-AUR9707 Datasheet
796Kb / 15P
   Dual High-efficiency PWM Step-down DC-DC Converter with OVP
AUR9707AGD BCDSEMI-AUR9707AGD Datasheet
796Kb / 15P
   Dual High-efficiency PWM Step-down DC-DC Converter with OVP
More results

Similar Description - AUR9703AGH

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8010B RICHTEK-RT8010B Datasheet
255Kb / 12P
   1.5MHz, 800mA, High Efficiency PWM Step-Down DC/DC Converter
logo
BCD Semiconductor Manuf...
AUR9719 BCDSEMI-AUR9719 Datasheet
748Kb / 19P
   1.5MHz, 2A, STEP DOWN DC-DC CONVERTER
logo
List of Unclassifed Man...
SP6669EB ETC-SP6669EB Datasheet
286Kb / 6P
   800mA 1.5MHz Synchronous Step-Down Converter
April 2021
logo
BCD Semiconductor Manuf...
AUR9713 BCDSEMI-AUR9713 Datasheet
768Kb / 14P
   1.5MHz, 1A, STEP DOWN DC-DC CONVERTER
AUR9718 BCDSEMI-AUR9718 Datasheet
1Mb / 19P
   1.5MHz, 1.5A, Step-down DC-DC Converter
logo
Will Semiconductor Ltd.
WD1015 WILLSEMI-WD1015 Datasheet
1Mb / 11P
   1.5MHz, 1.2A, Step-down DC-DC Converter
logo
BCD Semiconductor Manuf...
AP3410B BCDSEMI-AP3410B Datasheet
545Kb / 12P
   1.5MHz Synchronous Step-down DC-DC Converter
AUR9705 BCDSEMI-AUR9705 Datasheet
580Kb / 14P
   1.5MHz, 1A, STEP DOWN DC-DC CONVERTER
AP3410 BCDSEMI-AP3410 Datasheet
778Kb / 11P
   1.5MHz Synchronous Step-down DC-DC Converter
logo
Diodes Incorporated
AP3401 DIODES-AP3401 Datasheet
933Kb / 11P
   1.5MHZ, 1A STEP-DOWN DC - DC BUCK CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com