Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AUR9705 Datasheet(PDF) 7 Page - BCD Semiconductor Manufacturing Limited

Part # AUR9705
Description  1.5MHz, 1A, STEP DOWN DC-DC CONVERTER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AUR9705 Datasheet(HTML) 7 Page - BCD Semiconductor Manufacturing Limited

Back Button AUR9705 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AUR9705 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AUR9705 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AUR9705 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AUR9705 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AUR9705 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AUR9705 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AUR9705 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AUR9705 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Data Sheet
1.5MHz, 1A, STEP DOWN DC-DC CONVERTER
AUR9705
Nov. 2011 Rev. 1. 0
BCD Semiconductor Manufacturing Limited
7
Typical Performance Characteristics (Continued)
Figure 8. Output Voltage vs. Output Current
Figure 9. Output Ripple
(VOUT=1.2±0.03V)
(VIN=5.0V, VOUT=3.3V, IOUT=1A)
Figure 10. Power Off through VIN
Figure 11. Soft Start (Power Up through EN)
(VIN=VEN=5.0 to 0V, VOUT=3.3V, IOUT=1A)
(VIN=5.0V, VOUT=3.3V, IOUT=1A, VEN=0 to 5.0V)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.16
1.17
1.18
1.19
1.20
1.21
1.22
1.23
1.24
1.25
Output Current (A)
L=2.2µH
C
OUT
=10µF
2.5V
3.3V
4.2V
5V
5.5V


Similar Part No. - AUR9705

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AUR9703 BCDSEMI-AUR9703 Datasheet
892Kb / 20P
   1.5MHz, 800mA, STEP DOWN DC-DC CONVERTER
AUR9703AGH BCDSEMI-AUR9703AGH Datasheet
892Kb / 20P
   1.5MHz, 800mA, STEP DOWN DC-DC CONVERTER
AUR9707 BCDSEMI-AUR9707 Datasheet
796Kb / 15P
   Dual High-efficiency PWM Step-down DC-DC Converter with OVP
AUR9707AGD BCDSEMI-AUR9707AGD Datasheet
796Kb / 15P
   Dual High-efficiency PWM Step-down DC-DC Converter with OVP
More results

Similar Description - AUR9705

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AUR9713 BCDSEMI-AUR9713 Datasheet
768Kb / 14P
   1.5MHz, 1A, STEP DOWN DC-DC CONVERTER
logo
Diodes Incorporated
AP3401 DIODES-AP3401 Datasheet
933Kb / 11P
   1.5MHZ, 1A STEP-DOWN DC - DC BUCK CONVERTER
AP3428 DIODES-AP3428_V01 Datasheet
1Mb / 14P
   1.5MHZ, 1A STEP-DOWN DC-DC BUCK CONVERTER
Rev. 5 - 2 May 2021
AP3428 DIODES-AP3428 Datasheet
1,019Kb / 13P
   1.5MHZ, 1A STEP-DOWN DC-DC BUCK CONVERTER
logo
E-CMOS Corporation
EC3201S E-CMOS-EC3201S Datasheet
653Kb / 9P
   1A, 1.5MHz, Synchronous Step Down DC/DC Converter
logo
Diodes Incorporated
AP3427M DIODES-AP3427M Datasheet
621Kb / 9P
   DUAL 1A, 1.5MHz SYNCHRONOUS STEP-DOWN DC-DC CONVERTER
logo
Richtek Technology Corp...
RT8016 RICHTEK-RT8016 Datasheet
254Kb / 14P
   1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
RT8010 RICHTEK-RT8010 Datasheet
397Kb / 15P
   1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
RT8059 RICHTEK-RT8059 Datasheet
265Kb / 10P
   1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
RT8010GQW RICHTEK-RT8010GQW Datasheet
332Kb / 15P
   1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com