Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AUR9713AGH Datasheet(PDF) 5 Page - BCD Semiconductor Manufacturing Limited

Part # AUR9713AGH
Description  1.5MHz, 1A, STEP DOWN DC-DC CONVERTER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AUR9713AGH Datasheet(HTML) 5 Page - BCD Semiconductor Manufacturing Limited

  AUR9713AGH Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AUR9713AGH Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AUR9713AGH Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AUR9713AGH Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AUR9713AGH Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AUR9713AGH Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AUR9713AGH Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AUR9713AGH Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AUR9713AGH Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Data Sheet
1.5MHz, 1A, STEP DOWN DC-DC CONVERTER
AUR9713
Mar. 2012 Rev. 1. 1
BCD Semiconductor Manufacturing Limited
5
Electrical Characteristics
VIN=3.6V, VOUT=2.5V, VREF=0.6V, L=2.2µH, CIN=4.7µF, COUT=10µF, TA=25°C, IMAX=1A.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Input Voltage Range
VIN
2.5
5.5
V
Shutdown Current
IOFF
VEN=0
0.1
1
µA
Regulated1Feedback
Voltage
VFB
For Adjustable Output Voltage
0.585
0.6
0.615
V
Regulated
Output
Voltage Accuracy
∆VOUT/VOUT
VIN=2.5V to 5.5V;
IOUT=0 to 1A
-3
3
%
Peak
Inductor
Current
IPK
VIN=3V,
VFB=0.5V
or
VOUT=90%, Duty Cycle<35%
1.5
A
Oscillator Frequency
fOSC
VIN=3.6V
1.2
1.5
1.8
MHz
PMOSFET RON
RON(P)
VIN=3.6V, IOUT=200mA
0.28
NMOSFET RON
RON(N)
VIN=2.5V, IOUT=200mA
0.38
Quiescent Current
IQ
ILOAD=0mA, VFB=VREF+5%
100
µA
LX Leakage Current
ILX
VIN=5V, VEN=0V, VLX=0V or
5V
0.01
0.1
µA
Feedback Current
IFB
30
nA
EN Leakage Current
IEN
0.01
0.1
µA
EN High-level Input
Voltage
VEN_H
VIN=2.5V to 5.5V
1.5
V
EN Low-Level Input
Voltage
VEN_L
VIN=2.5V to 5.5V
0.6
V
Under Voltage Lock
Out
1.8
V
Hysteresis
0.1
V
Thermal Shutdown
TSD
150
°C


Similar Part No. - AUR9713AGH

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AUR9717 BCDSEMI-AUR9717 Datasheet
684Kb / 14P
   Dual 1A, 1.5MHz PWM Step-down DC-DC Converter with OVP
AUR9717AGD BCDSEMI-AUR9717AGD Datasheet
684Kb / 14P
   Dual 1A, 1.5MHz PWM Step-down DC-DC Converter with OVP
AUR9718 BCDSEMI-AUR9718 Datasheet
1Mb / 19P
   1.5MHz, 1.5A, Step-down DC-DC Converter
AUR9718AGD BCDSEMI-AUR9718AGD Datasheet
1Mb / 19P
   1.5MHz, 1.5A, Step-down DC-DC Converter
AUR9719 BCDSEMI-AUR9719 Datasheet
748Kb / 19P
   1.5MHz, 2A, STEP DOWN DC-DC CONVERTER
More results

Similar Description - AUR9713AGH

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AUR9705 BCDSEMI-AUR9705 Datasheet
580Kb / 14P
   1.5MHz, 1A, STEP DOWN DC-DC CONVERTER
logo
Diodes Incorporated
AP3401 DIODES-AP3401 Datasheet
933Kb / 11P
   1.5MHZ, 1A STEP-DOWN DC - DC BUCK CONVERTER
AP3428 DIODES-AP3428_V01 Datasheet
1Mb / 14P
   1.5MHZ, 1A STEP-DOWN DC-DC BUCK CONVERTER
Rev. 5 - 2 May 2021
AP3428 DIODES-AP3428 Datasheet
1,019Kb / 13P
   1.5MHZ, 1A STEP-DOWN DC-DC BUCK CONVERTER
logo
E-CMOS Corporation
EC3201S E-CMOS-EC3201S Datasheet
653Kb / 9P
   1A, 1.5MHz, Synchronous Step Down DC/DC Converter
logo
Diodes Incorporated
AP3427M DIODES-AP3427M Datasheet
621Kb / 9P
   DUAL 1A, 1.5MHz SYNCHRONOUS STEP-DOWN DC-DC CONVERTER
logo
Richtek Technology Corp...
RT8016 RICHTEK-RT8016 Datasheet
254Kb / 14P
   1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
RT8010 RICHTEK-RT8010 Datasheet
397Kb / 15P
   1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
RT8059 RICHTEK-RT8059 Datasheet
265Kb / 10P
   1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
RT8010GQW RICHTEK-RT8010GQW Datasheet
332Kb / 15P
   1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com