Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GGS324 Datasheet(PDF) 1 Page - BCD Semiconductor Manufacturing Limited

Part # GGS324
Description  LOW POWER QUAD OPERATIONAL AMPLIFIERS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

GGS324 Datasheet(HTML) 1 Page - BCD Semiconductor Manufacturing Limited

  GGS324 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited GGS324 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited GGS324 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited GGS324 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited GGS324 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited GGS324 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited GGS324 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited GGS324 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited GGS324 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1
Jan. 2013 Rev. 2. 0
BCD Semiconductor Manufacturing Limited
Data Sheet
LOW POWER QUAD OPERATIONAL AMPLIFIERS
AS324/324A
Figure 1. Package Types of AS324/324A
General Description
The AS324/324A consist of four independent, high
gain and internally frequency compensated operational
amplifiers. They are specifically designed to operate
from a single power supply. Operation from split
power supplies is also possible and the low power
supply current drain is independent of the magnitude
of the power supply voltage. Typical applications
include transducer amplifiers, DC gain blocks and
most conventional operational amplifier circuits.
The AS324/324A series are compatible with industry
standard 324. AS324A has more stringent input offset
voltage than AS324.
The AS324 is available in SOIC-14, DIP-14 and
TSSOP-14 packages, AS324A is available in SOIC-14
package.
Features
·
Internally Frequency Compensated for Unity
Gain
·
Large Voltage Gain: 100dB (Typical)
·
Low Input Bias Current: 20nA (Typical)
·
Low Input Offset Voltage: 2mV (Typical)
·
Low Supply Current: 0.5mA (Typical)
·
Wide Power Supply Voltage Range:
Single Supply: 3V to 36V
Dual Supplies: ± 1.5V to ± 18V
·
Input Common Mode Voltage Range Includes
Ground
·
Large Output Voltage Swing: 0V to VCC -1.5V
·
Power Drain Suitable for Battery Operation
Application
·
Battery Charger
·
Cordless Telephone
·
Switching Power Supply
DIP-14
SOIC-14
TSSOP-14


Similar Part No. - GGS324

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GGS170TS-IPG ETC-GGS170TS-IPG Datasheet
321Kb / 3P
   SURFACE MOUNT LED LAMPS
logo
Taoglas antenna solutio...
GGSFTP.50.7.A.08 TAOGLAS-GGSFTP.50.7.A.08 Datasheet
800Kb / 13P
   50*50*7mm Low Profile Terrablast Stacked Patch Antenna
More results

Similar Description - GGS324

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LM2902 STMICROELECTRONICS-LM2902 Datasheet
135Kb / 14P
   LOW POWER QUAD OPERATIONAL AMPLIFIERS
August 1998
LM124 STMICROELECTRONICS-LM124 Datasheet
142Kb / 14P
   LOW POWER QUAD OPERATIONAL AMPLIFIERS
June 1999
LM124 STMICROELECTRONICS-LM124_05 Datasheet
915Kb / 16P
   Low Power Quad Operational Amplifiers
Rev 3 June 2005
logo
National Semiconductor ...
LM2902EP NSC-LM2902EP Datasheet
844Kb / 18P
   Low Power Quad Operational Amplifiers
logo
BCD Semiconductor Manuf...
AS324 BCDSEMI-AS324 Datasheet
52Kb / 2P
   LOW POWER QUAD OPERATIONAL AMPLIFIERS
logo
Taiwan Semiconductor Co...
TS324 TSC-TS324_07 Datasheet
531Kb / 8P
   Low Power Quad Operational Amplifiers
logo
New Japan Radio
NJM324C NJRC-NJM324C Datasheet
459Kb / 10P
   Low power quad operational amplifiers
ver.09
logo
Texas Instruments
LM124JAN TI1-LM124JAN_13 Datasheet
781Kb / 26P
[Old version datasheet]   Low Power Quad Operational Amplifiers
logo
STMicroelectronics
LM2902 STMICROELECTRONICS-LM2902_V01 Datasheet
792Kb / 20P
   Low-power quad operational amplifiers
2022
LM124A STMICROELECTRONICS-LM124A Datasheet
1,021Kb / 13P
   LOW POWER QUAD OPERATIONAL AMPLIFIERS
March 2001
logo
BCD Semiconductor Manuf...
AS324 BCDSEMI-AS324_06 Datasheet
285Kb / 13P
   LOW POWER QUAD OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com