Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC2104 Datasheet(PDF) 3 Page - Motorola, Inc

Part # MPC2104
Description  256KB and 512KB BurstRAM Secondary Cache Modules for PowerPC PReP/CHRP Platforms
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC2104 Datasheet(HTML) 3 Page - Motorola, Inc

  MPC2104 Datasheet HTML 1Page - Motorola, Inc MPC2104 Datasheet HTML 2Page - Motorola, Inc MPC2104 Datasheet HTML 3Page - Motorola, Inc MPC2104 Datasheet HTML 4Page - Motorola, Inc MPC2104 Datasheet HTML 5Page - Motorola, Inc MPC2104 Datasheet HTML 6Page - Motorola, Inc MPC2104 Datasheet HTML 7Page - Motorola, Inc MPC2104 Datasheet HTML 8Page - Motorola, Inc MPC2104 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
MPC2104
•MPC2105•MPC2106•MPC2107
3
MOTOROLA FAST SRAM
MPC2104/MPC2105 BLOCK DIAGRAM
MCM67Mx18
A15
K
G
E
DQ0 – DQ8
A13
STANDBY
TSC
COE0
TSP
A14 – A26
VCC5 via 100 Ω
A2 – A14
A14 – A26
LW
BAA
ADS0
CWE0
A2 – A12
A1
TCLR
TWE
CLK2
MATCH
DIRTYOUT
VALIDIN
DIRTYIN
TOE
TAG: 16K x 12 + V + D
A13
RESET
A0 – A12
TAG, TAD, E2
SFUNC, SG
TDQ0 – TDQ10
TDQ11
SW
TW
K
MATCH
DIRTYQ
VALIDD
DIRTYD
TG
CLK3
= NC
CLK4
= NC
ALE
= NC
ADS1
= NC
CNTEN1
= NC
COE1
= NC
ADDR0
= NC
ADDR1
= NC
PD2
= NC
PD3
J0
X24C00
(OPTIONAL)
SCL
SDA
PD0/IDSCLK
PD1/IDSDATA
J2
J3
DQ9 – DQ17
UW
CLK0
DH0 – DH7 + DP0
DH8 – DH15 + DP1
CWE1
CNTEN0
A1
A27
A0
A28
MCM67Mx18
A15
K
G
E
DQ0 – DQ8
TSC
TSP
A2 – A14
LW
BAA
CWE2
DQ9 – DQ17
UW
CLK0
DH16 – DH23 + DP2
DH24 – DH31 + DP3
CWE3
A1
A0
MCM67Mx18
A15
K
G
E
DQ0 – DQ8
TSC
TSP
A2 – A14
LW
BAA
CWE4
DQ9 – DQ17
UW
CLK1
DL0 – DL7 + DP4
DL8 – DL15 + DP5
CWE5
A1
A0
MCM67Mx18
A15
K
G
E
DQ0 – DQ8
TSC
TSP
A2 – A14
LW
BAA
CWE6
DQ9 – DQ17
UW
CLK1
DL16 – DL23 + DP6
DL24 – DL31 + DP7
CWE7
A1
A0
’244
TT1, WTD, E1
TAH, PWRDN
J5
VSS
VCC5 via 100 Ω
WTQ
VALIDQ
VCCQ
VCC3
NC
256KB
512KB
EEPROM
EEPROM
256KB
512KB
J5
no stuff
0
no stuff
0
J4
0
0
no stuff
no stuff
J3
0
0
no stuff
no stuff
J2
0
no stuff
no stuff
no stuff
J1
0
no stuff
0
no stuff
J0
no stuff
0
no stuff
0
J4
J1
Note: MPC2104 utilizes 32K x 18 BurstRAMs. MPC2105 utilizes 64K x 18 BurstRAMs.
NC


Similar Part No. - MPC2104

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC2104P MOTOROLA-MPC2104P Datasheet
158Kb / 16P
   256KB/512KB BurstRAM Secondary Cache Modules for PowerPC PReP/CHRP Platforms
MPC2104PDG66 MOTOROLA-MPC2104PDG66 Datasheet
158Kb / 16P
   256KB/512KB BurstRAM Secondary Cache Modules for PowerPC PReP/CHRP Platforms
More results

Similar Description - MPC2104

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC2104P MOTOROLA-MPC2104P Datasheet
158Kb / 16P
   256KB/512KB BurstRAM Secondary Cache Modules for PowerPC PReP/CHRP Platforms
MPC2004 MOTOROLA-MPC2004 Datasheet
84Kb / 6P
   256KB and 512KB BurstRAM Secondary Cache Modules for PowerPC PReP/CHRP Platforms
MPC2105A MOTOROLA-MPC2105A Datasheet
245Kb / 20P
   512KB and 1MB BurstRAM Secondary Cache Modules for PowerPC PReP/CHRP Platforms
MPC2105C MOTOROLA-MPC2105C Datasheet
229Kb / 18P
   512KB and 1MB BurstRAM Secondary Cache Modules for PowerPC PReP/CHRP Platforms
MPC2002 MOTOROLA-MPC2002 Datasheet
234Kb / 14P
   256KB and 512KB BurstRAM Secondary Cache Module for PowerPC - Based Systems
MCM72BA32 MOTOROLA-MCM72BA32 Datasheet
237Kb / 14P
   256KB and 512KB BurstRAM Secondary Cache Module for Pentium
MCM72BB32 MOTOROLA-MCM72BB32 Datasheet
252Kb / 14P
   256KB and 512KB BurstRAM Secondary Cache Module for Pentium
MCM72CF32 MOTOROLA-MCM72CF32 Datasheet
259Kb / 14P
   256KB and 512KB BurstRAM Secondary Cache Module for Pentium
MCM72BF32 MOTOROLA-MCM72BF32 Datasheet
253Kb / 14P
   256KB and 512KB BurstRAM Secondary Cache Module for Pentium
MCM72CB32 MOTOROLA-MCM72CB32 Datasheet
260Kb / 14P
   256KB and 512KB BurstRAM Secondary Cache Module for Pentium
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com