Selected language     English  ▼


9-1414964-1 Datasheet(PDF) 3 Page - Tyco Electronics

Part No. 9-1414964-1
Description  Single Nano Relay (THT THR)
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MACOM [Tyco Electronics]
Homepage  http://www.macom.com
Logo 

   
 3 page
background image
Single Nano Relay (THT – THR)
PCB Relays
Single Relays
Catalog 1308028-2
Revised 8-2009
All specifications subject to change. Consult Tyco Electronics for latest specifications.
108
Contact Data
Typical areas of application
Resistive/inductive load
Contact configuration
1 Changeover contact /
1 Form C
Circuit symbol
(see also Pin assignment)
Rated voltage
12 V
Rated current
NC/NO
15 A /20 A
Limiting continuous current
23°C
25 A /30A
85°C
15 A /20 A
105°C
10 A /12 A
Contact material
Silver based
Max. switching voltage/power
See load limit curve
Max. switching current 1)
NC/NO
On 2)
30 A
Off
30 A
Min. recommended load 3)
1 A at 5 V
Voltage drop at 10 A (initial)
for NC/NO contacts
Typ. 30 mV, 300 mV max.
Mechanical endurance (without load)
> 5 x 106 operations
Electrical endurance
Motor reverse blocked:
at cyclic temperature –40/+23/+85°C
> 105 operations
and 13.5 V
at 25 A,
0.77 mH inductive load
1) The values apply to a resistive or inductive load with suitable spark suppression and at maximum 13.5 V for 12 V load voltages.
2) For a load current duration of maximum 3 s for a make/break ratio of 1:10.
3) See chapter Diagnostics of Relays in our Application Notes page 31 or consult the internet at http://relays.tycoelectronics.com/appnotes/
Load Limit Curve
10
100
110
100
Switching current [A]
Load limit curve 2
Load limit curve 1
138 S_LLC1
Load limit curve 1 ^
= arc extinguishes
during transit time
Load limit curve 2 ^
= safe shutdown,
no stationary arc
3 5
4




Html Pages

1  2  3  4  5 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl