Selected language     English  ▼


9-1414964-1 Datasheet(PDF) 4 Page - Tyco Electronics

Part No. 9-1414964-1
Description  Single Nano Relay (THT THR)
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MACOM [Tyco Electronics]
Homepage  http://www.macom.com
Logo 

   
 4 page
background image
Single Nano Relay (THT – THR)
PCB Relays
Single Relays
Catalog 1308028-2
Revised 8-2009
All specifications subject to change. Consult Tyco Electronics for latest specifications.
109
Circuit Diagram
1 Changeover contact /1 Form C
Coil Data
Available for nominal voltages
12 V
Nominal power consumption of the unsuppressed coil at nominal voltage
0.8 W
Test voltage winding/contact
500 VACrms
Maximum ambient temperature range 1)
–40 to +105°C
Operate time at nominal voltage
Typ. 3 ms
Release time at nominal voltage 2)
Typ. 1.5 ms
1) Permanent use above 85°C could be critical, see also operating voltage range diagram.
2) For unsuppressed relay coil.
Note:
A low resistive suppression device in parallel to the relay coil increases the release time and
reduces the lifetime caused by increased erosion and/or higher risk of contact tack welding.
12
4
3
5
138S_PA3
Operating Voltage Range
0
5
10
15
20
25
30
-40
-20
0
20
40
60
80
100
120
Ambient temperature [ C ]
Umax.
Uop. (E = Un x 1.12)
Uop. (E = 0V)
Does not take into account
the temperature rise due to
the contact current
E = pre-energization
138 S_OVR1




Html Pages

1  2  3  4  5 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl