Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1393776-8 Datasheet(PDF) 4 Page - Tyco Electronics

Part # 1393776-8
Description  P1 Relay V23026
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1393776-8 Datasheet(HTML) 4 Page - Tyco Electronics

  1393776-8 Datasheet HTML 1Page - Tyco Electronics 1393776-8 Datasheet HTML 2Page - Tyco Electronics 1393776-8 Datasheet HTML 3Page - Tyco Electronics 1393776-8 Datasheet HTML 4Page - Tyco Electronics 1393776-8 Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
02-2012, Rev. 0212
www.te.com
© 2011 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
4
AXICOM
Signal Relays
P1 Relay V23026 (Continued)
Recommended soldering conditions
Processing
108-98009 Rev. E
All specifications subject to change. Consult Tyco Electronics for latest specifications.
9 of 12
Telecom-, Signal and RF Relays
P1 V23026 Relay
AXICOM
Soldering conditions according IEC 60058-2-58 and
IPC/JEDEC J-STD-020B
Infrared Soldering: Temperature/Time Profile
(Lead and Housing Peak Temperature)
Infrared Soldering: Temperature/Time Profile
(Lead and Housing Peak Temperature)
Recommended Soldering Conditions
Resistance to soldering heat - Re ow prole
Recommended re ow soldering prole
Vapor Phase Soldering: Temperature/Time Profile
(Lead and Housing Peak Temperature)
240 °C
180 °C
130 °C
100 °C
20 - 40 sec
Full line:
typical
Dotted line: process limits
forced
cooling
Time (s)
Time (s)
108-98009 Rev. E
All specifications subject to change. Consult Tyco Electronics for latest specifications.
9 of 12
Telecom-, Signal and RF Relays
P1 V23026 Relay
AXICOM
Soldering conditions according IEC 60058-2-58 and
IPC/JEDEC J-STD-020B
Infrared Soldering: Temperature/Time Profile
(Lead and Housing Peak Temperature)
Infrared Soldering: Temperature/Time Profile
(Lead and Housing Peak Temperature)
Recommended Soldering Conditions
Resistance to soldering heat - Re ow prole
Recommended re ow soldering prole
Vapor Phase Soldering: Temperature/Time Profile
(Lead and Housing Peak Temperature)
240 °C
180 °C
130 °C
100 °C
20 - 40 sec
Full line:
typical
Dotted line: process limits
forced
cooling
Time (s)
Time (s)
108-98009 Rev. E
All specifications subject to change. Consult Tyco Electronics for latest specifications.
9 of 12
Telecom-, Signal and RF Relays
P1 V23026 Relay
AXICOM
Soldering conditions according IEC 60058-2-58 and
IPC/JEDEC J-STD-020B
Infrared Soldering: Temperature/Time Profile
(Lead and Housing Peak Temperature)
Infrared Soldering: Temperature/Time Profile
(Lead and Housing Peak Temperature)
Recommended Soldering Conditions
Resistance to soldering heat - Re ow prole
Recommended re ow soldering prole
Vapor Phase Soldering: Temperature/Time Profile
(Lead and Housing Peak Temperature)
240 °C
180 °C
130 °C
100 °C
20 - 40 sec
Full line:
typical
Dotted line: process limits
forced
cooling
Time (s)
Time (s)
Soldering conditions according IEC 60058-2-58 and
IPC/JEDEC J-STD-020B
Resistance to soldering heat - Reflow profile
Recommended reflow soldering profile
Vapor Phase Soldering:
temperature/time profile (lead
and housing peak temperature)
Infrared Soldering: temperature/
time profile (lead and housing
peak temperature)
Packing
108-98009 Rev. E
All specifications subject to change. Consult Tyco Electronics for latest specifications.
10 of 12
Telecom-, Signal and RF Relays
P1 V23026 Relay
AXICOM
Packing
Dimensions in mm
11.6±0.2
Tube for THT version
40 relays per tube
2‘000 relays per box
Tape and reel for SMT version
480 relays per reel
2‘400 per box
Reel dimension
Tube for THT version
40 relays per tube, 2000 relays per box
108-98009 Rev. E
All specifications subject to change. Consult Tyco Electronics for latest specifications.
10 of 12
Telecom-, Signal and RF Relays
P1 V23026 Relay
AXICOM
Packing
Dimensions in mm
11.6±0.2
Tube for THT version
40 relays per tube
2‘000 relays per box
Tape and reel for SMT version
480 relays per reel
2‘400 per box
Reel dimension
Tape and reel for SMT version
480 relays per reel, 2400 relays per box
Reel dimensions
108-98009 Rev. E
All specifications subject to change. Consult Tyco Electronics for latest specifications.
10 of 12
Telecom-, Signal and RF Relays
P1 V23026 Relay
AXICOM
Packing
Dimensions in mm
11.6±0.2
Tube for THT version
40 relays per tube
2‘000 relays per box
Tape and reel for SMT version
480 relays per reel
2‘400 per box
Reel dimension
108-98009 Rev. E
All specifications subject to change. Consult Tyco Electronics for latest specifications.
10 of 12
Telecom-, Signal and RF Relays
P1 V23026 Relay
AXICOM
Packing
Dimensions in mm
11.6±0.2
Tube for THT version
40 relays per tube
2‘000 relays per box
Tape and reel for SMT version
480 relays per reel
2‘400 per box
Reel dimension


Similar Part No. - 1393776-8

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
1393776-8 TEC-1393776-8 Datasheet
2Mb / 5P
   Directly triggerable with TTL standard modules as ALS, HCT & ACT
1393776-8 TEC-1393776-8 Datasheet
2Mb / 5P
   Directly triggerable with TTL standard modules as ALS, HCT & ACT
More results

Similar Description - 1393776-8

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-1393774-6 MACOM-2-1393774-6 Datasheet
2Mb / 5P
   P1 Relay V23026
2-1393774-0 MACOM-2-1393774-0 Datasheet
2Mb / 5P
   P1 Relay V23026
2-1393774-1 MACOM-2-1393774-1 Datasheet
2Mb / 5P
   P1 Relay V23026
2-1393774-4 MACOM-2-1393774-4 Datasheet
2Mb / 5P
   P1 Relay V23026
2-1393774-7 MACOM-2-1393774-7 Datasheet
2Mb / 5P
   P1 Relay V23026
V23026 MACOM-V23026 Datasheet
730Kb / 10P
   P1 Relay
logo
List of Unclassifed Man...
YS05S16-0G ETC2-YS05S16-0G Datasheet
870Kb / 23P
   GPS Module TC6000GN-P1
PFC500-1048F ETC2-PFC500-1048F Datasheet
870Kb / 23P
   GPS Module TC6000GN-P1
logo
Rohm
SML-P12VTT86 ROHM-SML-P12VTT86 Datasheet
644Kb / 9P
   SML-P1 series
logo
PHOENIX CONTACT
5145562 PHOENIX-5145562 Datasheet
50Kb / 2P
   Accessories - P1 ENGRAVING SPINDLE
09/12/2020
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com