Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC2104P Datasheet(PDF) 6 Page - Motorola, Inc

Part # MPC2104P
Description  256KB/512KB BurstRAM Secondary Cache Modules for PowerPC PReP/CHRP Platforms
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC2104P Datasheet(HTML) 6 Page - Motorola, Inc

Back Button MPC2104P Datasheet HTML 2Page - Motorola, Inc MPC2104P Datasheet HTML 3Page - Motorola, Inc MPC2104P Datasheet HTML 4Page - Motorola, Inc MPC2104P Datasheet HTML 5Page - Motorola, Inc MPC2104P Datasheet HTML 6Page - Motorola, Inc MPC2104P Datasheet HTML 7Page - Motorola, Inc MPC2104P Datasheet HTML 8Page - Motorola, Inc MPC2104P Datasheet HTML 9Page - Motorola, Inc MPC2104P Datasheet HTML 10Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
MPC2104P
•MPC2105P
6
MOTOROLA FAST SRAM
TRUTH TABLE (See Notes 1 through 4)
Next Cycle
Address
Used
Standby
ADS0
CNTEN0
CG0 2
DHx/DLx
CWEx 2
Deselect
None
1
0
X
X
High–Z
X
Begin Read
External
0
0
X
X
High–Z
14
Continue Read
Next
X
1
0
1
High–Z
1
Continue Read
Next
X
1
0
0
DQ
1
Suspend Read
Current
X
1
1
1
High–Z
1
Suspend Read
Current
X
1
1
0
DQ
1
Begin Write
External
0
0
X
X
High–Z
0
Continue Write
Next
X
1
0
X
High–Z
0
Suspend Write
Current
X
1
1
X
High–Z
0
NOTES:
1. X = Don’t Care. 1 = logic high. 0 = logic low.
2. CG0 is an asynchronous signal and is not sampled by the clock CLK0. CG0 drives the bus immediately (tGLQX) following CG0 going low.
3. On write cycles that follow read cycles, CG0 must be negated prior to the start of the write cycle to ensure proper write data setup times.
CG0 must also remain negated at the completion of the write cycle to ensure proper write data hold times.
4. This READ assumes the RAM was previously deselected.
ASYNCHRONOUS TRUTH TABLE
Operation
CG0
I/O Status
Read
L
Data Out (DHx/DLx)
Read
H
High–Z
Write
X
High–Z
Deselected
X
High–Z
Sleep
X
High–Z
LINEAR BURST ADDRESS TABLE (Burst Mode = VSS)
1st Address (External)
2nd Address (Internal)
3rd Address (Internal)
4th Address (Internal)
X . . . X00
X . . . X01
X . . . X10
X . . . X11
X . . . X01
X . . . X10
X . . . X11
X . . . X00
X . . . X10
X . . . X11
X . . . X00
X . . . X01
X . . . X11
X . . . X00
X . . . X01
X . . . X10
INTERLEAVED BURST ADDRESS TABLE (Burst Mode = VDD)
1st Address (External)
2nd Address (Internal)
3rd Address (Internal)
4th Address (Internal)
X . . . X00
X . . . X01
X . . . X10
X . . . X11
X . . . X01
X . . . X00
X . . . X11
X . . . X10
X . . . X10
X . . . X11
X . . . X00
X . . . X01
X . . . X11
X . . . X10
X . . . X01
X . . . X00


Similar Part No. - MPC2104P

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC2104 MOTOROLA-MPC2104 Datasheet
228Kb / 24P
   256KB and 512KB BurstRAM Secondary Cache Modules for PowerPC PReP/CHRP Platforms
MPC2104SG66 MOTOROLA-MPC2104SG66 Datasheet
228Kb / 24P
   256KB and 512KB BurstRAM Secondary Cache Modules for PowerPC PReP/CHRP Platforms
More results

Similar Description - MPC2104P

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC2004 MOTOROLA-MPC2004 Datasheet
84Kb / 6P
   256KB and 512KB BurstRAM Secondary Cache Modules for PowerPC PReP/CHRP Platforms
MPC2104 MOTOROLA-MPC2104 Datasheet
228Kb / 24P
   256KB and 512KB BurstRAM Secondary Cache Modules for PowerPC PReP/CHRP Platforms
MPC2105A MOTOROLA-MPC2105A Datasheet
245Kb / 20P
   512KB and 1MB BurstRAM Secondary Cache Modules for PowerPC PReP/CHRP Platforms
MPC2105C MOTOROLA-MPC2105C Datasheet
229Kb / 18P
   512KB and 1MB BurstRAM Secondary Cache Modules for PowerPC PReP/CHRP Platforms
MPC2002 MOTOROLA-MPC2002 Datasheet
234Kb / 14P
   256KB and 512KB BurstRAM Secondary Cache Module for PowerPC - Based Systems
MCM72BA32 MOTOROLA-MCM72BA32 Datasheet
237Kb / 14P
   256KB and 512KB BurstRAM Secondary Cache Module for Pentium
MCM72BB32 MOTOROLA-MCM72BB32 Datasheet
252Kb / 14P
   256KB and 512KB BurstRAM Secondary Cache Module for Pentium
MCM72CF32 MOTOROLA-MCM72CF32 Datasheet
259Kb / 14P
   256KB and 512KB BurstRAM Secondary Cache Module for Pentium
MCM72BF32 MOTOROLA-MCM72BF32 Datasheet
253Kb / 14P
   256KB and 512KB BurstRAM Secondary Cache Module for Pentium
MCM72CB32 MOTOROLA-MCM72CB32 Datasheet
260Kb / 14P
   256KB and 512KB BurstRAM Secondary Cache Module for Pentium
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com