Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74VCX86M Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # 74VCX86M
Description  Low Voltage Quad 2-Input Exclusive-OR Gate with 3.6V Tolerant Inputs and Outputs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74VCX86M Datasheet(HTML) 3 Page - Fairchild Semiconductor

  74VCX86M Datasheet HTML 1Page - Fairchild Semiconductor 74VCX86M Datasheet HTML 2Page - Fairchild Semiconductor 74VCX86M Datasheet HTML 3Page - Fairchild Semiconductor 74VCX86M Datasheet HTML 4Page - Fairchild Semiconductor 74VCX86M Datasheet HTML 5Page - Fairchild Semiconductor 74VCX86M Datasheet HTML 6Page - Fairchild Semiconductor 74VCX86M Datasheet HTML 7Page - Fairchild Semiconductor 74VCX86M Datasheet HTML 8Page - Fairchild Semiconductor 74VCX86M Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
www.fairchildsemi.com
Absolute Maximum Ratings(Note 2)
Recommended Operating
Conditions (Note 4)
Note 2: The Absolute Maximum Ratings are those values beyond which
the safety of the device cannot be guaranteed. The device should not be
operated at these limits. The parametric values defined in the Electrical
Characteristics tables are not guaranteed at the Absolute Maximum Rat-
ings. The “Recommended Operating Conditions” table will define the condi-
tions for actual device operation.
Note 3: IO Absolute Maximum Rating must be observed.
Note 4: Floating or unused inputs must be held HIGH or LOW.
DC Electrical Characteristics
Supply Voltage (VCC)
0.5V to 4.6V
DC Input Voltage (VI)
0.5V to 4.6V
Output Voltage (VO)
HIGH or LOW State (Note 3)
0.5V to VCC 0.5V
VCC 0V
0.5V to 4.6V
DC Input Diode Current (IIK) VI  0V
50 mA
DC Output Diode Current (IOK)
VO  0V
50 mA
VO ! VCC
50 mA
DC Output Source/Sink Current
(IOH/IOL)
r50 mA
DC VCC or GND Current per
Supply Pin (ICC or Ground)
r100 mA
Storage Temperature Range (TSTG)
65qC to 150qC
Power Supply
Operating
1.2V to 3.6V
Input Voltage
0.3V to 3.6V
Output Voltage (VO)
HIGH or LOW State
0V to VCC
Output Current in IOH/IOL
VCC 3.0V to 3.6V
r24 mA
VCC 2.3V to 2.7V
r18 mA
VCC 1.65V to 2.3V
r6 mA
VCC 1.4V to 1.6V
r2 mA
VCC 1.2V
r100 PA
Free Air Operating Temperature (TA)
40qC to 85qC
Minimum Input Edge Rate (
't/'V)
VIN 0.8V to 2.0V, VCC 3.0V
10 ns/V
Symbol
Parameter
Conditions
VCC
Min
Max
Units
(V)
VIH
HIGH Level Input Voltage
2.7 - 3.6
2.0
V
2.3 - 2.7
1.6
1.65 - 2.3
0.65
u VCC
1.4 - 1.6
0.65
u VCC
1.2
0.65
u VCC
VIL
LOW Level Input Voltage
2.7 - 3.6
0.8
V
2.3 - 2.7
0.7
1.65 - 2.3
0.35
u VCC
1.4 - 1.6
0.35
u VCC
1.2
VOH
HIGH Level Output Voltage
IOH 100 PA
2.7 - 3.6
VCC - 0.2
V
IOH 12 mA
2.7
2.2
IOH 18 mA
3.0
2.4
IOH 24 mA
3.0
2.2
IOH 100 PA
2.3 - 2.7
VCC - 0.2
IOH 6 mA
2.3
2.0
IOH 12 mA
2.3
1.8
IOH 18 mA
2.3
1.7
IOH 100 PA
1.65 - 2.3
VCC - 0.2
IOH 6 mA
1.65
1.25
IOH 100 PA
1.4 - 1.6
VCC - 0.2
IOH 2 mA
1.4
1.05
IOH 100 PA1.2
VCC - 0.2


Similar Part No. - 74VCX86M

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
74VCX86 ONSEMI-74VCX86 Datasheet
665Kb / 11P
   Low Voltage Quad 2-Input AND Gate
Revised December 2013
More results

Similar Description - 74VCX86M

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74ALVC86 FAIRCHILD-74ALVC86 Datasheet
71Kb / 5P
   Low Voltage Quad 2-Input Exclusive-OR Gate with 3.6V Tolerant Inputs and Outputs
74ALVC86 FAIRCHILD-74ALVC86_05 Datasheet
93Kb / 5P
   Low Voltage Quad 2-Input Exclusive-OR Gate with 3.6V Tolerant Inputs and Outputs
logo
Toshiba Semiconductor
TC74VCX32FT TOSHIBA-TC74VCX32FT Datasheet
282Kb / 8P
   LOW VOLTAGE QUAD 2-INPUT OR GATE WITH 3.6V TOLERANT INPUTS AND OUTPUTS
logo
Fairchild Semiconductor
74VCX32M FAIRCHILD-74VCX32M Datasheet
512Kb / 10P
   Low Voltage Quad 2-Input OR Gate with 3.6V Tolerant Inputs and Outputs
74ALVC32 FAIRCHILD-74ALVC32_05 Datasheet
92Kb / 5P
   Low Voltage Quad 2-Input OR Gate with 3.6V Tolerant Inputs and Outputs
74ALVC32 FAIRCHILD-74ALVC32 Datasheet
71Kb / 5P
   Low Voltage Quad 2-Input OR Gate with 3.6V Tolerant Inputs and Outputs
74VCX32 FAIRCHILD-74VCX32 Datasheet
513Kb / 10P
   Low Voltage Quad 2-Input OR Gate with 3.6V Tolerant Inputs and Outputs
74ALVC08 FAIRCHILD-74ALVC08 Datasheet
89Kb / 5P
   Low Voltage Quad 2-Input AND Gate with 3.6V Tolerant Inputs and Outputs
logo
Toshiba Semiconductor
TC74VCX08FT TOSHIBA-TC74VCX08FT Datasheet
274Kb / 8P
   LOW-VOLTAGE QUAD 2-INPUT AND GATE WITH 3.6V TOLERANT INPUTS AND OUTPUTS
logo
Fairchild Semiconductor
74VCX08 FAIRCHILD-74VCX08 Datasheet
63Kb / 10P
   Low Voltage Quad 2-Input AND Gate with 3.6V Tolerant Inputs and Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com