Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP4CE10F17C8N Datasheet(PDF) 10 Page - Altera Corporation

Part # EP4CE10F17C8N
Description  Cyclone IV Device Datasheet
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP4CE10F17C8N Datasheet(HTML) 10 Page - Altera Corporation

Back Button EP4CE10F17C8N Datasheet HTML 6Page - Altera Corporation EP4CE10F17C8N Datasheet HTML 7Page - Altera Corporation EP4CE10F17C8N Datasheet HTML 8Page - Altera Corporation EP4CE10F17C8N Datasheet HTML 9Page - Altera Corporation EP4CE10F17C8N Datasheet HTML 10Page - Altera Corporation EP4CE10F17C8N Datasheet HTML 11Page - Altera Corporation EP4CE10F17C8N Datasheet HTML 12Page - Altera Corporation EP4CE10F17C8N Datasheet HTML 13Page - Altera Corporation EP4CE10F17C8N Datasheet HTML 14Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 42 page
background image
1–10
Chapter 1: Cyclone IV Device Datasheet
Operating Conditions
Cyclone IV Device Handbook,
October 2012
Altera Corporation
Volume 3
Example 1–1 shows how to calculate the change of 50-I/O impedance from 25°C at
3.0 V to 85°C at 3.15 V.
Pin Capacitance
Table 1–11 lists the pin capacitance for Cyclone IV devices.
Example 1–1. Impedance Change
R
V = (3.15 – 3) × 1000 × –0.026 = –3.83
R
T = (85 – 25) × 0.262 = 15.72
Because
R
V is negative,
MFV = 1 / (3.83/100 + 1) = 0.963
Because
R
T is positive,
MFT = 15.72/100 + 1 = 1.157
MF = 0.963 × 1.157 = 1.114
Rfinal = 50 × 1.114 = 55.71 
Table 1–11. Pin Capacitance for Cyclone IV Devices (1)
Symbol
Parameter
Typical –
Quad Flat
Pack
(QFP)
Typical –
Quad Flat
No Leads
(QFN)
Typical –
Ball-Grid
Array
(BGA)
Unit
CIOTB
Input capacitance on top and bottom I/O pins
7
7
6
pF
CIOLR
Input capacitance on right I/O pins
7
7
5
pF
CLVDSLR
Input capacitance on right I/O pins with dedicated LVDS output
8
8
7
pF
CVREFLR
(2)
Input capacitance on right dual
-purpose VREF pin when used as
VREF or user I/O pin
21
21
21
pF
CVREFTB
(2)
Input capacitance on top and bottom dual
-purpose VREF pin when
used as VREF or user I/O pin
23 (3)
23
23
pF
CCLKTB
Input capacitance on top and bottom dedicated clock input pins
7
7
6
pF
CCLKLR
Input capacitance on right dedicated clock input pins
6
6
5
pF
Notes to Table 1–11:
(1) The pin capacitance applies to FBGA, UBGA, and MBGA packages.
(2) When you use the VREF pin as a regular input or output, you can expect a reduced performance of toggle rate and tCO because of higher pin
capacitance.
(3) CVREFTB for the EP4CE22 device is 30 pF.


Similar Part No. - EP4CE10F17C8N

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP4CE10F17C8 ALTERA-EP4CE10F17C8 Datasheet
685Kb / 42P
   Cyclone IV Device Datasheet
More results

Similar Description - EP4CE10F17C8N

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP4CE6F17C8 ALTERA-EP4CE6F17C8 Datasheet
685Kb / 42P
   Cyclone IV Device Datasheet
EP4CGX75DF27I7N ALTERA-EP4CGX75DF27I7N Datasheet
678Kb / 42P
   Cyclone IV Device Datasheet
EP4CE6E22C8N ALTERA-EP4CE6E22C8N Datasheet
698Kb / 42P
   Cyclone IV Device Datasheet
EP4CE115F23I7N ALTERA-EP4CE115F23I7N Datasheet
698Kb / 42P
   Cyclone IV Device Datasheet
EP4CGX75CF23C8N ALTERA-EP4CGX75CF23C8N Datasheet
704Kb / 42P
   Cyclone IV Device Datasheet
EP4CE15F17C8N ALTERA-EP4CE15F17C8N Datasheet
710Kb / 42P
   Cyclone IV Device Datasheet
EP4CE10F17C7N ALTERA-EP4CE10F17C7N Datasheet
678Kb / 42P
   Cyclone IV Device Datasheet
EP4CE75F23I7N ALTERA-EP4CE75F23I7N Datasheet
685Kb / 42P
   Cyclone IV Device Datasheet
EP4CGX22BF14C6N ALTERA-EP4CGX22BF14C6N Datasheet
678Kb / 42P
   Cyclone IV Device Datasheet
EP4CE22F17I7N ALTERA-EP4CE22F17I7N Datasheet
678Kb / 42P
   Cyclone IV Device Datasheet
EP4CGX75CF23I7N ALTERA-EP4CGX75CF23I7N Datasheet
678Kb / 42P
   Cyclone IV Device Datasheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com