Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UWQ-12-Q48 Datasheet(PDF) 3 Page - Murata Manufacturing Co., Ltd.

Part # UWQ-12-Q48
Description  Wide Input, Isolated DOSA Quarter Brick DC/DC Converters
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

UWQ-12-Q48 Datasheet(HTML) 3 Page - Murata Manufacturing Co., Ltd.

  UWQ-12-Q48 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. UWQ-12-Q48 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. UWQ-12-Q48 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. UWQ-12-Q48 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. UWQ-12-Q48 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. UWQ-12-Q48 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. UWQ-12-Q48 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. UWQ-12-Q48 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. UWQ-12-Q48 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
UWQ-12/17-Q48 Series
Wide Input, Isolated DOSA Quarter Brick DC/DC Converters
MDC_UWQ-12/17-Q48 Series.A01.D7 Page 3 of 17
www.murata-ps.com/support
FUNCTIONAL SPECIFICATIONS
ABSOLUTE MAXIMUM RATINGS
Conditions
Minimum
Typical/Nominal
Maximum
Units
Input Voltage, Continuous
Full power operation
18
48
80
Vdc
Input Voltage, Transient
Operating or non-operating,
100 mS max. duration
100
Vdc
Isolation Voltage
Input to output
2250
Vdc
Input Reverse Polarity
None, install external fuse
None
Vdc
On/Off Remote Control
Power on or off, referred to -Vin
0
13.5
Vdc
Output Power
0
210
W
Output Current
Current-limited, no damage,
short-circuit protected
017
A
Storage Temperature Range
Vin = Zero (no power)
-55
125
°C
Absolute maximums are stress ratings. Exposure of devices to greater than any of these conditions may adversely affect long-term reliability. Proper operation under conditions other than those
listed in the Performance/Functional Specifications Table is not implied or recommended.
INPUT
Conditions
➀ ➂
Operating voltage range
18
48
75
Vdc
Recommended External Fuse
Fast blow
20
A
Start-up threshold, measured at 50% load
Rising input voltage
16.5
17.5
17.9
Vdc
Undervoltage shutdown, measured at 50% load
Falling input voltage
15
16
17
Vdc
Overvoltage protection
Rising input voltage
None
Vdc
Reverse Polarity Protection
None, install external fuse
None
Vdc
Internal Filter Type
L-C
Input current
Full Load Conditions
Vin = nominal
4.52
4.76
A
Low Line
Vin = minimum
12.06
12.69
A
Inrush Transient
Vin = 48V.
0.05
TBD
A2-Sec.
Output in Short Circuit
50
100
mA
No Load input current
Iout = minimum, unit=ON
80
150
mA
Shut down mode input current
5
6.5
mA
Reflected (back) ripple current
Measured at input with specified filter
15
25
mA, RMS
Back Ripple Current, No Filtering
500
525
mA-p-p
Back Ripple Current, with 22uF external
input capacitor
300
400
mA-p-p
Pre-biased startup
External output voltage < Vset
Monotonic
GENERAL and SAFETY
Efficiency
Vin=48V, full load
90
92
%
Vin=18V
90
92
%
Isolation
Isolation Voltage, input to output
No baseplate
2250
Vdc
Isolation Voltage, input to baseplate
With baseplate
1500
Vdc
Isolation Voltage, output to baseplate
With baseplate
1500
Vdc
Insulation Safety Rating
basic
Isolation Resistance
100
Isolation Capacitance
1500
pF
Safety (certified to the following
requirements)
UL-60950-1, CSA-C22.2 No.60950-1,
IEC/EN60950-1, 2nd edition
Yes
Calculated MTBF
Per Telcordia SR-332, issue 1, class 3, ground
fixed, Tambient=+25°C
TBC
Hours x 103
DYNAMIC CHARACTERISTICS
Fixed Switching Frequency
160
180
200
KHz
Startup Time
Power On, to Vout regulation band,
100% resistive load
60
65
mS
Startup Time
Remote ON to Vout Regulated
60
65
mS
Dynamic Load Response
50-75-50% load step to 3% error band
220
275
μSec
Dynamic Load Peak Deviation
same as above
±1100
±1300
mV
FEATURES and OPTIONS
Remote On/Off Control
“N” suffix:
Negative Logic, ON state
ON = pin grounded or external voltage
0
1
Vdc
Negative Logic, OFF state
OFF = pin open or external voltage
3.5
13.5
Vdc
Control Current
open collector/drain
1
2
mA
“P” suffix:
Positive Logic, ON state
ON = pin open or external voltage
3.5
13.5
V
Positive Logic, OFF state
OFF = ground pin or external voltage
0
1
V
Control Current
open collector/drain
1
2
mA
Base Plate
"B" suffix
optional


Similar Part No. - UWQ-12-Q48

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
UWQ-12-Q48T-C MURATA-UWQ-12-Q48T-C Datasheet
895Kb / 17P
   Wide Input, Isolated DOSA Quarter Brick DC-DC Converters with Trim and Sense
More results

Similar Description - UWQ-12-Q48

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
UWQ-1217-Q48NB-C MURATA-UWQ-1217-Q48NB-C Datasheet
982Kb / 17P
   Wide Input, Isolated DOSA Quarter Brick DC/DC Converters
UWQ-12-Q48T-C MURATA-UWQ-12-Q48T-C Datasheet
895Kb / 17P
   Wide Input, Isolated DOSA Quarter Brick DC-DC Converters with Trim and Sense
logo
Murata Manufacturing Co...
IRS-3.3-15-Q48 MURATA1-IRS-3.3-15-Q48 Datasheet
2Mb / 26P
   Encapsulated Sixteenth-Brick DOSA-Compatible, Wide Input Isolated DC-DC Converters
2018
logo
Murata Power Solutions ...
UWS MURATA-PS-UWS Datasheet
924Kb / 25P
   Sixteenth-brick DOSA-Compatible, Wide Input Isolated DC/DC
logo
Murata Manufacturing Co...
ULS MURATA-ULS Datasheet
353Kb / 12P
   Sixteenth-brick DOSA-Compatible, Isolated DC/DC Converters
logo
Murata Power Solutions ...
UWE MURATA-PS-UWE Datasheet
213Kb / 4P
   Wide Input, Isolated Eighth-Brick DC/DC Converters
logo
Murata Manufacturing Co...
UWE MURATA-UWE Datasheet
1Mb / 13P
   Wide Input, Isolated Eighth-Brick DC/DC Converters
782482 MURATA-782482 Datasheet
106Kb / 2P
   Isolated High Power Quarter Brick DC/DC Converters
logo
Murata Power Solutions ...
RBQ-12-33-D48 MURATA-PS-RBQ-12-33-D48 Datasheet
688Kb / 15P
   Quarter-Brick 400-Watt Isolated DC-DC Converters
logo
Murata Manufacturing Co...
HPQ-12-D48 MURATA-HPQ-12-D48_11 Datasheet
800Kb / 14P
   Isolated 300-Watt Quarter Brick DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com