Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0805PS-124KLB Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # 0805PS-124KLB
Description  0805PS Power Chip Inductors 20 values, 6 of each
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

0805PS-124KLB Datasheet(HTML) 1 Page - Coilcraft lnc.

  0805PS-124KLB Datasheet HTML 1Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Page <1>
V1.0
18/02/13
Designer’s Kit
Kit Contents for C348:
• 0805PS Power Chip Inductors
• 20 values, 6 of each
Inductance
Current Rating
Part Number
1µH
0.9A
0805PS-102KLB
1.5µH
0.85A
0805PS-152KLB
2.7µH
0.6A
0805PS-272KLB
3.3µH
0.55A
0805PS-332KLB
3.9µH
0.5A
0805PS-392KLB
4.7µH
0.43A
0805PS-472KLB
5.6µH
0.38A
0805PS-562KLB
6.8µH
0.32A
0805PS-682KLB
10µH
0.27A
0805PS-103KLB
15µH
0.22A
0805PS-153KLB
22µH
0.18A
0805PS-223KLB
33µH
0.16A
0805PS-333KLB
47µH
0.15A
0805PS-473KLB
68µH
0.12A
0805PS-683KLB
82µH
0.11A
0805PS-823KLB
100µH
0.1A
0805PS-104KLB
120µH
0.1A
0805PS-124KLB
150µH
0.08A
0805PS-154KLB
220µH
0.07A
0805PS-224KLB
330µH
0.06A
0805PS-334KLB
Part Number Table


Similar Part No. - 0805PS-124KLB

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
0805PS-124KL COILCRAFT-0805PS-124KL Datasheet
234Kb / 2P
   Power Chip Inductors
0805PS-124KL COILCRAFT-0805PS-124KL Datasheet
269Kb / 2P
   Shielded High SRF Inductors
More results

Similar Description - 0805PS-124KLB

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
C324A COILCRAFT-C324A Datasheet
203Kb / 1P
   0603CS Chip Inductors, 26 values, 10 of each
C324A-2 COILCRAFT-C324A-2 Datasheet
204Kb / 1P
   0603CS Chip Inductors, 26 values, 10 of each
C439 COILCRAFT-C439 Datasheet
201Kb / 1P
   0603AF Chip Inductors, 14 values, 10 of each
XFL4020-102MEB COILCRAFT-XFL4020-102MEB Datasheet
197Kb / 1P
   XFL4020 Power Inductors, 5 values, 5 of each
0402CS-1N0XJLU COILCRAFT-0402CS-1N0XJLU Datasheet
202Kb / 1P
   Kit Contents for C328A 0402CS Chip Inductors 23 values, 20 of each
PFL2510-151MEB COILCRAFT-PFL2510-151MEB Datasheet
202Kb / 1P
   PFL2510 and PFL2512 Power Inductors 13 values, 5 of each
PFL1609-471MEU COILCRAFT-PFL1609-471MEU Datasheet
202Kb / 1P
   Kit Contents for C433 PFL1609 and PFL2010 Power Inductors 11 values, 20 of each
C423 COILCRAFT-C423 Datasheet
218Kb / 1P
   Kit Contents 0603CT Low Profile Chip Inductors 35 values, 10 of each
LPS6225-122MLB COILCRAFT-LPS6225-122MLB Datasheet
206Kb / 1P
   Kit Contents for C349, LPS6225 Power Inductors, 28 values, 3 of each
1515SQ-47NJEB COILCRAFT-1515SQ-47NJEB Datasheet
200Kb / 1P
   1515SQ, 2222SQ, 2929SQ Air Core Inductors 16 values, 10 of each
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com