Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

10200 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # 10200
Description  Avago Aveon20mm range
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

10200 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  10200 Datasheet HTML 1Page - List of Unclassifed Manufacturers 10200 Datasheet HTML 2Page - List of Unclassifed Manufacturers 10200 Datasheet HTML 3Page - List of Unclassifed Manufacturers 10200 Datasheet HTML 4Page - List of Unclassifed Manufacturers 10200 Datasheet HTML 5Page - List of Unclassifed Manufacturers 10200 Datasheet HTML 6Page - List of Unclassifed Manufacturers 10200 Datasheet HTML 7Page - List of Unclassifed Manufacturers 10200 Datasheet HTML 8Page - List of Unclassifed Manufacturers 10200 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Avago Aveon 26.5mm range
*Orthogonal is the elliptical beam turned through 90deg.
# Full Width Half Maximum i.e. total viewing angle
Part No.
Colour
Description
10449
White
4.3mm foot (not Stocked)
10459
White
2.0mm foot (Not Stocked)
10469
White
0.8mm foot (Stocked)
10479
Black
4.3mm foot (Not Stocked)
10489
Black
2.0mm foot (Not Stocked)
10499
Black
0.8mm foot (Not Stocked)
www.carclo-optics.com
10048
Part No.
Description
White
FWHM
#
EFF
Cd/lm
10048
Plain Tight
6.91*6.89
84.9%
25.65
10124
Frosted Narrow
11.27*10.94
81.8%
13.79
10108
Medium Frosted
22.32*21.97
78.7%
3.92
10260
Frosted Wide
Optic will not fit LED
10049
Elliptical
44.01*8.14
80.3%
5.80
10224
Elliptical Orthogonal*
48.25*8.14
80.8%
5.35
10234
Elliptical Ramp Optic
45.61*7.83
80.0%
5.57
10234
10049 & 10224
10108
10124


Similar Part No. - 10200

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
10200 ETC2-10200 Datasheet
216Kb / 1P
   Micastat Dissipative Laminate
logo
Heyco.
10200 HEYCO-10200 Datasheet
122Kb / 1P
   Nylon PCB Supports - Imperial Spacing
logo
Weidmuller
1020000000 WEIDMULLER-1020000000 Datasheet
96Kb / 5P
   Product catalogue Terminals Screwing technology W-series modular terminals Modular feed-through terminals
logo
ERNI Electronics
102000100001 ERNI-102000100001 Datasheet
68Kb / 1P
   Messerl. SMC-Q-12-SMD-BA7-03
logo
Weidmuller
1020020000 WEIDMULLER-1020020000 Datasheet
673Kb / 18P
   Feed-through terminal, Screw connection, 2.5mm짼,
October 6, 2021
More results

Similar Description - 10200

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CA12346 LEDIL-CA12346_18 Datasheet
3Mb / 4P
   ~14째 spot beam optimized for Avago Jade.
logo
Broadcom Corporation.
SAS3216 BOARDCOM-SAS3216 Datasheet
668Kb / 2P
   Extending RAID and SAS Technology Leadership, Avago Introduces
logo
Ledil, Inc.
CA12347 LEDIL-CA12347_18 Datasheet
2Mb / 4P
   ~16째 diffused spot beam optimized for Avago Jade.
logo
ATGBICS by Approved Tec...
AFBR-2CAR20Z-C ATGBICS-AFBR-2CAR20Z-C Datasheet
397Kb / 6P
   AFBR-2CAR20Z Avago Broadcom Compatible Active Optical Cable 10G SFP (20m)
AFBR-2CAR03Z-C ATGBICS-AFBR-2CAR03Z-C Datasheet
397Kb / 6P
   AFBR-2CAR03Z Avago Broadcom Compatible Active Optical Cable 10G SFP (3m)
AFBR-2CAR01Z-C ATGBICS-AFBR-2CAR01Z-C Datasheet
397Kb / 6P
   AFBR-2CAR01Z Avago Broadcom Compatible Active Optical Cable 10G SFP (1m)
AFBR-2CAR02Z-C ATGBICS-AFBR-2CAR02Z-C Datasheet
397Kb / 6P
   AFBR-2CAR02Z Avago Broadcom Compatible Active Optical Cable 10G SFP (2m)
logo
AVAGO TECHNOLOGIES LIMI...
ALM-2812 AVAGO-ALM-2812 Datasheet
92Kb / 3P
   Avago Technologies??ALM-2812 is a dual band low noise amplifier
logo
ATGBICS by Approved Tec...
AFBR-2CAR05Z-C ATGBICS-AFBR-2CAR05Z-C Datasheet
397Kb / 6P
   AFBR-2CAR05Z Avago Broadcom Compatible Active Optical Cable 10G SFP (5m)
AFBR-2CAR10Z-C ATGBICS-AFBR-2CAR10Z-C Datasheet
408Kb / 6P
   AFBR-2CAR10Z Avago Broadcom Compatible Active Optical Cable 10G SFP (10m)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com