Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

10201 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # 10201
Description  Avago Aveon20mm range
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

10201 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  10201 Datasheet HTML 1Page - List of Unclassifed Manufacturers 10201 Datasheet HTML 2Page - List of Unclassifed Manufacturers 10201 Datasheet HTML 3Page - List of Unclassifed Manufacturers 10201 Datasheet HTML 4Page - List of Unclassifed Manufacturers 10201 Datasheet HTML 5Page - List of Unclassifed Manufacturers 10201 Datasheet HTML 6Page - List of Unclassifed Manufacturers 10201 Datasheet HTML 7Page - List of Unclassifed Manufacturers 10201 Datasheet HTML 8Page - List of Unclassifed Manufacturers 10201 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Avago Aveon 20mm range
*Orthogonal is the elliptical beam turned through 90deg.
#Full Width Half Maximum i.e. total viewing angle
Base of lens to PCB height is 3.6mm
www.carclo-optics.com
10199
Part No.
Description
White
FWHM
#
EFF
Cd/lm
10199
Plain Tight
9.25*9.07
85.9%
19.76
10200
Frosted Narrow
12.98*12.64
83.2%
11.33
10210
Ripple Medium
22.16*21.37
85.9%
5.79
10201
Medium Frosted
21.86*21.67
79.9%
3.98
10211
Ripple Wide
45.21*45.26
83.4%
1.68
10202
Wide Frosted
31.51*31.17
79.0%
2.46
10203
Elliptical
47.99*9.54
83.1%
4.58
10204
Elliptical Orthogonal*
47.45*10.01
81.8%
4.47
10357
wide angle reflector
10203 & 10204
10210
10211
10202
10201
10200


Similar Part No. - 10201

ManufacturerPart #DatasheetDescription
logo
Heyco.
10201 HEYCO-10201 Datasheet
122Kb / 1P
   Nylon PCB Supports - Imperial Spacing
logo
Weidmuller
1020100000 WEIDMULLER-1020100000 Datasheet
650Kb / 17P
   Feed-through terminal, Screw connection, 4 mm짼
September 28, 2021
logo
List of Unclassifed Man...
102010328 ETC-102010328 Datasheet
420Kb / 5P
   Seeeduino XIAO ‐ Arduino Microcontroller ‐ SAMD21 Cortex M0
logo
Weidmuller
1020110000 WEIDMULLER-1020110000 Datasheet
662Kb / 17P
   Feed-through terminal, Screw connection, 4mm짼
October 4, 2021
logo
VITALCONN ELECTRONICS H...
102012912 VITALCONN-102012912 Datasheet
431Kb / 3P
   SIM H=3.0 LCP vinyl terminal C5191 shell stainless steel
REV: A
More results

Similar Description - 10201

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CA12346 LEDIL-CA12346_18 Datasheet
3Mb / 4P
   ~14째 spot beam optimized for Avago Jade.
logo
Broadcom Corporation.
SAS3216 BOARDCOM-SAS3216 Datasheet
668Kb / 2P
   Extending RAID and SAS Technology Leadership, Avago Introduces
logo
Ledil, Inc.
CA12347 LEDIL-CA12347_18 Datasheet
2Mb / 4P
   ~16째 diffused spot beam optimized for Avago Jade.
logo
ATGBICS by Approved Tec...
AFBR-2CAR20Z-C ATGBICS-AFBR-2CAR20Z-C Datasheet
397Kb / 6P
   AFBR-2CAR20Z Avago Broadcom Compatible Active Optical Cable 10G SFP (20m)
AFBR-2CAR03Z-C ATGBICS-AFBR-2CAR03Z-C Datasheet
397Kb / 6P
   AFBR-2CAR03Z Avago Broadcom Compatible Active Optical Cable 10G SFP (3m)
AFBR-2CAR01Z-C ATGBICS-AFBR-2CAR01Z-C Datasheet
397Kb / 6P
   AFBR-2CAR01Z Avago Broadcom Compatible Active Optical Cable 10G SFP (1m)
AFBR-2CAR02Z-C ATGBICS-AFBR-2CAR02Z-C Datasheet
397Kb / 6P
   AFBR-2CAR02Z Avago Broadcom Compatible Active Optical Cable 10G SFP (2m)
logo
AVAGO TECHNOLOGIES LIMI...
ALM-2812 AVAGO-ALM-2812 Datasheet
92Kb / 3P
   Avago Technologies??ALM-2812 is a dual band low noise amplifier
logo
ATGBICS by Approved Tec...
AFBR-2CAR05Z-C ATGBICS-AFBR-2CAR05Z-C Datasheet
397Kb / 6P
   AFBR-2CAR05Z Avago Broadcom Compatible Active Optical Cable 10G SFP (5m)
AFBR-2CAR10Z-C ATGBICS-AFBR-2CAR10Z-C Datasheet
408Kb / 6P
   AFBR-2CAR10Z Avago Broadcom Compatible Active Optical Cable 10G SFP (10m)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com