Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

10202 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # 10202
Description  Avago Aveon20mm range
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

10202 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button 10202 Datasheet HTML 2Page - List of Unclassifed Manufacturers 10202 Datasheet HTML 3Page - List of Unclassifed Manufacturers 10202 Datasheet HTML 4Page - List of Unclassifed Manufacturers 10202 Datasheet HTML 5Page - List of Unclassifed Manufacturers 10202 Datasheet HTML 6Page - List of Unclassifed Manufacturers 10202 Datasheet HTML 7Page - List of Unclassifed Manufacturers 10202 Datasheet HTML 8Page - List of Unclassifed Manufacturers 10202 Datasheet HTML 9Page - List of Unclassifed Manufacturers 10202 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Avago Jade 20mm range
*Orthogonal is the elliptical beam turned through 90deg.
#Full Width Half Maximum i.e. total viewing angle
Base of lens to PCB height is 3.6mm
www.carclo-optics.com
10003
Part No.
Description
White
FWHM
#
EFF
Cd/lm
10003
Plain Tight
11.27*11.25
90.1%
12
10138
Frosted Narrow
16.53*16.80
91.6%
7.59
10003/15
Ripple Medium
20.14*20.54
90.7%
3.92
10139
Medium Frosted
23.22*23.03
87.4%
4.25
10003/25
Ripple Wide
36.33*34.19
85.3%
2.24
10140
Wide Frosted
31.37*31.60
82.2%
2.51
10003/L25
Elliptical
44.14*14.80
89.3%
4.01
10192
Elliptical Orthogonal*
46.94*13.72
90.1%
3.99
10034
wide angle reflector
10140
10003/25
10139
10003/15
10138


Similar Part No. - 10202

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
10202 ETC2-10202 Datasheet
332Kb / 1P
   Fuse carriers, Domestic cartridge fuses
10202 ETC2-10202 Datasheet
216Kb / 1P
   Micastat Dissipative Laminate
logo
Turck, Inc.
10202 TURCK-10202 Datasheet
246Kb / 4P
   Inductive Sensor
11/07/2023
logo
Heyco.
10202 HEYCO-10202 Datasheet
122Kb / 1P
   Nylon PCB Supports - Imperial Spacing
logo
ATGBICS by Approved Tec...
10202-C ATGBICS-10202-C Datasheet
341Kb / 8P
   10202 Extreme Compatible Direct Attach Copper Breakout Cable 40G QSFP to 4x10G SFP (1m, Passive)
More results

Similar Description - 10202

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CA12346 LEDIL-CA12346_18 Datasheet
3Mb / 4P
   ~14째 spot beam optimized for Avago Jade.
logo
Broadcom Corporation.
SAS3216 BOARDCOM-SAS3216 Datasheet
668Kb / 2P
   Extending RAID and SAS Technology Leadership, Avago Introduces
logo
Ledil, Inc.
CA12347 LEDIL-CA12347_18 Datasheet
2Mb / 4P
   ~16째 diffused spot beam optimized for Avago Jade.
logo
ATGBICS by Approved Tec...
AFBR-2CAR20Z-C ATGBICS-AFBR-2CAR20Z-C Datasheet
397Kb / 6P
   AFBR-2CAR20Z Avago Broadcom Compatible Active Optical Cable 10G SFP (20m)
AFBR-2CAR03Z-C ATGBICS-AFBR-2CAR03Z-C Datasheet
397Kb / 6P
   AFBR-2CAR03Z Avago Broadcom Compatible Active Optical Cable 10G SFP (3m)
AFBR-2CAR01Z-C ATGBICS-AFBR-2CAR01Z-C Datasheet
397Kb / 6P
   AFBR-2CAR01Z Avago Broadcom Compatible Active Optical Cable 10G SFP (1m)
AFBR-2CAR02Z-C ATGBICS-AFBR-2CAR02Z-C Datasheet
397Kb / 6P
   AFBR-2CAR02Z Avago Broadcom Compatible Active Optical Cable 10G SFP (2m)
logo
AVAGO TECHNOLOGIES LIMI...
ALM-2812 AVAGO-ALM-2812 Datasheet
92Kb / 3P
   Avago Technologies??ALM-2812 is a dual band low noise amplifier
logo
ATGBICS by Approved Tec...
AFBR-2CAR05Z-C ATGBICS-AFBR-2CAR05Z-C Datasheet
397Kb / 6P
   AFBR-2CAR05Z Avago Broadcom Compatible Active Optical Cable 10G SFP (5m)
AFBR-2CAR10Z-C ATGBICS-AFBR-2CAR10Z-C Datasheet
408Kb / 6P
   AFBR-2CAR10Z Avago Broadcom Compatible Active Optical Cable 10G SFP (10m)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com