Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADuM1402BRW Datasheet(PDF) 8 Page - Analog Devices

Part # ADuM1402BRW
Description  Quad-Channel Digital Isolators
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADuM1402BRW Datasheet(HTML) 8 Page - Analog Devices

Back Button ADuM1402BRW Datasheet HTML 4Page - Analog Devices ADuM1402BRW Datasheet HTML 5Page - Analog Devices ADuM1402BRW Datasheet HTML 6Page - Analog Devices ADuM1402BRW Datasheet HTML 7Page - Analog Devices ADuM1402BRW Datasheet HTML 8Page - Analog Devices ADuM1402BRW Datasheet HTML 9Page - Analog Devices ADuM1402BRW Datasheet HTML 10Page - Analog Devices ADuM1402BRW Datasheet HTML 11Page - Analog Devices ADuM1402BRW Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
ADuM1400/ADuM1401/ADuM1402
Data Sheet
Rev. H | Page 8 of 32
ELECTRICAL CHARACTERISTICS—MIXED 5 V/3 V OR 3 V/5 V, 105°C OPERATION1
5 V/3 V operation: 4.5 V ≤ VDD1 ≤ 5.5 V, 2.7 V ≤ VDD2 ≤ 3.6 V; 3 V/5 V operation: 2.7 V ≤ VDD1 ≤ 3.6 V, 4.5 V ≤ VDD2 ≤ 5.5 V; all
minimum/maximum specifications apply over the entire recommended operation range, unless otherwise noted; all typical specifications
are at TA = 25°C; VDD1 = 3.0 V, VDD2 = 5 V or VDD1 = 5 V, VDD2 = 3.0 V. These specifications do not apply to ADuM1400W, ADuM1401W,
and ADuM1402W automotive grade versions.
Table 3.
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions
DC SPECIFICATIONS
Input Supply Current per Channel, Quiescent
IDDI (Q)
5 V/3 V Operation
0.50
0.53
mA
3 V/5 V Operation
0.26
0.31
mA
Output Supply Current per Channel, Quiescent
IDDO (Q)
5 V/3 V Operation
0.11
0.14
mA
3 V/5 V Operation
0.19
0.21
mA
ADuM1400 Total Supply Current, Four Channels2
DC to 2 Mbps
VDD1 Supply Current
IDD1 (Q)
5 V/3 V Operation
2.2
2.8
mA
DC to 1 MHz logic signal freq.
3 V/5 V Operation
1.2
1.9
mA
DC to 1 MHz logic signal freq.
VDD2 Supply Current
IDD2 (Q)
5 V/3 V Operation
0.5
0.9
mA
DC to 1 MHz logic signal freq.
3 V/5 V Operation
0.9
1.4
mA
DC to 1 MHz logic signal freq.
10 Mbps (BRW and CRW Grades Only)
VDD1 Supply Current
IDD1 (10)
5 V/3 V Operation
8.6
10.6
mA
5 MHz logic signal freq.
3 V/5 V Operation
4.5
6.5
mA
5 MHz logic signal freq.
VDD2 Supply Current
IDD2 (10)
5 V/3 V Operation
1.4
2.0
mA
5 MHz logic signal freq.
3 V/5 V Operation
2.6
3.5
mA
5 MHz logic signal freq.
90 Mbps (CRW Grade Only)
VDD1 Supply Current
IDD1 (90)
5 V/3 V Operation
70
100
mA
45 MHz logic signal freq.
3 V/5 V Operation
37
65
mA
45 MHz logic signal freq.
VDD2 Supply Current
IDD2 (90)
5 V/3 V Operation
11
15
mA
45 MHz logic signal freq.
3 V/5 V Operation
18
25
mA
45 MHz logic signal freq.
ADuM1401 Total Supply Current, Four Channels2
DC to 2 Mbps
VDD1 Supply Current
IDD1 (Q)
5 V/3 V Operation
1.8
2.4
mA
DC to 1 MHz logic signal freq.
3 V/5 V Operation
1.0
1.6
mA
DC to 1 MHz logic signal freq.
VDD2 Supply Current
IDD2 (Q)
5 V/3 V Operation
0.7
1.2
mA
DC to 1 MHz logic signal freq.
3 V/5 V Operation
1.2
1.8
mA
DC to 1 MHz logic signal freq.
10 Mbps (BRW and CRW Grades Only)
VDD1 Supply Current
IDD1 (10)
5 V/3 V Operation
7.1
9.0
mA
5 MHz logic signal freq.
3 V/5 V Operation
3.7
5.4
mA
5 MHz logic signal freq.
VDD2 Supply Current
IDD2 (10)
5 V/3 V Operation
2.2
3.0
mA
5 MHz logic signal freq.
3 V/5 V Operation
4.1
5.0
mA
5 MHz logic signal freq.


Similar Part No. - ADuM1402BRW

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM1402BRW AD-ADUM1402BRW Datasheet
797Kb / 24P
   Quad-Channel Digital Isolators
REV. B
ADuM1402BRW AD-ADuM1402BRW Datasheet
794Kb / 32P
   Quad-Channel Digital Isolators
Rev. G
ADuM1402BRW AD-ADuM1402BRW Datasheet
490Kb / 32P
   Quad-Channel Digital Isolators
Rev. H
ADUM1402BRW AD-ADUM1402BRW Datasheet
490Kb / 32P
   Quad-Channel Digital Isolators
Rev. H
ADuM1402BRW AD-ADuM1402BRW Datasheet
490Kb / 32P
   Quad-Channel Digital Isolators
Rev. H
More results

Similar Description - ADuM1402BRW

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM1400CRW-RL AD-ADUM1400CRW-RL Datasheet
490Kb / 32P
   Quad-Channel Digital Isolators
Rev. H
ADUM1401WSRWZ-RL AD-ADUM1401WSRWZ-RL Datasheet
490Kb / 32P
   Quad-Channel Digital Isolators
Rev. H
ADUM1410 AD-ADUM1410_10 Datasheet
691Kb / 24P
   Quad-Channel Digital Isolators
Rev. H
ADUM2402 AD-ADUM2402_15 Datasheet
417Kb / 24P
   Quad-Channel Digital Isolators
Rev. E
ADUM1410 AD-ADUM1410_15 Datasheet
422Kb / 24P
   Quad-Channel Digital Isolators
Rev. J
ADUM1402ARWZ-RL AD-ADUM1402ARWZ-RL Datasheet
490Kb / 32P
   Quad-Channel Digital Isolators
Rev. H
ADUM1400CRWZ-RL AD-ADUM1400CRWZ-RL Datasheet
490Kb / 32P
   Quad-Channel Digital Isolators
Rev. H
ADUM2401 AD-ADUM2401_15 Datasheet
417Kb / 24P
   Quad-Channel Digital Isolators
Rev. E
ADUM1410 AD-ADUM1410_07 Datasheet
600Kb / 24P
   Quad-Channel Digital Isolators
Rev. G
ADUM1400 AD-ADUM1400_15 Datasheet
578Kb / 32P
   Quad-Channel Digital Isolators
Rev. I
ADUM1401 AD-ADUM1401_15 Datasheet
578Kb / 32P
   Quad-Channel Digital Isolators
Rev. I
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com