Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NN30195A Datasheet(PDF) 4 Page - Panasonic Battery Group

Part # NN30195A
Description  Synchronous DC-DC Step down Regulator comprising of Controller IC and Power MOSFET
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONICBATTERY [Panasonic Battery Group]
Direct Link  http://www.panasonic.com/industrial/batteries-oem/
Logo PANASONICBATTERY - Panasonic Battery Group

NN30195A Datasheet(HTML) 4 Page - Panasonic Battery Group

  NN30195A Datasheet HTML 1Page - Panasonic Battery Group NN30195A Datasheet HTML 2Page - Panasonic Battery Group NN30195A Datasheet HTML 3Page - Panasonic Battery Group NN30195A Datasheet HTML 4Page - Panasonic Battery Group NN30195A Datasheet HTML 5Page - Panasonic Battery Group NN30195A Datasheet HTML 6Page - Panasonic Battery Group NN30195A Datasheet HTML 7Page - Panasonic Battery Group NN30195A Datasheet HTML 8Page - Panasonic Battery Group NN30195A Datasheet HTML 9Page - Panasonic Battery Group Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
4
NN30195A
Ver. CEB
V
1.5
VCTL1H
CTL1 pin High-level input voltage
µA
10.0
3.5
CTL1 = 5 V
ILEAKCTL1
CTL1 pin leak current
V
0.3
VCTL2L
CTL2 pin Low-level input voltage
V
1.5
VCTL2H
CTL2 pin High-level input voltage
µA
10.0
3.5
CTL2 = 5 V
ILEAKCTL2
CTL2 pin leak current
V
VREG
× 0.3
VMODEL
MODE pin Low-level input voltage
V
0.3
VCTL1L
CTL1 pin Low-level input voltage
V
VREG
× 0.7
VMODEH
MODE pin High-level input voltage
VREG
Logic Pin
Current Consumption
µA
2
CTL1 = CTL2 = 0 V
IVDDSTB
Consumption current at standby
µA
10.0
3.5
MODE = 5 V
ILEAKMD
MODE pin leak current
mV
50
IVREG = 0 A to – 6 mA
VREGDO
VREG drop out voltage
V
2.75
2.55
2.35
IVREG = – 6 mA
VREGOUT
VREG output voltage
µA
700
300
CTL1 = 5 V, IOUT = 0 A
RFB1 = 1.0 k
Ω
RFB2 = 1.5 k
Ω
IVDDACT
Consumption current at active
Limits
Typ
Unit
Max
Note
Min
Condition
Symbol
Parameter
ELECRTRICAL CHARACTERISTICS
Co = 22 µF X 2, Lo= 1 µH, VOUT Setting = 1.0 V, VIN = AVIN = PVIN = 5 V, Switching Frequency = 1 MHz,
MODE = Low (Skip), Ta = 25 °C ± 2 °C unless otherwise noted.


Similar Part No. - NN30195A

ManufacturerPart #DatasheetDescription
logo
Panasonic Battery Group
NN30196A PANASONICBATTERY-NN30196A Datasheet
1Mb / 27P
   Synchronous DC-DC Step down Regulator comprising of Controller IC and Power MOSFET
More results

Similar Description - NN30195A

ManufacturerPart #DatasheetDescription
logo
Panasonic Battery Group
NN30196A PANASONICBATTERY-NN30196A Datasheet
1Mb / 27P
   Synchronous DC-DC Step down Regulator comprising of Controller IC and Power MOSFET
NN30310AA PANASONICBATTERY-NN30310AA Datasheet
1Mb / 27P
   Synchronous DC-DC Step down Regulator comprising of Controller IC and Power MOSFET
NN30312A PANASONICBATTERY-NN30312A Datasheet
1Mb / 28P
   Synchronous DC-DC Step down Regulator comprising of Controller IC and Power MOSFET
NN30295A PANASONICBATTERY-NN30295A Datasheet
1Mb / 27P
   DC-DC Step down Regulator comprising of Controller IC and Power MOSFET with I2C Interface
logo
Linear Technology
LTC1773 LINER-LTC1773_15 Datasheet
298Kb / 20P
   Synchronous Step-Down DC/DC Controller
LTC1773 LINER-LTC1773 Datasheet
293Kb / 20P
   Synchronous Step-Down DC/DC Controller
logo
List of Unclassifed Man...
ML3406 ETC1-ML3406 Datasheet
730Kb / 12P
   Synchronous Step-Down DC-DC Controller
logo
Panasonic Battery Group
NN30 PANASONICBATTERY-NN30 Datasheet
228Kb / 2P
   Synchronous DC/DC Step-Down Regulator
logo
Anpec Electronics Corop...
APW7057 ANPEC-APW7057 Datasheet
154Kb / 14P
   High Power Step-Down Synchronous DC/DC Controller
APW7057 ANPEC-APW7057_08 Datasheet
419Kb / 15P
   High Power Step-Down Synchronous DC/DC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com