Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NN30310AA Datasheet(PDF) 1 Page - Panasonic Battery Group

Part # NN30310AA
Description  Synchronous DC-DC Step down Regulator comprising of Controller IC and Power MOSFET
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONICBATTERY [Panasonic Battery Group]
Direct Link  http://www.panasonic.com/industrial/batteries-oem/
Logo PANASONICBATTERY - Panasonic Battery Group

NN30310AA Datasheet(HTML) 1 Page - Panasonic Battery Group

  NN30310AA Datasheet HTML 1Page - Panasonic Battery Group NN30310AA Datasheet HTML 2Page - Panasonic Battery Group NN30310AA Datasheet HTML 3Page - Panasonic Battery Group NN30310AA Datasheet HTML 4Page - Panasonic Battery Group NN30310AA Datasheet HTML 5Page - Panasonic Battery Group NN30310AA Datasheet HTML 6Page - Panasonic Battery Group NN30310AA Datasheet HTML 7Page - Panasonic Battery Group NN30310AA Datasheet HTML 8Page - Panasonic Battery Group NN30310AA Datasheet HTML 9Page - Panasonic Battery Group Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
1
NN30310AA
Ver. CEB
High-Speed Response DC-DC Step Down Regulator
Circuit that employs Hysteretic Control System
Two 25 mΩ (Typ.)
MOSFETs for High Efficiency at 3 A
SKIP (discontinuous) Mode for Light Load Efficiency
Up to 3 A Output Current
Input VoltageRange : AVIN : 6 V to 30 V,
PVIN : 6 V to 30 V,
Output Voltage Range : 0.75 V to 5.5 V
Selectable Switching Frequency 250 kHz , 750 kHz ,
1250 kHz
Adjustable Soft Start
Low Operating and Standby Quiescent Current
Open Drain Power Good Indication for Output Over ,
Under Voltage
Built-in Under Voltage Lockout (UVLO),
Thermal Shut Down (TSD),
Over Voltage Detection (OVD),
Under Voltage Detection (UVD),
Over Current Protection (OCP),
Short Circuit Protection (SCP)
HQFN024-A3-0404 ( Size : 4 mm X 4 mm, 0.5 mm
pitch ), 24pin Plastic Quad Flat Non-leaded Package
Heat Slug Down (QFN Type)
High Current Distributed Power Systems such as
・HDDs (Hard Disk Drives)
・SSDs (Solid State Drives)
・PCs
・Game consoles
・Servers
・Security Cameras
・Network TVs
・Home Appliances
・OA Equipment
etc.
SIMPLIFIED APPLICATION
APPLICATIONS
FEATURES
DESCRIPTION
VIN = 6 V to 30 V, 3 A
Synchronous DC-DC Step down Regulator
comprising of Controller IC and Power MOSFET
NN30310AA is a synchronous DC-DC Step down
Regulator (1-ch) comprising of a Controller IC and two
power MOSFETs and employs the hysteretic control
system.
By this system, when load current changes suddenly, it
responds at high speed and minimizes the changes of
output voltage.
Since it is possible to use capacitors with small
capacitance and it is unnecessary to add external parts
for system phase compensation, this IC realizes
downsizing of set and reducing in the number of external
parts. Output voltage is adjustable by user.
Maximum current is 3 A.
Notes) This application circuit is an example. The operation
of mass production set is not guaranteed. You should
perform enough evaluation and verification on the
design of mass production set. You are fully
responsible for the incorporation of the above
application circuit and information in the design of
your equipment.
VFB
VREG
EN
PGOOD
BST
LX
PGND
AGND
SS
AVIN
PVIN
VREG
AVIN
NN30310AA
PVIN
VOUT
Frequency = 250 kHz
0
10
20
30
40
50
60
70
80
90
100
IOUT (A)
FCCM/ Vo= 1.05V
FCCM/ Vo= 1.2V
FCCM/ Vo= 1.8V
FCCM/ Vo= 3.3V
FCCM/ Vo= 5.0V
SKIP/ Vo= 1.05V
SKIP/ Vo= 1.2V
SKIP/ Vo= 1.8V
SKIP/ Vo= 3.3V
SKIP/ Vo= 5.0V
DCDCOUT
1.05 V
4.7μH
100k Ω
22μF x 2
0.1μF
1.5k Ω
1k Ω
1μF
10nF
Condition )
V
IN = 12.5 V, Vout = 1.05 V , 1.2 V , 1.8 V , 3.3 V , 5.0 V,
Lo = 4.7 µH, Co = 44 µF ( 22 µF x 2 ), Frequency = 250 kHz
EFFICIENCY CURVE
Publication date: October 2012


Similar Part No. - NN30310AA

ManufacturerPart #DatasheetDescription
logo
Panasonic Battery Group
NN30312A PANASONICBATTERY-NN30312A Datasheet
1Mb / 28P
   Synchronous DC-DC Step down Regulator comprising of Controller IC and Power MOSFET
More results

Similar Description - NN30310AA

ManufacturerPart #DatasheetDescription
logo
Panasonic Battery Group
NN30196A PANASONICBATTERY-NN30196A Datasheet
1Mb / 27P
   Synchronous DC-DC Step down Regulator comprising of Controller IC and Power MOSFET
NN30195A PANASONICBATTERY-NN30195A Datasheet
1Mb / 27P
   Synchronous DC-DC Step down Regulator comprising of Controller IC and Power MOSFET
NN30312A PANASONICBATTERY-NN30312A Datasheet
1Mb / 28P
   Synchronous DC-DC Step down Regulator comprising of Controller IC and Power MOSFET
NN30295A PANASONICBATTERY-NN30295A Datasheet
1Mb / 27P
   DC-DC Step down Regulator comprising of Controller IC and Power MOSFET with I2C Interface
logo
Linear Technology
LTC1773 LINER-LTC1773_15 Datasheet
298Kb / 20P
   Synchronous Step-Down DC/DC Controller
LTC1773 LINER-LTC1773 Datasheet
293Kb / 20P
   Synchronous Step-Down DC/DC Controller
logo
List of Unclassifed Man...
ML3406 ETC1-ML3406 Datasheet
730Kb / 12P
   Synchronous Step-Down DC-DC Controller
logo
Panasonic Battery Group
NN30 PANASONICBATTERY-NN30 Datasheet
228Kb / 2P
   Synchronous DC/DC Step-Down Regulator
logo
Anpec Electronics Corop...
APW7057 ANPEC-APW7057 Datasheet
154Kb / 14P
   High Power Step-Down Synchronous DC/DC Controller
APW7057 ANPEC-APW7057_08 Datasheet
419Kb / 15P
   High Power Step-Down Synchronous DC/DC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com