Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LKS1E822MESZ Datasheet(PDF) 4 Page - Nichicon corporation

Part # LKS1E822MESZ
Description  ALUMINUM ELECTROLYTIC CAPACITORS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

LKS1E822MESZ Datasheet(HTML) 4 Page - Nichicon corporation

  LKS1E822MESZ Datasheet HTML 1Page - Nichicon corporation LKS1E822MESZ Datasheet HTML 2Page - Nichicon corporation LKS1E822MESZ Datasheet HTML 3Page - Nichicon corporation LKS1E822MESZ Datasheet HTML 4Page - Nichicon corporation LKS1E822MESZ Datasheet HTML 5Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
KS
series
680
820
1000
1200
1500
1800
2200
2700
3300
3900
4700
5600
20
× 25
25
× 20
20
× 30
22
× 25
20
× 35
22
× 30
25
× 25
30
× 20
20
× 40
22
× 35
20
× 45
22
× 40
25
× 30
30
× 25
35
× 20
20
× 50
22
× 45
25
× 35
30
× 30
22
× 50
25
× 40
35
× 25
25
× 50
30
× 35
35
× 30
30
× 40
35
× 35
30
× 50
35
× 40
35
× 45
35
× 50
1.60
1.60
1.75
1.75
1.95
1.95
1.95
1.95
2.15
2.15
2.45
2.45
2.45
2.45
2.45
2.70
2.70
2.70
2.70
2.95
2.95
2.95
3.20
3.20
3.20
3.60
3.60
4.00
4.00
4.30
4.70
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
LKS2A681MESY
LKS2A681MESA
LKS2A821MESY
LKS2A821MESZ
LKS2A102MESY
LKS2A102MESZ
LKS2A102MESA
LKS2A102MESB
LKS2A122MESY
LKS2A122MESZ
LKS2A152MESY
LKS2A152MESZ
LKS2A152MESA
LKS2A152MESB
LKS2A152MESC
LKS2A182MESY
LKS2A182MESZ
LKS2A182MESA
LKS2A182MESB
LKS2A222MESZ
LKS2A222MESA
LKS2A222MESC
LKS2A272MESA
LKS2A272MESB
LKS2A272MESC
LKS2A332MESB
LKS2A332MESC
LKS2A392MESB
LKS2A392MESC
LKS2A472MESC
LKS2A562MESC
100V (2A)
Rated ripple
(Arms)
tan
δ
Code
Size
φD
× L (mm)
Cap.
(µF)
Rated ripple current (Arms) at 85°C 120 Hz
Dimensions
ALUMINUM ELECTROLYTIC CAPACITORS
CAT.8100B


Similar Part No. - LKS1E822MESZ

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
LKS1.30 COOPER-LKS1.30 Datasheet
1Mb / 5P
   REN (250V) RES (600V) Renewable Class H Fuses
logo
KOA Speer Electronics, ...
LKS1045TTEG3M KOA-LKS1045TTEG3M Datasheet
145Kb / 2P
   power chip inductors shielded type
LKS1045TTEG3N KOA-LKS1045TTEG3N Datasheet
145Kb / 2P
   power chip inductors shielded type
logo
Cooper Bussmann, Inc.
LKS110.200 COOPER-LKS110.200 Datasheet
1Mb / 5P
   REN (250V) RES (600V) Renewable Class H Fuses
logo
KOA Speer Electronics, ...
LKS1260TTEG3M KOA-LKS1260TTEG3M Datasheet
145Kb / 2P
   power chip inductors shielded type
More results

Similar Description - LKS1E822MESZ

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com