Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UES1A470MEM Datasheet(PDF) 1 Page - Nichicon corporation

Part # UES1A470MEM
Description  ALUMINUM ELECTROLYTIC CAPACITORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

UES1A470MEM Datasheet(HTML) 1 Page - Nichicon corporation

  UES1A470MEM Datasheet HTML 1Page - Nichicon corporation UES1A470MEM Datasheet HTML 2Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Please refer to page 20, 21, 22 about the formed or taped product spec.
Please refer to page 4 for the minimum order quantity.
U
1
E
2
S
3
1
4
A
5
4
6
7
7
0
8
M
9
E
10
M
11
Configuration
Capacitance tolerance (
±20%)
Rated capacitance (47
µF)
Rated voltage (10V)
Series name
Type
φD
5
Code
DM
6.3
EM
8 · 10
PM
12.5 · 16 HM
L+ MAX.
Pressure
relief vent
15MIN
4MIN
Sleeve (P.E.T.)
φ d
φD
P
φd
5
2.0
0.6
6.3
2.5
0.6
8
3.5
0.6
10
5.0
0.6
12.5
5.0
0.8
16
7.5
0.8
(
φ6.3up)
(
φD < 10) 1.0
(
φD 10) 1.5
(mm)
ALUMINUM ELECTROLYTIC CAPACITORS
ES
series
Bi-Polarized, For Audio Equipment
Bi-polarized “nichicon MUSE” acoustic series.
Suited for audio signal circuits.
Compliant to the RoHS directive (2002/95/EC).
Radial Lead Type
Type numbering system (Example : 10V 47µF)
Specifications
Category Temperature Range
Rated Voltage Range
Rated Capacitance Range
Capacitance Tolerance
Leakage Current
Tangent of loss angle (tan
δ)
Stability at Low Temperature
Endurance
Shelf Life
Marking
Performance Characteristics
Item
– 40 to +85°C
6.3 to 50V
0.47 to 1000µF
± 20% at 120Hz, 20°C
After 1 minute's application of rated voltage, leakage current is not more than 0.03CV or 3 (µA), whichever is greater.
Printed with black color letter on clear green sleeve.
Measurement frequency : 120Hz at 20°C
Measurement frequency : 120Hz
Capacitance change
Leakage current
The specifications listed at right shall be met when the
capacitors are restored to 20
°C after the rated voltage
is applied for 1000 hours at 85
°C with the polarity
inverted every 250 hours.
After storing the capacitors under no load at 85°C for 1000 hours and then performing voltage treatment based on JIS C 5101-4 clause
4.1 at 20°C, they shall meet the specified values for the endurance characteristics listed above.
ES
tan
δ
Within ±20% of the initial capacitance value
150% or less than the initial specified value
Less than or equal to the initial specified value
Rated voltage (V)
tan
δ (MAX.)
6.3
0.24
10
0.20
16
0.16
25
0.16
35
0.14
50
0.12
Z– 25°C / Z+20°C
Z– 40°C / Z+20°C
Rated voltage (V)
Impedance ratio
ZT / Z20 (MAX.)
6.3
4
8
10
3
6
16
2
4
25
2
4
35
2
4
50
2
4
FW
Dimensions
0.47
1
2.2
3.3
4.7
10
22
33
47
100
220
330
470
1000
R47
010
2R2
3R3
4R7
100
220
330
470
101
221
331
471
102
5
× 11
6.3
× 11
8
× 11.5
10
× 12.5
10
× 16
10
× 20
12.5
× 25
0J
6.3
5
× 11
6.3
× 11
6.3
× 11
10
× 12.5
10
× 16
10
× 20
12.5
× 20
16
× 25
1A
10
5
× 11
6.3
× 11
6.3
× 11
8
× 11.5
10
× 12.5
10
× 20
12.5
× 20
12.5
× 25
16
× 25
1C
16
5
× 11
5
× 11
6.3
× 11
8
× 11.5
10
× 12.5
10
× 16
12.5
× 25
12.5
× 25
16
× 25
16
× 31.5
1E
25
5
× 11
6.3
× 11
8
× 11.5
10
× 12.5
10
× 12.5
10
× 20
12.5
× 25
16
× 25
16
× 25
1V
35
5
× 11
5
× 11
5
× 11
5
× 11
6.3
× 11
8
× 11.5
10
× 12.5
10
× 16
10
× 20
12.5
× 25
16
× 25
16
× 31.5
1H
50
φ D × L (mm)
V
Code
Cap.(µF)
Bi-polarized
• Please refer to page 20 about the end seal
configulation.
CAT.8100B


Similar Part No. - UES1A470MEM

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
UES1A470MEM NICHICON-UES1A470MEM Datasheet
65Kb / 1P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - UES1A470MEM

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com