Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDA1254-4R7M Datasheet(PDF) 5 Page - Panasonic Battery Group

Part # FDA1254-4R7M
Description  Synchronous DC-DC Step down Regulator comprising of Controller IC and Power MOSFET
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONICBATTERY [Panasonic Battery Group]
Direct Link  http://www.panasonic.com/industrial/batteries-oem/
Logo PANASONICBATTERY - Panasonic Battery Group

FDA1254-4R7M Datasheet(HTML) 5 Page - Panasonic Battery Group

  FDA1254-4R7M Datasheet HTML 1Page - Panasonic Battery Group FDA1254-4R7M Datasheet HTML 2Page - Panasonic Battery Group FDA1254-4R7M Datasheet HTML 3Page - Panasonic Battery Group FDA1254-4R7M Datasheet HTML 4Page - Panasonic Battery Group FDA1254-4R7M Datasheet HTML 5Page - Panasonic Battery Group FDA1254-4R7M Datasheet HTML 6Page - Panasonic Battery Group FDA1254-4R7M Datasheet HTML 7Page - Panasonic Battery Group FDA1254-4R7M Datasheet HTML 8Page - Panasonic Battery Group FDA1254-4R7M Datasheet HTML 9Page - Panasonic Battery Group Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
5
NN30312A
Ver. CEB
15
10
RPG
PGOOD ON resistance
%
6.5
5.0
3.5
PGOOD : Low to High
VHYSPG2
PGOOD Hysteresis 2
(VFB ratio for OVD release)
%
123
115
107
PGOOD : High to Low
VTHPG2
PGOOD Threshold 2
(VFB ratio for OVD detect)
%
6.5
5.0
3.5
PGOOD : Low to High
VHYSPG1
PGOOD Hysteresis 1
(VFB ratio for UVD release)
%
93
85
77
PGOOD : High to Low
VTHPG1
PGOOD Threshold 1
(VFB ratio for UVD detect)
PGOOD
V
4.5
4.2
3.9
VIN = 0 V to 5 V
VUVLORMV
UVLO recover voltage 1
V
4.1
3.8
3.5
VIN = 5 V to 0 V
VUVLODET
UVLO start voltage 1
Under Voltage Lock Out
VFB Characteristics
V
0.606
0.600
0.594
VFBTS
VFB comparator threshold
Limits
Typ
Unit
Max
Note
Min
Condition
Symbol
Parameter
ELECRTRICAL CHARACTERISTICS ( Continued )
Co = 22
μF X 3 (Murata), Lo= 1 μH (TDK), VOUT Setting = 3.3 V, V
IN = AVIN = PVIN = 12 V,
Switching Frequency = 750 kHz, MODE = VREG (FCCM), Ta = 25 °C ± 2 °C unless otherwise noted.


Similar Part No. - FDA1254-4R7M

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
FDA1254-4R7M TOKO-FDA1254-4R7M Datasheet
109Kb / 1P
   Fixed Inductors for Surface Mounting
More results

Similar Description - FDA1254-4R7M

ManufacturerPart #DatasheetDescription
logo
Panasonic Battery Group
NN30196A PANASONICBATTERY-NN30196A Datasheet
1Mb / 27P
   Synchronous DC-DC Step down Regulator comprising of Controller IC and Power MOSFET
NN30195A PANASONICBATTERY-NN30195A Datasheet
1Mb / 27P
   Synchronous DC-DC Step down Regulator comprising of Controller IC and Power MOSFET
NN30310AA PANASONICBATTERY-NN30310AA Datasheet
1Mb / 27P
   Synchronous DC-DC Step down Regulator comprising of Controller IC and Power MOSFET
NN30295A PANASONICBATTERY-NN30295A Datasheet
1Mb / 27P
   DC-DC Step down Regulator comprising of Controller IC and Power MOSFET with I2C Interface
logo
Linear Technology
LTC1773 LINER-LTC1773_15 Datasheet
298Kb / 20P
   Synchronous Step-Down DC/DC Controller
LTC1773 LINER-LTC1773 Datasheet
293Kb / 20P
   Synchronous Step-Down DC/DC Controller
logo
List of Unclassifed Man...
ML3406 ETC1-ML3406 Datasheet
730Kb / 12P
   Synchronous Step-Down DC-DC Controller
logo
Panasonic Battery Group
NN30 PANASONICBATTERY-NN30 Datasheet
228Kb / 2P
   Synchronous DC/DC Step-Down Regulator
logo
Anpec Electronics Corop...
APW7057 ANPEC-APW7057 Datasheet
154Kb / 14P
   High Power Step-Down Synchronous DC/DC Controller
APW7057 ANPEC-APW7057_08 Datasheet
419Kb / 15P
   High Power Step-Down Synchronous DC/DC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com