Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5235BRU25-EP-RL7 Datasheet(PDF) 1 Page - Analog Devices

Part # AD5235BRU25-EP-RL7
Description  Nonvolatile Memory, Dual 1024-Position Digital Potentiometer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5235BRU25-EP-RL7 Datasheet(HTML) 1 Page - Analog Devices

  AD5235BRU25-EP-RL7 Datasheet HTML 1Page - Analog Devices AD5235BRU25-EP-RL7 Datasheet HTML 2Page - Analog Devices AD5235BRU25-EP-RL7 Datasheet HTML 3Page - Analog Devices AD5235BRU25-EP-RL7 Datasheet HTML 4Page - Analog Devices AD5235BRU25-EP-RL7 Datasheet HTML 5Page - Analog Devices AD5235BRU25-EP-RL7 Datasheet HTML 6Page - Analog Devices AD5235BRU25-EP-RL7 Datasheet HTML 7Page - Analog Devices AD5235BRU25-EP-RL7 Datasheet HTML 8Page - Analog Devices AD5235BRU25-EP-RL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Nonvolatile Memory, Dual
1024-Position Digital Potentiometer
AD5235-EP
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2010 Analog Devices, Inc. All rights reserved.
FEATURES
Dual-channel, 1024-position resolution
25 kΩ nominal resistance
Low temperature coefficient: 35 ppm/°C
Nonvolatile memory stores wiper settings
Permanent memory write protection
Wiper setting readback
Resistance tolerance stored in EEMEM
Predefined linear increment/decrement instructions
Predefined ±6 dB/step log taper increment/decrement
instructions
SPI-compatible serial interface
3 V to 5 V single supply or ±2.5 V dual supply
26 bytes extra nonvolatile memory for user-defined
information
100-year typical data retention, TA = 55°C
Power-on refreshed with EEMEM settings
Enhanced Features
Supports defense and aerospace applications (AQEC)
Temperature range: −40°C to +125°C
Controlled manufacturing baseline
1 assembly/test site
1 fabrication site
Enhanced product change notification
Qualification data available on request
APPLICATIONS
DWDM laser diode driver, optical supervisory systems
Mechanical potentiometer replacement
Instrumentation: gain, offset adjustment
Programmable voltage-to-current conversion
Programmable filters, delays, time constants
Programmable power supply
Low resolution DAC replacement
Sensor calibration
GENERAL DESCRIPTION
The AD5235-EP is a dual-channel, nonvolatile memory,1
digitally controlled potentiometer2 with 1024-step resolution.
The device performs the same electronic adjustment function as a
mechanical potentiometer with enhanced resolution, solid state
reliability, and superior low temperature coefficient performance.
The AD5235-EP’s versatile programming via an SPI®-compatible
serial interface allows 16 modes of operation and adjustment
including scratchpad programming, memory storing and restoring,
increment/decrement, ±6 dB/step log taper adjustment, wiper setting
readback, and extra EEMEM1 for user-defined information such as
memory data for other components, look-up tables, or system
identification information.
FUNCTIONAL BLOCK DIAGRAM
ADDR
DECODE
AD5235-EP
RDAC1
SERIAL
INTERFACE
CS
CLK
SDI
SDO
PR
WP
RDY
RDAC1
REGISTER
EEMEM1
RDAC2
REGISTER
EEMEM2
26 BYTES
RTOL*
USER EEMEM
POWER-ON
RESET
W1
B1
RDAC2
W2
B2
A1
VDD
A2
VSS
GND
EEMEM
CONTROL
*RAB TOLERANCE
Figure 1.
In scratchpad programming mode, a specific setting can be
programmed directly to the RDAC2 register that sets the resistance
between Terminal W and Terminal A, and Terminal W and
Terminal B. This setting can be stored into the EEMEM and
is restored automatically to the RDAC register during system
power-on.
The EEMEM content can be restored dynamically or through
external PR strobing, and a WP function protects EEMEM contents.
To simplify the programming, the independent or simultaneous
linear-step increment or decrement commands can be used to move
the RDAC wiper up or down, one step at a time. For logarithmic
±6 dB changes in the wiper setting, the left or right bit shift
command can be used to double or halve the RDAC wiper setting.
The AD5235-EP patterned resistance tolerance is stored in the
EEMEM. Therefore, in readback mode, the host processor can
know the actual end-to-end resistance. The host can execute the
appropriate resistance step through a software routine that simplifies
open-loop applications as well as precision calibration and
tolerance matching applications.
The AD5235-EP is available in a thin, 16-lead TSSOP package.
The part is guaranteed to operate over the extended industrial
temperature range of −40°C to +125°C.
Full details about this enhanced product, including theory of
operation, register details, and applications information, are
available in the AD5235 data sheet, which should be consulted
in conjunction with this data sheet.
1 The terms nonvolatile memory and EEMEM are used interchangeably.
2 The terms digital potentiometer and RDAC are used interchangeably.


Similar Part No. - AD5235BRU25-EP-RL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5235BRU25 AD-AD5235BRU25 Datasheet
102Kb / 10P
   Nonvolatile Memory, Dual 1024 Position Digital Potentiometers
REV PrD 6 Nov 2000
AD5235BRU250 AD-AD5235BRU250 Datasheet
102Kb / 10P
   Nonvolatile Memory, Dual 1024 Position Digital Potentiometers
REV PrD 6 Nov 2000
More results

Similar Description - AD5235BRU25-EP-RL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5235 AD-AD5235_15 Datasheet
788Kb / 32P
   Nonvolatile Memory, Dual 1024-Position Digital Potentiometer
Rev. F
AD5235BRUZ250 AD-AD5235BRUZ250 Datasheet
788Kb / 32P
   Nonvolatile Memory, Dual 1024-Position Digital Potentiometer
Rev. F
AD5231 AD-AD5231_15 Datasheet
536Kb / 28P
   Nonvolatile Memory, 1024-Position Digital Potentiometer
REV. D
ADN2850BRUZ25-RL7 AD-ADN2850BRUZ25-RL7 Datasheet
604Kb / 28P
   Nonvolatile Memory, Dual 1024-Position Digital Resistor
Rev. E
ADN2850 AD-ADN2850_15 Datasheet
604Kb / 28P
   Nonvolatile Memory, Dual 1024-Position Digital Resistor
Rev. E
AD5235 AD-AD5235 Datasheet
102Kb / 10P
   Nonvolatile Memory, Dual 1024 Position Digital Potentiometers
REV PrD 6 Nov 2000
ADN2850 AD-ADN2850_16 Datasheet
749Kb / 30P
   Nonvolatile Memory, Dual 1024-Position Digital Resistor
AD5231 AD-AD5231 Datasheet
562Kb / 24P
   Nonvolatile Memory, 1024-Position Digital Potentiometers
REV. 0
AD5232BRUZ10-REEL7 AD-AD5232BRUZ10-REEL7 Datasheet
867Kb / 24P
   Nonvolatile Memory,Dual 256-Position Digital Potentiometer
REV. C
AD5232 AD-AD5232_15 Datasheet
867Kb / 24P
   Nonvolatile Memory, Dual 256-Position Digital Potentiometer
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com