Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ERJ3EKF1001V Datasheet(PDF) 9 Page - Panasonic Battery Group

Part # ERJ3EKF1001V
Description  Synchronous DC-DC Step down Regulator comprising of Controller IC and Power MOSFET
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONICBATTERY [Panasonic Battery Group]
Direct Link  http://www.panasonic.com/industrial/batteries-oem/
Logo PANASONICBATTERY - Panasonic Battery Group

ERJ3EKF1001V Datasheet(HTML) 9 Page - Panasonic Battery Group

Back Button ERJ3EKF1001V Datasheet HTML 5Page - Panasonic Battery Group ERJ3EKF1001V Datasheet HTML 6Page - Panasonic Battery Group ERJ3EKF1001V Datasheet HTML 7Page - Panasonic Battery Group ERJ3EKF1001V Datasheet HTML 8Page - Panasonic Battery Group ERJ3EKF1001V Datasheet HTML 9Page - Panasonic Battery Group ERJ3EKF1001V Datasheet HTML 10Page - Panasonic Battery Group ERJ3EKF1001V Datasheet HTML 11Page - Panasonic Battery Group ERJ3EKF1001V Datasheet HTML 12Page - Panasonic Battery Group ERJ3EKF1001V Datasheet HTML 13Page - Panasonic Battery Group Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
9
NN30312A
Ver. CEB
PIN FUNCTIONS ( Continued )
Skip / FCCM mode select pin
Input
MODE
18
Ground pin
Ground
AGND
19
Power supply pin
Power supply
AVIN
20
No connection pin (don’t use pin)
-
N.C.
21
40
37
38
39
36
Power supply pin for Power MOSFET
Power supply
PVIN
No connection pin (don’t use pin)
-
35
Ground pin
Ground
AGND
32
30
ON/OFF control pin
Input
EN
Frequency selection pin
Input
FSEL
Supply input pin for high side FET gate driver
Output
BST
33
N.C.
34
Ground pin for radiation of heat
Ground
AGND
41
Power supply pin for radiation of heat
Power supply
PVIN
42
Soft start capacitor connect pin
Output
SS
28
No connection pin (don’t use pin)
-
N.C.
29
Power good open drain pin
Output
PGOOD
31
Power MOSFET output pin for radiation of heat
Output
LX
43
Output voltage sense pin
Input
VOUT
27
Comparator negative input pin
Input
VFB
26
LDO output pin (Power supply for internal control circuit)
Output
VREG
25
24
22
23
Description
Type
Pin name
Pin No.
Notes) Concerning detail about pin description, please refer to OPERATION and APPLICATION INFORMATION section.


Similar Part No. - ERJ3EKF1001V

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ERJ3EKF1001V PANASONIC-ERJ3EKF1001V Datasheet
1Mb / 36P
   7 A Synchronous DC-DC Step down Regulator,
logo
ON Semiconductor
ERJ3EKF1001V ONSEMI-ERJ3EKF1001V Datasheet
2Mb / 28P
   Compact Intelligent Power Module (IPM) Motor Control Development Kit (MDK) 1 kW
March, 2021 ??Rev. 1
ERJ3EKF1001V ONSEMI-ERJ3EKF1001V Datasheet
2Mb / 26P
   Compact Intelligent Power Module Based Motor Evaluation Board with Interleaved Power Factor Correction
February, 2020 ??Rev. 2
More results

Similar Description - ERJ3EKF1001V

ManufacturerPart #DatasheetDescription
logo
Panasonic Battery Group
NN30196A PANASONICBATTERY-NN30196A Datasheet
1Mb / 27P
   Synchronous DC-DC Step down Regulator comprising of Controller IC and Power MOSFET
NN30195A PANASONICBATTERY-NN30195A Datasheet
1Mb / 27P
   Synchronous DC-DC Step down Regulator comprising of Controller IC and Power MOSFET
NN30310AA PANASONICBATTERY-NN30310AA Datasheet
1Mb / 27P
   Synchronous DC-DC Step down Regulator comprising of Controller IC and Power MOSFET
NN30295A PANASONICBATTERY-NN30295A Datasheet
1Mb / 27P
   DC-DC Step down Regulator comprising of Controller IC and Power MOSFET with I2C Interface
logo
Linear Technology
LTC1773 LINER-LTC1773_15 Datasheet
298Kb / 20P
   Synchronous Step-Down DC/DC Controller
LTC1773 LINER-LTC1773 Datasheet
293Kb / 20P
   Synchronous Step-Down DC/DC Controller
logo
List of Unclassifed Man...
ML3406 ETC1-ML3406 Datasheet
730Kb / 12P
   Synchronous Step-Down DC-DC Controller
logo
Panasonic Battery Group
NN30 PANASONICBATTERY-NN30 Datasheet
228Kb / 2P
   Synchronous DC/DC Step-Down Regulator
logo
Anpec Electronics Corop...
APW7057 ANPEC-APW7057 Datasheet
154Kb / 14P
   High Power Step-Down Synchronous DC/DC Controller
APW7057 ANPEC-APW7057_08 Datasheet
419Kb / 15P
   High Power Step-Down Synchronous DC/DC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com