Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LKX2G271MESA45 Datasheet(PDF) 1 Page - Nichicon corporation

Part # LKX2G271MESA45
Description  ALUMINUM ELECTROLYTIC CAPACITORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

LKX2G271MESA45 Datasheet(HTML) 1 Page - Nichicon corporation

  LKX2G271MESA45 Datasheet HTML 1Page - Nichicon corporation LKX2G271MESA45 Datasheet HTML 2Page - Nichicon corporation LKX2G271MESA45 Datasheet HTML 3Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Tangent of loss angle (tan
δ)
Within ±20% of the initial capacitance value
ALUMINUM ELECTROLYTIC CAPACITORS
KX
series
Snap-in Terminal Type, For Audio Equipment,
of Switching Power Supplies
In order to get high quality sound from 105°C standard series.
Selected materials to achieve superior acoustic sound.
Compliant to the RoHS directive (2002/95/EC).
Specifications
Category Temperature Range
Rated Voltage Range
Rated Capacitance Range
Capacitance Tolerance
Leakage Current
Stability at Low Temperature
Marking
Performance Characteristics
Item
– 40 to +105°C (200 250V), – 25 to + 105°C (400 450V)
200 to 450V
56 to 2200µF
± 20% at 120Hz, 20°C
After 5 minutes' application of rated voltage, leakage current is not more than
(µA), [C : Rated Capacitance(µF), V : Voltage (V) ]
Printed with gold color letter on black sleeve.
The specifications listed at right shall be met when the
capacitors are restored to 20°C after the rated voltage is
applied for 2000 hours at 105°C.
Measurement frequency : 120Hz at 20°C
Endurance
Dimension table in next page.
Capacitance change
Leakage current
tan
δ
Less than or equal to the initial specified value
200% or less than the initial specified value
Within ±15% of the initial capacitance value
After storing the capacitors under no load at 105°C for 1000
hours and then performing voltage treatment based on JIS C
5101-4 clause 4.1 at 20°C, they shall meet the specified
values for the endurance characteristics listed at right.
Shelf Life
Capacitance change
Leakage current
tan
δ
Less than or equal to the initial specified value
150% or less than the initial specified value
3 CV
Drawing
Type numbering system
(Example : 400 V 120µF , Dia.
φ25)
10
Polarity bar
Pressure relief vent
2
6.3
±1
Sleeve (P.E.T.)
10 ±
0.1
2-2
φ±0.1
(PC board hole dimensions)
(Terminal dimensions)
1.5
0.8
+0.2
- 0.1
+0
.2
-0
.1
0.8+0.2
- 0.1
L
1
K
2
X
3
2
4
G
5
1
6
2
7
1
8
M
9
E
10
SA 2 5
11 12 13 14
Configuration
Case dia.code
Case length code
Capacitance tolerance (±20%)
Rated capacitance (120µF)
Rated voltage (400V)
Series name
Type
φD
Code
20
Y
22
Z
25
A
30
B
35
C
Frequency coefficient of rated ripple current
200 to 250V
400 to 450V
50
0.81
0.77
60
0.85
0.82
120
1.00
1.00
300
1.17
1.16
1k
1.32
1.30
10k
1.45
1.41
50k or more
1.50
1.43
Coeff.
Frequency (Hz)
Rated voltage(V)
tan
δ (MAX.)
200 to 400
450
0.20
0.15
Measurement frequency : 120Hz
Z – 25°C/ Z+20°C
Z – 40°C/ Z+20°C
Rated voltage(V)
Impedance ratio
ZT/Z20(MAX.)
200 to 250
4
12
400 to 450
8
CAT.8100B


Similar Description - LKX2G271MESA45

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com