Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

10003 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # 10003
Description  Avago Aveon20mm range
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

10003 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button 10003 Datasheet HTML 3Page - List of Unclassifed Manufacturers 10003 Datasheet HTML 4Page - List of Unclassifed Manufacturers 10003 Datasheet HTML 5Page - List of Unclassifed Manufacturers 10003 Datasheet HTML 6Page - List of Unclassifed Manufacturers 10003 Datasheet HTML 7Page - List of Unclassifed Manufacturers 10003 Datasheet HTML 8Page - List of Unclassifed Manufacturers 10003 Datasheet HTML 9Page - List of Unclassifed Manufacturers 10003 Datasheet HTML 10Page - List of Unclassifed Manufacturers 10003 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Avago Jade 26.5mm range
*Orthogonal is the elliptical beam turned through 90deg.
# Full Width Half Maximum i.e. total viewing angle
Part No.
Colour
Description
10441
White
4.3mm foot (not Stocked)
10451
White
2.0mm foot (Not Stocked)
10461
White
0.8mm foot (Stocked)
10471
Black
4.3mm foot (Not Stocked)
10481
Black
2.0mm foot (Not Stocked)
10491
Black
0.8mm foot (Not Stocked)
www.carclo-optics.com
Part No.
Description
White
FWHM
#
EFF
Cd/lm
10048
Plain Tight
8.31*8.14
88.8%
20.07
10124
Frosted Narrow
13.59*13.26
86.6%
11.15
10108
Medium Frosted
23.82*23.78
81.7%
4.01
10260
Frosted Wide
28.15*28.09
82.1%
3.05
10049
Elliptical
43.87*10.94
85.5%
5.40
10224
Elliptical Orthogonal*
47.19*11.25
85.1%
4.60
10234
Elliptical Ramp Optic
45.17*10.94
85.1%
5.30
10048
10108
10260
1049 & 10224
10234
10124


Similar Part No. - 10003

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
10003 ETC2-10003 Datasheet
254Kb / 3P
   Smooth, high torque, roller ratchet handle
logo
Aries Electronics, Inc.
10003 ARIES-10003 Datasheet
829Kb / 2P
   Universal Test Socket Receptacle
logo
Heyco.
10003 HEYCO-10003 Datasheet
111Kb / 1P
   Nylon PCB Supports - Imperial Spacing
logo
PHOENIX CONTACT
100030 PHOENIX-100030 Datasheet
716Kb / 11P
   QUINT-PS-100-240AC/24DC/10
logo
Lapp.
10003000 LAPP-10003000 Datasheet
135Kb / 2P
   EPIC® H-B 6 AG-LB
17.09.2018
More results

Similar Description - 10003

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CA12346 LEDIL-CA12346_18 Datasheet
3Mb / 4P
   ~14째 spot beam optimized for Avago Jade.
logo
Broadcom Corporation.
SAS3216 BOARDCOM-SAS3216 Datasheet
668Kb / 2P
   Extending RAID and SAS Technology Leadership, Avago Introduces
logo
Ledil, Inc.
CA12347 LEDIL-CA12347_18 Datasheet
2Mb / 4P
   ~16째 diffused spot beam optimized for Avago Jade.
logo
ATGBICS by Approved Tec...
AFBR-2CAR20Z-C ATGBICS-AFBR-2CAR20Z-C Datasheet
397Kb / 6P
   AFBR-2CAR20Z Avago Broadcom Compatible Active Optical Cable 10G SFP (20m)
AFBR-2CAR03Z-C ATGBICS-AFBR-2CAR03Z-C Datasheet
397Kb / 6P
   AFBR-2CAR03Z Avago Broadcom Compatible Active Optical Cable 10G SFP (3m)
AFBR-2CAR01Z-C ATGBICS-AFBR-2CAR01Z-C Datasheet
397Kb / 6P
   AFBR-2CAR01Z Avago Broadcom Compatible Active Optical Cable 10G SFP (1m)
AFBR-2CAR02Z-C ATGBICS-AFBR-2CAR02Z-C Datasheet
397Kb / 6P
   AFBR-2CAR02Z Avago Broadcom Compatible Active Optical Cable 10G SFP (2m)
logo
AVAGO TECHNOLOGIES LIMI...
ALM-2812 AVAGO-ALM-2812 Datasheet
92Kb / 3P
   Avago Technologies??ALM-2812 is a dual band low noise amplifier
logo
ATGBICS by Approved Tec...
AFBR-2CAR05Z-C ATGBICS-AFBR-2CAR05Z-C Datasheet
397Kb / 6P
   AFBR-2CAR05Z Avago Broadcom Compatible Active Optical Cable 10G SFP (5m)
AFBR-2CAR10Z-C ATGBICS-AFBR-2CAR10Z-C Datasheet
408Kb / 6P
   AFBR-2CAR10Z Avago Broadcom Compatible Active Optical Cable 10G SFP (10m)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com