Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GRM188R72A104KA35L Datasheet(PDF) 10 Page - Panasonic Battery Group

Part # GRM188R72A104KA35L
Description  Synchronous DC-DC Step down Regulator comprising of Controller IC and Power MOSFET
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONICBATTERY [Panasonic Battery Group]
Direct Link  http://www.panasonic.com/industrial/batteries-oem/
Logo PANASONICBATTERY - Panasonic Battery Group

GRM188R72A104KA35L Datasheet(HTML) 10 Page - Panasonic Battery Group

Back Button GRM188R72A104KA35L Datasheet HTML 6Page - Panasonic Battery Group GRM188R72A104KA35L Datasheet HTML 7Page - Panasonic Battery Group GRM188R72A104KA35L Datasheet HTML 8Page - Panasonic Battery Group GRM188R72A104KA35L Datasheet HTML 9Page - Panasonic Battery Group GRM188R72A104KA35L Datasheet HTML 10Page - Panasonic Battery Group GRM188R72A104KA35L Datasheet HTML 11Page - Panasonic Battery Group GRM188R72A104KA35L Datasheet HTML 12Page - Panasonic Battery Group GRM188R72A104KA35L Datasheet HTML 13Page - Panasonic Battery Group GRM188R72A104KA35L Datasheet HTML 14Page - Panasonic Battery Group Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
10
NN30312A
Ver. CEB
FUNCTIONAL BLOCK DIAGRAM
Notes) This block diagram is for explaining functions. Part of the block diagram may be omitted, or it may be simplified.
Control
Logic
Soft-Start
VIN
0.6 V
VREF
HGATE
UVLO
SCP
OCP
TSD
REF
ON
CMP
Toff
Timer + Comp
Ton
Timer + Comp
FCCM
/ Skip
0.6 V + 15 %
0.6 V – 15 %
Aux
Timer
Coast
Fault
VREG : 5.5 V
ON / OFF
Soft-Start
SS
VREG
BGR
VINT
VBG
EN
HPD
HGO
LPD
LGO
LGATE
VREG
VOUT
VFB
FSEL
MODE
VREG
AGND
SS
AVIN
PGOOD
BST
LX
PGND
PVIN
35,36,37,38,39,40,42
31
33
1,2,3,4,5,6,7,8,43
9,10,11,12,13,14,15,16,17
19,32,41
18
26
27
25
23
24
28
20


Similar Part No. - GRM188R72A104KA35L

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
GRM188R72A104KA35L PANASONIC-GRM188R72A104KA35L Datasheet
1Mb / 33P
   3 A Synchronous DC-DC Step down Regulator
GRM188R72A104KA35L PANASONIC-GRM188R72A104KA35L Datasheet
1Mb / 43P
   10 A Synchronous DC-DC Step down Regulator
More results

Similar Description - GRM188R72A104KA35L

ManufacturerPart #DatasheetDescription
logo
Panasonic Battery Group
NN30196A PANASONICBATTERY-NN30196A Datasheet
1Mb / 27P
   Synchronous DC-DC Step down Regulator comprising of Controller IC and Power MOSFET
NN30195A PANASONICBATTERY-NN30195A Datasheet
1Mb / 27P
   Synchronous DC-DC Step down Regulator comprising of Controller IC and Power MOSFET
NN30310AA PANASONICBATTERY-NN30310AA Datasheet
1Mb / 27P
   Synchronous DC-DC Step down Regulator comprising of Controller IC and Power MOSFET
NN30295A PANASONICBATTERY-NN30295A Datasheet
1Mb / 27P
   DC-DC Step down Regulator comprising of Controller IC and Power MOSFET with I2C Interface
logo
Linear Technology
LTC1773 LINER-LTC1773_15 Datasheet
298Kb / 20P
   Synchronous Step-Down DC/DC Controller
LTC1773 LINER-LTC1773 Datasheet
293Kb / 20P
   Synchronous Step-Down DC/DC Controller
logo
List of Unclassifed Man...
ML3406 ETC1-ML3406 Datasheet
730Kb / 12P
   Synchronous Step-Down DC-DC Controller
logo
Panasonic Battery Group
NN30 PANASONICBATTERY-NN30 Datasheet
228Kb / 2P
   Synchronous DC/DC Step-Down Regulator
logo
Anpec Electronics Corop...
APW7057 ANPEC-APW7057 Datasheet
154Kb / 14P
   High Power Step-Down Synchronous DC/DC Controller
APW7057 ANPEC-APW7057_08 Datasheet
419Kb / 15P
   High Power Step-Down Synchronous DC/DC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com