Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATSAM3U1CB-AU Datasheet(PDF) 7 Page - ATMEL Corporation

Part # ATSAM3U1CB-AU
Description  AT91SAM ARM-based Flash MCU
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATSAM3U1CB-AU Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button ATSAM3U1CB-AU Datasheet HTML 3Page - ATMEL Corporation ATSAM3U1CB-AU Datasheet HTML 4Page - ATMEL Corporation ATSAM3U1CB-AU Datasheet HTML 5Page - ATMEL Corporation ATSAM3U1CB-AU Datasheet HTML 6Page - ATMEL Corporation ATSAM3U1CB-AU Datasheet HTML 7Page - ATMEL Corporation ATSAM3U1CB-AU Datasheet HTML 8Page - ATMEL Corporation ATSAM3U1CB-AU Datasheet HTML 9Page - ATMEL Corporation ATSAM3U1CB-AU Datasheet HTML 10Page - ATMEL Corporation ATSAM3U1CB-AU Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 60 page
background image
7
6430FS–ATARM–10-Feb-12
SAM3U Series
High Speed Multimedia Card Interface - HSMCI
CK
Multimedia Card Clock
I/O
CDA
Multimedia Card Slot A Command
I/O
DA0 - DA7
Multimedia Card Slot A Data
I/O
Universal Synchronous Asynchronous Receiver Transmitter - USARTx
SCKx
USARTx Serial Clock
I/O
TXDx
USARTx Transmit Data
I/O
RXDx
USARTx Receive Data
Input
RTSx
USARTx Request To Send
Output
CTSx
USARTx Clear To Send
Input
DTR0
USART0 Data Terminal Ready
I/O
DSR0
USART0 Data Set Ready
Input
DCD0
USART0 Data Carrier Detect
Input
RI0
USART0 Ring Indicator
Input
Synchronous Serial Controller - SSC
TD
SSC Transmit Data
Output
RD
SSC Receive Data
Input
TK
SSC Transmit Clock
I/O
RK
SSC Receive Clock
I/O
TF
SSC Transmit Frame Sync
I/O
RF
SSC Receive Frame Sync
I/O
Timer/Counter - TC
TCLKx
TC Channel x External Clock Input
Input
TIOAx
TC Channel x I/O Line A
I/O
TIOBx
TC Channel x I/O Line B
I/O
Pulse Width Modulation Controller- PWMC
PWMHx
PWM Waveform Output High for channel x
Output
PWMLx
PWM Waveform Output Low for channel x
Output
only output in
complementary mode
when dead time
insertion is enabled
PWMFI0-2
PWM Fault Input
Input
Serial Peripheral Interface - SPI
MISO
Master In Slave Out
I/O
MOSI
Master Out Slave In
I/O
SPCK
SPI Serial Clock
I/O
NPCS0
SPI Peripheral Chip Select 0
I/O
Low
NPCS1 - NPCS3
SPI Peripheral Chip Select
Output
Low
Table 3-1.
Signal Description List (Continued)
Signal Name
Function
Type
Active
Level
Voltage
Reference
Comments


Similar Part No. - ATSAM3U1CB-AU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATSAM3U1CA-AU ATMEL-ATSAM3U1CA-AU Datasheet
1Mb / 61P
   AT91ARM M3 Cortex-based Processor
ATSAM3U1CA-AU ATMEL-ATSAM3U1CA-AU Datasheet
1Mb / 62P
   AT91ARM Cortex M3-based Microcontrollers
ATSAM3U1CA-CU ATMEL-ATSAM3U1CA-CU Datasheet
1Mb / 61P
   AT91ARM M3 Cortex-based Processor
ATSAM3U1CA-CU ATMEL-ATSAM3U1CA-CU Datasheet
1Mb / 62P
   AT91ARM Cortex M3-based Microcontrollers
More results

Similar Description - ATSAM3U1CB-AU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
SAM3U ATMEL-SAM3U Datasheet
1Mb / 59P
   AT91SAM ARM-based Flash MCU
SAM3S ATMEL-SAM3S_14 Datasheet
7Mb / 1087P
   AT91SAM ARM-based Flash MCU
SAM3X ATMEL-SAM3X Datasheet
851Kb / 71P
   AT91SAM ARM-based Flash MCU
ATSAM3N1BB-MU ATMEL-ATSAM3N1BB-MU Datasheet
1Mb / 60P
   AT91SAM ARM-based Flash MCU
SAM7L128 ATMEL-SAM7L128_14 Datasheet
2Mb / 549P
   AT91SAM ARM-based Flash MCU
AT91SAM ATMEL-AT91SAM Datasheet
638Kb / 67P
   ARM-based Flash MCU
SAM7S321 ATMEL-SAM7S321_14 Datasheet
4Mb / 775P
   ARM-based Flash MCU
AT91SAM ATMEL-AT91SAM_13 Datasheet
4Mb / 775P
   ARM-based Flash MCU
SAM4S ATMEL-SAM4S_14 Datasheet
6Mb / 1231P
   ARM-based Flash MCU
SAM7X128 ATMEL-SAM7X128_14 Datasheet
2Mb / 662P
   ARM-based Flash MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com