Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCNR201-500E Datasheet(PDF) 5 Page - AVAGO TECHNOLOGIES LIMITED

Part # HCNR201-500E
Description  High-Linearity Analog Optocouplers
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCNR201-500E Datasheet(HTML) 5 Page - AVAGO TECHNOLOGIES LIMITED

  HCNR201-500E Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HCNR201-500E Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HCNR201-500E Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HCNR201-500E Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCNR201-500E Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCNR201-500E Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCNR201-500E Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCNR201-500E Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCNR201-500E Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
5
Solder Reflow Temperature Profile
Regulatory Information
The HCNR200/201 optocoupler features a 0.400” wide, eight pin DIP package. This package was specifically designed
to meet worldwide regulatory requirements. The HCNR200/201 has been approved by the following organizations:
Recommended Pb-Free IR Profile
0
TIME (SECONDS)
200
100
50
150
100
200
250
300
0
30
SEC.
50 SEC.
30
SEC.
160 °C
140 °C
150 °C
PEAK
TEMP.
245 °C
PEAK
TEMP.
240 °C
PEAK
TEMP.
230 °C
SOLDERING
TIME
200 °C
PREHEATING TIME
150 °C, 90 + 30 SEC.
2.5 C ± 0.5 °C/SEC.
3 °C + 1 °C/–0.5 °C
TIGHT
TYPICAL
LOOSE
ROOM
TEMPERATURE
PREHEATING RATE 3 °C + 1 °C/–0.5 °C/SEC.
REFLOW HEATING RATE 2.5 °C ± 0.5 °C/SEC.
NOTE: NON-HALIDE FLUX SHOULD BE USED.
217 °C
RAMP-DOWN
6 °C/SEC. MAX.
RAMP-UP
3 °C/SEC. MAX.
150 - 200 °C
* 245 +0/-5 °C
t 25 °C to PEAK
60 to 150 SEC.
15 SEC.
TIME WITHIN 5 °C of ACTUAL PEAK TEMPERATURE
tp
ts
PREHEAT
60 to 180 SEC.
tL
TL
Tsmax
Tsmin
25
Tp
TIME
NOTES:
THE TIME FROM 25 °C to PEAK
TEMPERATURE = 8 MINUTES MAX.
Tsmax = 200 °C, Tsmin = 150 °C
NOTE: NON-HALIDE FLUX SHOULD BE USED.
UL
Recognized under UL 1577, Component Recognition
Program, FILE E55361
CSA
Approved under CSA Component Acceptance Notice
#5, File CA 88324
IEC/EN/DIN EN 60747-5-2
Approved under
IEC 60747-5-2:1997 + A1:2002
EN 60747-5-2:2001 + A1:2002
DIN EN 60747-5-2 (VDE 0884 Teil 2):2003-01
(Option 050 only)


Similar Part No. - HCNR201-500E

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCNR201-500E AVAGO-HCNR201-500E Datasheet
238Kb / 19P
   High-Linearity Analog Optocouplers
More results

Similar Description - HCNR201-500E

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCNR201-000E AVAGO-HCNR201-000E Datasheet
238Kb / 19P
   High-Linearity Analog Optocouplers
HCNR200-300 AVAGO-HCNR200-300 Datasheet
238Kb / 19P
   High-Linearity Analog Optocouplers
HCNR201 AVAGO-HCNR201 Datasheet
238Kb / 19P
   High-Linearity Analog Optocouplers
HCNR201-300E AVAGO-HCNR201-300E Datasheet
237Kb / 19P
   High-Linearity Analog Optocouplers
HCNR200-500E AVAGO-HCNR200-500E Datasheet
238Kb / 19P
   High-Linearity Analog Optocouplers
HCNR201-300 AVAGO-HCNR201-300 Datasheet
396Kb / 19P
   High-Linearity Analog Optocouplers
logo
Agilent(Hewlett-Packard...
HCNR200 HP-HCNR200 Datasheet
241Kb / 16P
   High-Linearity Analog Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCNR200 AVAGO-HCNR200 Datasheet
238Kb / 19P
   High-Linearity Analog Optocouplers Allows fl exible circuit design
logo
Agilent(Hewlett-Packard...
HCPL-4562 HP-HCPL-4562 Datasheet
266Kb / 17P
   High Bandwidth, Analog/Video Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-4562-300E AVAGO-HCPL-4562-300E Datasheet
358Kb / 17P
   High Bandwidth, Analog/Video Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com