Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSP2a-L2-DC6V Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # DSP2a-L2-DC6V
Description  8 A MINIATURE POWER RELAY IN DS RELAY SERIES
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

DSP2a-L2-DC6V Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  DSP2a-L2-DC6V Datasheet HTML 1Page - List of Unclassifed Manufacturers DSP2a-L2-DC6V Datasheet HTML 2Page - List of Unclassifed Manufacturers DSP2a-L2-DC6V Datasheet HTML 3Page - List of Unclassifed Manufacturers DSP2a-L2-DC6V Datasheet HTML 4Page - List of Unclassifed Manufacturers DSP2a-L2-DC6V Datasheet HTML 5Page - List of Unclassifed Manufacturers DSP2a-L2-DC6V Datasheet HTML 6Page - List of Unclassifed Manufacturers DSP2a-L2-DC6V Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
DS-P
DIMENSIONS (Unit: mm inch)
1. 1 Form A type
External dimensions
Single side stable
2 coil latching
General tolerance:
±0.3 ±.012
0.8
0.8
0.3
10.0 10.5
3.5
1.0
20.2
7.62
7.2
1.21
10.16
0.8
0.8
0.3
10.0 10.5
3.5
1.0
1.0
20.2
7.62
7.62
7.2
1.21
2.54
0.3
11.0
7.62
.031
.012
.394 .413
.138
.039
.795
.300
.283
.048
.400
.031
.012
.394 .413
.138
.039
.039
.795
.300
.300
.283
.048
.012
.433
.300
1
3
0
.
1
3
0
.
.100
PC board pattern (Bottom view)
Single side stable
2 coil latching
Tolerance:
±0.1 ±.004
2.54
4-1.2 dia.
2.54
4-.047 dia.
.100
.100
2.54
6-1.2 dia.
2.54
6-.047 dia.
.100
.100
Schematic (Bottom view)
Single side stable
(Deenergized condition)
2 coil latching
(Reset condition)
8
1
+
16
5
8
1
+
16
5
2
+
15
2. 1 Form A 1 Form B type
External dimensions
Single side stable
2 coil latching
General tolerance:
±0.3 ±.012
0.8
0.8
0.3
10.0 10.5
3.5
1.0
20.2
7.62
7.2
1.21
10.16
0.8
0.8
0.3
10.0 10.5
3.5
1.0
1.0
20.2
7.62
7.62
7.2
1.21
2.54
0.3
11.0
7.62
1
3
0
.
1
3
0
.
.100
.031
.012
.394 .413
.138
.039
.795
.300
.283
.048
.400
.031
.012
.394 .413
.138
.039
.039
.795
.300
.300
.283
.048
.012
.433
.300
PC board pattern (Bottom view)
Single side stable
2 coil latching
Tolerance:
±0.1 ±.004
6-1.2 dia.
2.54
×3
2.54
×3
2.54
×4
6-.047 dia.
.100
×3
.100
×4
.100
×3
8-1.2 dia.
2.54
×3 2.54×3
2.54
×3
2.54
8-.047 dia.
.100
×3
.100
×3 .100×3
.100
Schematic (Bottom view)
Single side stable
(Deenergized condition)
2 coil latching
(Reset condition)
8
1
+
16
5
9
12
1
+
16
2
+
15
8
5
9
12
3. 2 Form A type
External dimensions
Single side stable
2 coil latching
General tolerance:
±0.3 ±.012
0.8
0.8
0.3
10.0 10.5
3.5
1.0
20.2
7.62
7.2
1.21
10.16
0.8
0.8
0.3
10.0 10.5
3.5
1.0
1.0
20.2
7.62
7.62
7.2
1.21
2.54
0.3
11.0
7.62
1
3
0
.
1
3
0
.
.100
.031
.012
.394 .413
.138
.039
.795
.300
.283
.048
.400
.031
.012
.394 .413
.138
.039
.039
.795
.300
.300
.283
.048
.012
.433
.300
PC board pattern (Bottom view)
Single side stable
2 coil latching
Tolerance:
±0.1 ±.004
6-1.2 dia.
2.54
×3
2.54
×3
2.54
×4
6-.047 dia.
.100
×3
.100
×4
.100
×3
8-1.2 dia.
2.54
×3 2.54×3
2.54
×3
2.54
8-.047 dia.
.100
×3
.100
×3 .100×3
.100
Schematic (Bottom view)
Single side stable
(Deenergized condition)
2 coil latching
(Reset condition)
8
1
+
16
5
9
12
1
+
16
2
+
15
8
5
9
12
All Rights Reserved © C
OPYRIGHT
Panasonic Electric Works, Ltd.


Similar Part No. - DSP2a-L2-DC6V

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
DSP2A-L2-DC6V NAIS-DSP2A-L2-DC6V Datasheet
174Kb / 5P
   MINIATURE POWER RELAY IN DS RELAY SERIES
logo
Panasonic Semiconductor
DSP2A-L2-DC6V PANASONIC-DSP2A-L2-DC6V Datasheet
107Kb / 6P
   1a 8A, 1a1b/2a 5A small polarized power relays
DSP2A-L2-DC6V PANASONIC-DSP2A-L2-DC6V Datasheet
1Mb / 7P
   8 A MINIATURE POWER RELAY IN DS RELAY SERIES
logo
Nais(Matsushita Electri...
DSP2A-L2-DC6V-R NAIS-DSP2A-L2-DC6V-R Datasheet
174Kb / 5P
   MINIATURE POWER RELAY IN DS RELAY SERIES
More results

Similar Description - DSP2a-L2-DC6V

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
DSP2A-12V PANASONIC-DSP2A-12V Datasheet
1Mb / 7P
   8 A MINIATURE POWER RELAY IN DS RELAY SERIES
logo
Nais(Matsushita Electri...
DSP1-DC3V NAIS-DSP1-DC3V Datasheet
174Kb / 5P
   MINIATURE POWER RELAY IN DS RELAY SERIES
logo
Panasonic Semiconductor
DSP1-DC12V-R-F PANASONIC-DSP1-DC12V-R-F Datasheet
136Kb / 6P
   8 A MINIATURE POWER RELAY IN DS RELAY SERIES Latching types available
logo
ZETTLER Electronics
AZ742 ZETTLER-AZ742 Datasheet
182Kb / 4P
   8 A DPDT MINIATURE POWER RELAY
logo
American Zettler, Inc.
AZ742 AZETTLER-AZ742 Datasheet
91Kb / 2P
   8 A DPDT MINIATURE POWER RELAY
logo
ZETTLER Electronics
AZ742S ZETTLER-AZ742S Datasheet
84Kb / 4P
   8 A DPDT MINIATURE POWER RELAY SMT
AZ742S ZETTLER-AZ742S_12 Datasheet
84Kb / 4P
   8 A DPDT MINIATURE POWER RELAY SMT
logo
Panasonic Semiconductor
DK18-L2-12V-F PANASONIC-DK18-L2-12V-F Datasheet
131Kb / 5P
   10 A MINIATURE POWER RELAY
logo
ZETTLER Electronics
AZ762 ZETTLER-AZ762_14 Datasheet
51Kb / 3P
   16 A SPDT MINIATURE POWER RELAY
AZ764 ZETTLER-AZ764_13 Datasheet
99Kb / 4P
   16 A SPDT MINIATURE POWER RELAY
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com