Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C1021D-10VXIT Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CY7C1021D-10VXIT
Description  1-Mbit (64 K 횞 16) Static RAM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1021D-10VXIT Datasheet(HTML) 5 Page - Cypress Semiconductor

  CY7C1021D-10VXIT Datasheet HTML 1Page - Cypress Semiconductor CY7C1021D-10VXIT Datasheet HTML 2Page - Cypress Semiconductor CY7C1021D-10VXIT Datasheet HTML 3Page - Cypress Semiconductor CY7C1021D-10VXIT Datasheet HTML 4Page - Cypress Semiconductor CY7C1021D-10VXIT Datasheet HTML 5Page - Cypress Semiconductor CY7C1021D-10VXIT Datasheet HTML 6Page - Cypress Semiconductor CY7C1021D-10VXIT Datasheet HTML 7Page - Cypress Semiconductor CY7C1021D-10VXIT Datasheet HTML 8Page - Cypress Semiconductor CY7C1021D-10VXIT Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
CY7C1021D
Document Number: 38-05462 Rev. *K
Page 5 of 16
Capacitance
Parameter [3]
Description
Test Conditions
Max
Unit
CIN
Input capacitance
TA = 25C, f = 1 MHz, VCC = 5.0 V
8
pF
COUT
Output capacitance
8pF
Thermal Resistance
Parameter [3]
Description
Test Conditions
44-pin SOJ
44-pin TSOP II Unit
JA
Thermal resistance
(junction to ambient)
Still Air, soldered on a 3 × 4.5 inch, four-layer
printed circuit board
59.52
53.91
C/W
JC
Thermal resistance
(junction to case)
36.75
21.24
C/W
AC Test Loads and Waveforms
Figure 2. AC Test Loads and Waveforms [4]
90%
10%
3.0 V
GND
90%
10%
ALL INPUT PULSES
* CAPACITIVE LOAD CONSISTS
OF ALL COMPONENTS OF THE
TEST ENVIRONMENT
Rise Time:
3 ns
Fall Time:
3 ns
30 pF*
OUTPUT
Z = 50
50

1.5 V
(b)
(a)
5 V
OUTPUT
5 pF
(c)
R1 480

R2
255

High-Z characteristics:
INCLUDING
JIG AND
SCOPE
Notes
3. Tested initially and after any design or process changes that may affect these parameters.
4. AC characteristics (except High Z) are tested using the load conditions shown in Figure 2 (a). High Z characteristics are tested for all speeds using the test load
shown in Figure 2 (c).


Similar Part No. - CY7C1021D-10VXIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1021D-10VXI CYPRESS-CY7C1021D-10VXI Datasheet
558Kb / 11P
   1-Mbit (64K x 16) Static RAM
CY7C1021D-10VXI CYPRESS-CY7C1021D-10VXI Datasheet
510Kb / 16P
   1-Mbit (64 K 횞 16) Static RAM CMOS for Optimum Speed and Power
More results

Similar Description - CY7C1021D-10VXIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1021BN CYPRESS-CY7C1021BN_11 Datasheet
503Kb / 14P
   1-Mbit (64 K 횞 16) Static RAM
CY7C1021CV26 CYPRESS-CY7C1021CV26_10 Datasheet
538Kb / 15P
   1-Mbit (64 K 횞 16) Static RAM
CY7C1021DV33-10ZSXIT CYPRESS-CY7C1021DV33-10ZSXIT Datasheet
360Kb / 13P
   1-Mbit (64 K x 16) Static RAM
CY62126ESL CYPRESS-CY62126ESL_13 Datasheet
509Kb / 16P
   1-Mbit (64 K x 16) Static RAM
FM28V102A CYPRESS-FM28V102A Datasheet
367Kb / 20P
   1-Mbit (64 K 횞 16) F-RAM Memory
CY7C1041CV33 CYPRESS-CY7C1041CV33_10 Datasheet
471Kb / 15P
   4-Mbit (256 K 횞 16) Static RAM
CY621472EV30 CYPRESS-CY621472EV30 Datasheet
492Kb / 14P
   4-Mbit (256 K 횞 16) Static RAM
CY62187EV30 CYPRESS-CY62187EV30_12 Datasheet
270Kb / 15P
   64-Mbit (4 M 횞 16) Static RAM
CY621472E30 CYPRESS-CY621472E30 Datasheet
505Kb / 16P
   4-Mbit (256 K 횞 16) Static RAM
CY7C1011CV33 CYPRESS-CY7C1011CV33_13 Datasheet
510Kb / 16P
   2-Mbit (128 K 횞 16) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com