Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430G2755IRHA40 Datasheet(PDF) 5 Page - Texas Instruments

Part # MSP430G2755IRHA40
Description  MIXED SIGNAL MICROCONTROLLER
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP430G2755IRHA40 Datasheet(HTML) 5 Page - Texas Instruments

  MSP430G2755IRHA40 Datasheet HTML 1Page - Texas Instruments MSP430G2755IRHA40 Datasheet HTML 2Page - Texas Instruments MSP430G2755IRHA40 Datasheet HTML 3Page - Texas Instruments MSP430G2755IRHA40 Datasheet HTML 4Page - Texas Instruments MSP430G2755IRHA40 Datasheet HTML 5Page - Texas Instruments MSP430G2755IRHA40 Datasheet HTML 6Page - Texas Instruments MSP430G2755IRHA40 Datasheet HTML 7Page - Texas Instruments MSP430G2755IRHA40 Datasheet HTML 8Page - Texas Instruments MSP430G2755IRHA40 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 72 page
background image
MSP430G2955
MSP430G2855
MSP430G2755
www.ti.com
SLAS800 – MARCH 2013
Table 2. Terminal Functions (continued)
TERMINAL
NO.
I/O
DESCRIPTION
NAME
DA
RHA
P2.5/
General-purpose digital I/O pin
TA1.0/
3
40
I/O
Timer_A, capture: CCI0B input or BSL receive, compare: OUT0 output
ROSC
Input for external DCO resistor to define DCO frequency
XIN/
Input terminal of crystal oscillator
6
3
I/O
P2.6
General-purpose digital I/O pin
XOUT/
Output terminal of crystal oscillator
5
2
I/O
P2.7
General-purpose digital I/O pin(2)
P3.0/
General-purpose digital I/O pin
UCB0STE/
USCI_B0 slave transmit enable
11
9
I/O
UCA0CLK/
USCI_A0 clock input/output
A5
ADC10, analog input A5
P3.1/
General-purpose digital I/O pin
UCB0SIMO/
12
10
I/O
USCI_B0 slave in, master out in SPI mode
UCB0SDA
USCI_B0 SDA I2C data in I2C mode
P3.2/
General-purpose digital I/O pin
UCB0SOMI/
13
11
I/O
USCI_B0 slave out, master in SPI mode
UCB0SCL
USCI_B0 SCL I2C clock in I2C mode
P3.3/
General-purpose digital I/O pin
UCB0CLK/
14
12
I/O
USCI_B0 clock input/output
UCA0STE
USCI_A0 slave transmit enable
P3.4/
General-purpose digital I/O pin
UCA0TXD/
25
23
I/O
USCI_A0 transmit data output in UART mode
UCA0SIMO
USCI_A0 slave in, master out in SPI mode
P3.5/
General-purpose digital I/O pin
UCA0RXD/
26
24
I/O
USCI_A0 receive data input in UART mode
UCA0SOMI
USCI_A0 slave out, master in SPI mode
P3.6/
General-purpose digital I/O pin
TA1.1/
27
25
I/O
Timer_A, capture: CCI1B input or BSL receive, compare: OUT2 output
A6
ADC10 analog input A6
P3.7/
General-purpose digital I/O pin
TA1.2/
28
26
I/O
Timer_A, capture: CCI2B input or BSL receive, compare: OUT2 output
A7
ADC10 analog input A7
P4.0/
General-purpose digital I/O pin
TB0.0/
17
15
I/O
Timer_B, capture: CCI0A input, compare: OUT0 output
CA0
Comparator_A+, CA0 input
P4.1/
General-purpose digital I/O pin
TB0.1/
18
16
I/O
Timer_B, capture: CCI1A input, compare: OUT1 output
CA1
Comparator_A+, CA1 input
P4.2/
General-purpose digital I/O pin
TB0.2/
19
17
I/O
Timer_B, capture: CCI2A input, compare: OUT2 output
CA2
Comparator_A+, CA2 input
(2)
If XOUT/P2.7 is used as an input, excess current flows until P2SEL.7 is cleared. This is due to the oscillator output driver connection to
this pad after reset.
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: MSP430G2955 MSP430G2855 MSP430G2755


Similar Part No. - MSP430G2755IRHA40

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430G2755IRHA40 TI1-MSP430G2755IRHA40 Datasheet
1Mb / 73P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430G2755IRHA40R TI1-MSP430G2755IRHA40R Datasheet
1Mb / 73P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430G2755IRHA40T TI1-MSP430G2755IRHA40T Datasheet
1Mb / 73P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results

Similar Description - MSP430G2755IRHA40

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F41X2 TI-MSP430F41X2 Datasheet
1Mb / 82P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430L092 TI-MSP430L092 Datasheet
691Kb / 44P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430P325 TI-MSP430P325_10 Datasheet
577Kb / 39P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F543X TI-MSP430F543X_1 Datasheet
927Kb / 90P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X11X TI-MSP430X11X_11 Datasheet
548Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X461X1 TI-MSP430X461X1_10 Datasheet
1Mb / 95P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F11X TI-MSP430F11X_11 Datasheet
686Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F15X TI-MSP430F15X Datasheet
1Mb / 77P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F22X2 TI-MSP430F22X2 Datasheet
896Kb / 81P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F550X TI-MSP430F550X Datasheet
1Mb / 110P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430FE42XA TI-MSP430FE42XA_10 Datasheet
874Kb / 47P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com