Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430G2444IRHA40 Datasheet(PDF) 1 Page - Texas Instruments

Part # MSP430G2444IRHA40
Description  MIXED SIGNAL MICROCONTROLLER
Download  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP430G2444IRHA40 Datasheet(HTML) 1 Page - Texas Instruments

  MSP430G2444IRHA40 Datasheet HTML 1Page - Texas Instruments MSP430G2444IRHA40 Datasheet HTML 2Page - Texas Instruments MSP430G2444IRHA40 Datasheet HTML 3Page - Texas Instruments MSP430G2444IRHA40 Datasheet HTML 4Page - Texas Instruments MSP430G2444IRHA40 Datasheet HTML 5Page - Texas Instruments MSP430G2444IRHA40 Datasheet HTML 6Page - Texas Instruments MSP430G2444IRHA40 Datasheet HTML 7Page - Texas Instruments MSP430G2444IRHA40 Datasheet HTML 8Page - Texas Instruments MSP430G2444IRHA40 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 73 page
background image
MSP430G2744
MSP430G2544
MSP430G2444
www.ti.com
SLAS892A – MARCH 2013 – REVISED APRIL 2013
MIXED SIGNAL MICROCONTROLLER
Check for Samples: MSP430G2744, MSP430G2544, MSP430G2444
1
FEATURES
23
Low Supply Voltage Range: 1.8 V to 3.6 V
10-Bit 200-ksps Analog-to-Digital (A/D)
Converter With Internal Reference, Sample-
Ultra-Low Power Consumption
and-Hold, Autoscan, and Data Transfer
Active Mode: 270 µA at 1 MHz, 2.2 V
Controller
Standby Mode: 1 µA
Brownout Detector
Off Mode (RAM Retention): 0.1 µA
Serial Onboard Programming, No External
Ultra-Fast Wake-Up From Standby Mode in
Programming Voltage Needed, Programmable
Less Than 1 µs
Code Protection by Security Fuse
16-Bit RISC Architecture, 62.5-ns Instruction
Bootstrap Loader
Cycle Time
On-Chip Emulation Module
Basic Clock Module Configurations
Family Members
Internal Frequencies up to 16 MHz With
MSP430G2444
Four Calibrated Frequencies
8KB + 256B Flash Memory
Internal Very-Low-Power Low-Frequency
512B RAM
(LF) Oscillator
MSP430G2544
32-kHz Crystal
16KB + 256B Flash Memory
High-Frequency (HF) Crystal up to 16 MHz
512B RAM
Resonator
MSP430G2744
External Digital Clock Source
32KB + 256B Flash Memory
External Resistor
1KB RAM
16-Bit Timer_A With Three Capture/Compare
Registers
Family Members are Summarized in Table 1
16-Bit Timer_B With Three Capture/Compare
Package Options
Registers
TSSOP: 38 Pin (DA)
Universal Serial Communication Interface
QFN: 40 Pin (RHA)
Enhanced UART Supports Auto-Baudrate
DSBGA: 49 Pin (YFF)
Detection (LIN)
PDIP: 40 Pin (N) Available in Sampling
IrDA Encoder and Decoder
Quantities
Synchronous SPI
For Complete Module Descriptions, See the
I2C™
MSP430x2xx Family User's Guide (SLAU144)
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
MSP430 is a trademark of Texas Instruments.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - MSP430G2444IRHA40

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430G2444IRHA40R TI1-MSP430G2444IRHA40R Datasheet
1Mb / 74P
[Old version datasheet]   MSP430G2x44 Mixed Signal Microcontrollers
MSP430G2444IRHA40R TI1-MSP430G2444IRHA40R Datasheet
1Mb / 84P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430G2444IRHA40T TI1-MSP430G2444IRHA40T Datasheet
1Mb / 74P
[Old version datasheet]   MSP430G2x44 Mixed Signal Microcontrollers
MSP430G2444IRHA40T TI1-MSP430G2444IRHA40T Datasheet
1Mb / 84P
[Old version datasheet]   Mixed-Signal Microcontrollers
More results

Similar Description - MSP430G2444IRHA40

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F41X2 TI-MSP430F41X2 Datasheet
1Mb / 82P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430L092 TI-MSP430L092 Datasheet
691Kb / 44P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430P325 TI-MSP430P325_10 Datasheet
577Kb / 39P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F543X TI-MSP430F543X_1 Datasheet
927Kb / 90P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X11X TI-MSP430X11X_11 Datasheet
548Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X461X1 TI-MSP430X461X1_10 Datasheet
1Mb / 95P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F11X TI-MSP430F11X_11 Datasheet
686Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F15X TI-MSP430F15X Datasheet
1Mb / 77P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F22X2 TI-MSP430F22X2 Datasheet
896Kb / 81P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F550X TI-MSP430F550X Datasheet
1Mb / 110P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430FE42XA TI-MSP430FE42XA_10 Datasheet
874Kb / 47P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com