Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTR-546AD Datasheet(PDF) 3 Page - Lite-On Technology Corporation

Part # LTR-546AD
Description  HIGH PHOTO SENSITIVITY
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTR-546AD Datasheet(HTML) 3 Page - Lite-On Technology Corporation

  LTR-546AD Datasheet HTML 1Page - Lite-On Technology Corporation LTR-546AD Datasheet HTML 2Page - Lite-On Technology Corporation LTR-546AD Datasheet HTML 3Page - Lite-On Technology Corporation LTR-546AD Datasheet HTML 4Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
LITE-ON
TECHNOLOGY CORPORATION.
P r o p e r t y o f L i t e - O n O n l y
TYPICAL ELECTRICAL / OPTICAL CHARACTERISTICS CURVES
(25℃ Ambient Temperature Unless Otherwise Noted)
10
-1
0
1
2
3
10
10
10
10
10
-2
-1
0
1
2
10
10
10
10
Fig.1 DARK CURRENT VS.
REVERSE VOLTAGE
TA=25° C, Ee=0 mW/cm
Fig.2 CAPACITANCE VS.
REVERSE VOLTAGE
F=1MHZ; Ee=0mW/cm
Fig.3 PHOTOCURRENT VS.
AMBIENT TEMPERATURE
Fig.4 DARK CURRENT
AMBIENT TEMPERATURE
VR=10, Ee=0mW/cm
Reverse Voltage VR
Ambient Temperature
Reverse Voltage VR
Ambient Temperature
pA
nA
2
2
2
4000
3000
2000
1000
0
0
5
10
20
15
V
V
100
80
60
40
20
0
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
-20
0
20
40
60
80 C
0
20
40
60
80
100
pF
o
C
o
Part No. : LTR-546AD DATA SHEET
Page :
3
of
4
BNS-OD-C131/A4


Similar Part No. - LTR-546AD

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTR-546AB LITEON-LTR-546AB Datasheet
263Kb / 5P
   IR Emitter and Detector
More results

Similar Description - LTR-546AD

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTR-516AD LITEON-LTR-516AD Datasheet
85Kb / 4P
   HIGH PHOTO SENSITIVITY
LTR-536AD LITEON-LTR-536AD Datasheet
258Kb / 5P
   HIGH PHOTO SENSITIVITY
logo
Sharp Corporation
GP2L04 SHARP-GP2L04 Datasheet
135Kb / 4P
   SUBMINIATURE HIGH SENSITIVITY PHOTO INTERRUPTER
logo
KODENSHI_AUK CORP.
ST-309 KODENSHI-ST-309 Datasheet
261Kb / 2P
   Photo transistors(high-sensitivity Silicon phototransistor)
SP-101 KODENSHI-SP-101 Datasheet
229Kb / 2P
   Photo diodes(high-sensitivity photodiode mounted)
ST-1MLA KODENSHI-ST-1MLA Datasheet
243Kb / 2P
   Photo transistors(high-sensitivity NPN silicon phototransistors mounted)
ST-1CL3H KODENSHI-ST-1CL3H Datasheet
210Kb / 2P
   Photo transistors(high sensitivity NPN silicon phototransistor mounted)
ST-1MLAR2 KODENSHI-ST-1MLAR2 Datasheet
244Kb / 2P
   Photo transistors(high-sensitivity NPN silicon phototransistors mounted)
ST-325 KODENSHI-ST-325 Datasheet
272Kb / 2P
   Photo transistors(high sensitivity NPN silicon phototransistor mounted)
ST-313R4 KODENSHI-ST-313R4 Datasheet
295Kb / 2P
   Photo transistors(high-sensitivity Silicon phototransistor with two-phaseoutput)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com